Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

P82B96PN Datasheet(PDF) 8 Page - NXP Semiconductors

Part # P82B96PN
Description  Dual bidirectional bus buffer
Download  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

P82B96PN Datasheet(HTML) 8 Page - NXP Semiconductors

Back Button P82B96PN Datasheet HTML 4Page - NXP Semiconductors P82B96PN Datasheet HTML 5Page - NXP Semiconductors P82B96PN Datasheet HTML 6Page - NXP Semiconductors P82B96PN Datasheet HTML 7Page - NXP Semiconductors P82B96PN Datasheet HTML 8Page - NXP Semiconductors P82B96PN Datasheet HTML 9Page - NXP Semiconductors P82B96PN Datasheet HTML 10Page - NXP Semiconductors P82B96PN Datasheet HTML 11Page - NXP Semiconductors P82B96PN Datasheet HTML 12Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 26 page
background image
P82B96_6
© NXP B.V. 2008. All rights reserved.
Product data sheet
Rev. 06 — 31 January 2008
8 of 28
NXP Semiconductors
P82B96
Dual bidirectional bus buffer
[1]
Limit data for +125
°C applies to P82B96TD/S410 version. It is guaranteed by design/characterization, but not by 100 % test.
[2]
The minimum value requirement for pull-up current, 200
µA, guarantees that the minimum value for V
Sx output LOW will always exceed
the minimum VSx input HIGH level to eliminate any possibility of latching. The specified difference is guaranteed by design within any IC.
While the tolerances on absolute levels allow a small probability the LOW from one Sx output is recognized by an Sx input of another
P82B96, this has no consequences for normal applications. In any design the Sx pins of different ICs should never be linked because
the resulting system would be very susceptible to induced noise and would not support all I2C-bus operating modes.
[3]
The output logic LOW depends on the sink current. For scaling, see
Application Note AN255.
[4]
The input logic threshold is independent of the supply voltage.
[5]
The fall time of VTx from 5 V to 2.5 V in the test is approximately 15 ns.
The fall time of VSx from 5 V to 2.5 V in the test is approximately 50 ns.
The rise time of VTx from 0 V to 2.5 V in the test is approximately 20 ns.
The rise time of VSx from 0.9 V to 2.5 V in the test is approximately 70 ns.
Tfall delay
VRx to
VSx, VRy
to VSy
buffer time delay on
falling input between
VRx = input switching
threshold, and VSx
output falling 50 %
RSx pull-up = 1500 Ω;
no capacitive load;
VCC =5V
-
250
-
-
-
ns
Trise delay
VRx to
VSx, VRy
to VSy
buffer time delay on
rising input between
VRx = input switching
threshold, and VSx
output reaching 50 %
VCC
RSx pull-up = 1500 Ω;
no capacitive load;
VCC =5V
-
270
-
-
-
ns
Input capacitance
Ci
input capacitance
effective input
capacitance of any
signal pin measured
by incremental bus
rise times
--
7
-
7
pF
Table 5.
Characteristics …continued
Tamb = +25 °C; voltages are specified with respect to GND with VCC = 5 V, unless otherwise specified.
Symbol
Parameter
Conditions
Tamb = +25 °C
Tamb = −40 °C to
+125
°C[1]
Unit
Min
Typ
Max
Min
Max


Similar Part No. - P82B96PN

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
P82B96PN PHILIPS-P82B96PN Datasheet
217Kb / 16P
   Dual bi-directional bus buffer
2004 Mar 26
P82B96PN NXP-P82B96PN Datasheet
514Kb / 32P
   Dual bidirectional bus buffer
Rev. 08-10 November 2009
P82B96PN NXP-P82B96PN Datasheet
514Kb / 32P
   Dual bidirectional bus buffer
Rev. 08-10 November 2009
P82B96PN NXP-P82B96PN Datasheet
514Kb / 32P
   Dual bidirectional bus buffer Rev. 08 ??10 November 2009
Rev. 08-10 November 2009
More results

Similar Description - P82B96PN

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
PCA9600 NXP-PCA9600 Datasheet
499Kb / 30P
   Dual bidirectional bus buffer
Rev. 04-11 November 2009
P82B96 NXP-P82B96 Datasheet
514Kb / 32P
   Dual bidirectional bus buffer
Rev. 08-10 November 2009
logo
Texas Instruments
P82B96 TI-P82B96_09 Datasheet
658Kb / 28P
[Old version datasheet]   DUAL BIDIRECTIONAL BUS BUFFER
logo
NXP Semiconductors
PCA9600 NXP-PCA9600_11 Datasheet
382Kb / 31P
   Dual bidirectional bus buffer
Rev. 5-5 May 2011
P82B96TD-T NXP-P82B96TD-T Datasheet
514Kb / 32P
   Dual bidirectional bus buffer
Rev. 08-10 November 2009
PCA9601 NXP-PCA9601 Datasheet
389Kb / 32P
   Dual bidirectional bus buffer
Rev. 2-6 May 2011
logo
Texas Instruments
P82B96 TI-P82B96 Datasheet
458Kb / 26P
[Old version datasheet]   DUAL BIDIRECTIONAL BUS BUFFER
P82B96 TI1-P82B96_15 Datasheet
1Mb / 34P
[Old version datasheet]   I2C Compatible Dual Bidirectional Bus Buffer
logo
Toshiba Semiconductor
TC40H242P TOSHIBA-TC40H242P Datasheet
206Kb / 4P
   QUAD BIDIRECTIONAL BUS BUFFER
logo
NXP Semiconductors
P82B96TD-112 NXP-P82B96TD-112 Datasheet
514Kb / 32P
   Dual bidirectional bus buffer Rev. 08 ??10 November 2009
Rev. 08-10 November 2009
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com