Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

P5CC073XS Datasheet(PDF) 6 Page - NXP Semiconductors

Part # P5CC073XS
Description  Secure dual interface and contact PKI smart card controller
Download  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

P5CC073XS Datasheet(HTML) 6 Page - NXP Semiconductors

Back Button P5CC073XS Datasheet HTML 2Page - NXP Semiconductors P5CC073XS Datasheet HTML 3Page - NXP Semiconductors P5CC073XS Datasheet HTML 4Page - NXP Semiconductors P5CC073XS Datasheet HTML 5Page - NXP Semiconductors P5CC073XS Datasheet HTML 6Page - NXP Semiconductors P5CC073XS Datasheet HTML 7Page - NXP Semiconductors P5CC073XS Datasheet HTML 8Page - NXP Semiconductors P5CC073XS Datasheet HTML 9Page - NXP Semiconductors P5CC073XS Datasheet HTML 10Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 18 page
background image
P5CX012_02X_40_73_80_144_FAM_SDS_3
© NXP B.V. 2008. All rights reserved.
Objective short data sheet
Rev. 03 — 24 January 2008
6 of 18
NXP Semiconductors
P5Cx012/02x/40/73/80/144 family
Secure dual interface and contact PKI smart card controller
I Versatile EEPROM programming of 1 B to 64 B at a time or, optionally 1 B to 128 B at
a time
I Typical EEPROM page erasing time: 1.7 ms
I Typical EEPROM page programming time: 1.0 ms
N Power-saving Idle mode
N Wake-up from Idle mode by RESET or any activated interrupt
N Power-saving Sleep (power-down) mode or Clockstop mode
N Wake-up from Sleep or Clockstop mode by RESET or external interrupt
I Contact configuration and serial interface according to ISO/IEC 7816: GND, VDD,
CLK, RST_N, IO1
I ISO/IEC 7816 UART supporting standard protocols T = 0 and T = 1 as well as high
speed personalization up to 1 Mbit/s
I External or internally generated configurable CPU clock
I 1 MHz to 10 MHz operating external clock frequency range
N Internal CPU clock up to 30 MHz with synchronous operation
N Internal clocking independent of externally applied frequency
I High speed 16-bit CRC engine according to ITU-T polynomial definition
I Low power Random Number Generator (RNG) in hardware, AIS-31 compliant
I 1.62 V to 5.5 V extended operating voltage range for class C, B and A
I Optional extended Class B operation mode (targeted for battery supplied applications)
I −25 °Cto+85 °C ambient temperature
I Broad spectrum of delivery types:
N Wafers
N Modules
2.2 Product specific family features
I P5CC021, P5CC040, P5CC073, P5CC080 and P5CC144
N ISO/IEC 7816 contact interface
N Two additional IO ports IO2 and IO3 for full-duplex serial data communication
I P5CD012, P5CD020, P5CD040, P5CD080 and P5CD144
N CIU fully compatible with ISO/IEC 14443 A:
- Fully supports the T = CL protocol according ISO/IEC 14443-4
- Data transfer rates supported: 106 kbit/s, 212 kbit/s, 424 kbit/s and 848 kbit/s
N MIFARE contactless interface according ISO/IEC 14443-2:
- 13.56 MHz operating frequency
- Reliable communication due to 100 % ASK
- High speed efficient frame support
- True anticollision
N MIFARE reader infrastructure compatibility
N Optional MIFARE 1 KB and MIFARE 4 KB emulation
N Two additional IO ports IO2 and IO3 for full-duplex serial data communication
I P5CN080 and P5CN144
N S2C interface
N One additional IO port IO2 for full-duplex serial data communication


Similar Part No. - P5CC073XS

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
P5CC008UA NXP-P5CC008UA Datasheet
151Kb / 15P
   Secure contact PKI smart card controller
Rev. 3-22 August 2012
P5CC008V1A NXP-P5CC008V1A Datasheet
151Kb / 15P
   Secure contact PKI smart card controller
Rev. 3-22 August 2012
P5CC008XQ NXP-P5CC008XQ Datasheet
151Kb / 15P
   Secure contact PKI smart card controller
Rev. 3-22 August 2012
P5CC008XR NXP-P5CC008XR Datasheet
151Kb / 15P
   Secure contact PKI smart card controller
Rev. 3-22 August 2012
P5CC008XS NXP-P5CC008XS Datasheet
151Kb / 15P
   Secure contact PKI smart card controller
Rev. 3-22 August 2012
More results

Similar Description - P5CC073XS

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
P5CD016 NXP-P5CD016 Datasheet
159Kb / 20P
   Secure dual interface and contact PKI smart card controller
Rev. 3.2-14 March 2011
P5CC008V1A NXP-P5CC008V1A Datasheet
151Kb / 15P
   Secure contact PKI smart card controller
Rev. 3-22 August 2012
P60C080 NXP-P60C080 Datasheet
105Kb / 12P
   Secure high-performance contact interface smart card controller
Rev. 1??1 October 2010
P60D080 NXP-P60D080 Datasheet
217Kb / 12P
   Secure high-performance dual interface smart card controller
Rev. 1?? September 2010
TDA8020HL PHILIPS-TDA8020HL Datasheet
114Kb / 24P
   Dual smart card interface
2001 Aug 15
logo
Texas Instruments
PCI7420 TI-PCI7420 Datasheet
1Mb / 248P
[Old version datasheet]   DUAL SOCKET CARDBUS AND SMART CARD CONTROLLER
logo
Linear Technology
LTC4558 LINER-LTC4558_15 Datasheet
157Kb / 12P
   Dual SIM/Smart Card Power Supply and Interface
LTC4558 LINER-LTC4558 Datasheet
159Kb / 12P
   Dual SIM/Smart Card Power Supply and Interface
LTC4557 LINER-LTC4557 Datasheet
231Kb / 12P
   Dual SIM/Smart Card Power Supply and Interface
LTC4557 LINER-LTC4557_15 Datasheet
230Kb / 12P
   Dual SIM/Smart Card Power Supply and Interface
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com