Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PESD5V0S4UF Datasheet(PDF) 3 Page - NXP Semiconductors

Part # PESD5V0S4UF
Description  Unidirectional quadruple ESD protection diode arrays
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

PESD5V0S4UF Datasheet(HTML) 3 Page - NXP Semiconductors

  PESD5V0S4UF Datasheet HTML 1Page - NXP Semiconductors PESD5V0S4UF Datasheet HTML 2Page - NXP Semiconductors PESD5V0S4UF Datasheet HTML 3Page - NXP Semiconductors PESD5V0S4UF Datasheet HTML 4Page - NXP Semiconductors PESD5V0S4UF Datasheet HTML 5Page - NXP Semiconductors PESD5V0S4UF Datasheet HTML 6Page - NXP Semiconductors PESD5V0S4UF Datasheet HTML 7Page - NXP Semiconductors PESD5V0S4UF Datasheet HTML 8Page - NXP Semiconductors PESD5V0S4UF Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 13 page
background image
PESD3V3S4UF_PESD5V0S4UF_1
© NXP B.V. 2008. All rights reserved.
Product data sheet
Rev. 01 — 17 January 2008
3 of 13
NXP Semiconductors
PESD3V3S4UF; PESD5V0S4UF
Unidirectional quadruple ESD protection diode arrays
[1]
Non-repetitive current pulse 8/20
µs exponential decay waveform according to IEC 61000-4-5.
[2]
Measured from pin 1, 3, 4 or 6 to pin 2 or 5.
[1]
Device stressed with ten non-repetitive ESD pulses.
[2]
Measured from pin 1, 3, 4 or 6 to pin 2 or 5.
Per device
Tj
junction temperature
-
150
°C
Tamb
ambient temperature
−55
+150
°C
Tstg
storage temperature
−65
+150
°C
Table 6.
ESD maximum ratings
Tamb =25 °C unless otherwise specified.
Symbol
Parameter
Conditions
Min
Max
Unit
Per diode
VESD
electrostatic discharge voltage
IEC 61000-4-2
(contact discharge)
[1][2] -30
kV
MIL-STD-883 (human
body model)
-10
kV
Table 7.
ESD standards compliance
Standard
Conditions
Per diode
IEC 61000-4-2; level 4 (ESD)
> 15 kV (air); > 8 kV (contact)
MIL-STD-883; class 3 (human body model)
> 4 kV
Table 5.
Limiting values …continued
In accordance with the Absolute Maximum Rating System (IEC 60134).
Symbol
Parameter
Conditions
Min
Max
Unit
Fig 1.
8/20
µs pulse waveform according to
IEC 61000-4-5
Fig 2.
ESD pulse waveform according to
IEC 61000-4-2
t (
µs)
040
30
10
20
001aaa630
40
80
120
IPP
(%)
0
e−t
100 % IPP; 8 µs
50 % IPP; 20 µs
001aaa631
IPP
100 %
90 %
t
30 ns
60 ns
10 %
tr = 0.7 ns to 1 ns


Similar Part No. - PESD5V0S4UF

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
PESD5V0S4UF PHILIPS-PESD5V0S4UF Datasheet
91Kb / 13P
   Unidirectional quadruple ESD protection diode arrays
Rev. 01-17 January 2008
logo
Nexperia B.V. All right...
PESD5V0S4UF NEXPERIA-PESD5V0S4UF Datasheet
608Kb / 13P
   Unidirectional quadruple ESD protection diode arrays
Rev. 01 - 17 January 2008
More results

Similar Description - PESD5V0S4UF

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
PESD3V3S4UF PHILIPS-PESD3V3S4UF Datasheet
91Kb / 13P
   Unidirectional quadruple ESD protection diode arrays
Rev. 01-17 January 2008
logo
Nexperia B.V. All right...
PESD3V3S4UF NEXPERIA-PESD3V3S4UF Datasheet
608Kb / 13P
   Unidirectional quadruple ESD protection diode arrays
Rev. 01 - 17 January 2008
PESDXL4UF-G-W NEXPERIA-PESDXL4UF-G-W Datasheet
661Kb / 17P
   Low capacitance unidirectional quadruple ESD protection diode arrays
Rev. 04 - 28 February 2008
logo
NXP Semiconductors
PESD3V3L4UW-115 PHILIPS-PESD3V3L4UW-115 Datasheet
118Kb / 17P
   Low capacitance unidirectional quadruple ESD protection diode arrays
Rev. 04-28 February 2008
PESDXL4UF PHILIPS-PESDXL4UF Datasheet
118Kb / 17P
   Low capacitance unidirectional quadruple ESD protection diode arrays
Rev. 04-28 February 2008
logo
Nexperia B.V. All right...
PESDXL4UF NEXPERIA-PESDXL4UF Datasheet
661Kb / 17P
   Low capacitance unidirectional quadruple ESD protection diode arrays
Rev. 04 - 28 February 2008
logo
Pan Jit International I...
PJESD5V6LC-4W PANJIT-PJESD5V6LC-4W Datasheet
213Kb / 4P
   LOW CAPACITANCE UNIDIRECTIONAL QUADRUPLE ESD PROTECTION DIODE ARRAYS
logo
NXP Semiconductors
PESDXL4UF NXP-PESDXL4UF Datasheet
323Kb / 17P
   Low capacitance unidirectional quadruple ESD protection diode arrays
Rev. 04-28 February 2008
logo
Nexperia B.V. All right...
PESD3V3V4UK NEXPERIA-PESD3V3V4UK Datasheet
629Kb / 16P
   Very low capacitance unidirectional quadruple ESD protection diode arrays
PESDXV4UK_SER NEXPERIA-PESDXV4UK_SER Datasheet
529Kb / 15P
   Very low capacitance unidirectional quadruple ESD protection diode arrays
Rev. 1 - 25 August 2010
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com