Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TDA8295 Datasheet(PDF) 9 Page - NXP Semiconductors

Part # TDA8295
Description  Digital global standard low IF demodulator for analog TV and FM radio
Download  77 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

TDA8295 Datasheet(HTML) 9 Page - NXP Semiconductors

Back Button TDA8295 Datasheet HTML 5Page - NXP Semiconductors TDA8295 Datasheet HTML 6Page - NXP Semiconductors TDA8295 Datasheet HTML 7Page - NXP Semiconductors TDA8295 Datasheet HTML 8Page - NXP Semiconductors TDA8295 Datasheet HTML 9Page - NXP Semiconductors TDA8295 Datasheet HTML 10Page - NXP Semiconductors TDA8295 Datasheet HTML 11Page - NXP Semiconductors TDA8295 Datasheet HTML 12Page - NXP Semiconductors TDA8295 Datasheet HTML 13Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 77 page
background image
TDA8295_1
© NXP B.V. 2008. All rights reserved.
Product data sheet
Rev. 01 — 4 February 2008
9 of 77
NXP Semiconductors
TDA8295
Digital global standard low IF demodulator for analog TV and FM radio
[1]
All digital inputs are 5 V tolerant (except pin XIN).
Boundary scan
TMS
24
I
Test mode select provides the logic levels needed to change the TAP controller
from state to state during the boundary scan test.
TRST_N
30
I
Test reset is used to reset the TAP controller (active LOW). Grounding is
mandatory in Functional mode.
TCK
27
I
Test clock is used to drive the TAP controller.
TDI
23
I
Test data input is the serial data input for the test data instruction.
TDO
22
O
Test data output is the serial test data output pin. The data is provided on the
falling edge of TCK.
ADC
IF_POS
1
AI
IF positive analog input for internal ADC
IF_NEG
2
AI
IF negative analog input for internal ADC
DAC
V_IOUTP
14
AO
positive analog current output of the video output
V_IOUTN
13
AO
negative analog current output of the video output
S_IOUTP
17
AO
positive analog current output of the SSIF/mono sound output
S_IOUTN
16
AO
negative analog current output of the SSIF/mono sound output
RSET
11
I
External bias setting of the DACs. An external resistor (1 k
Ω typical) has to be
connected between RSET and the analog ground of the board. This resistor
generates the current into the DACs and also defines the full scale output
current. The total parasitic capacitance seen externally from the RSET pin has to
be lower than 20 pF.
Supplies and grounds
VDDA(DAC1)(3V3)
15
PS
DAC1 (video DAC) and DAC reference module analog supply voltage (3.3 V
typical)
VDDA(DAC2)(3V3)
18
PS
DAC2 (sound DAC) analog supply voltage (3.3 V typical)
VSSA(DAC)
12
GND
DAC reference module analog ground supply voltage (0 V typical)
VDDA(ADC)(3V3)
3
PS
IF ADC analog supply voltage (3.3 V typical)
VDDD(ADC)(3V3)
39
PS
IF ADC digital supply voltage (3.3 V typical)
VSSA(ADC)
40
GND
ADC analog ground supply voltage (0 V typical)
VDDD1(1V2)
4
PS
ADC, PLL and DACs digital supply voltage (1.2 V typical)
VSSD1
5
GND
ADC, PLL and DACs digital ground supply voltage (0 V typical)
VDDA(PLL)(1V2)
7
PS
crystal oscillator and clock PLL analog supply voltage (1.2 V typical)
VSSA(PLL)
10
GND
crystal oscillator and clock PLL analog ground supply voltage (0 V typical)
VDDD2(1V2)
25
PS
core digital supply voltage (1.2 V typical)
VSSD2
26
GND
core digital ground supply voltage (0 V typical)
VDDDR(3V3)
34
PS
ring digital supply voltage (3.3 V typical)
VSSDR
35
GND
ring digital ground supply voltage (0 V typical)
Other pins
i.c.
36
I
internally connected; connect to ground
i.c.
38
I
internally connected; connect to ground
i.c.
6
I
internally connected; connect to ground
Table 4.
Pin description …continued
Symbol
Pin
Type[1][2]
Description


Similar Part No. - TDA8295

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
TDA8295 NXP-TDA8295 Datasheet
3Mb / 83P
   Digital global standard low IF demodulator for analog TV and FM radio
Rev. 02-27 November 2009
TDA8295C2 NXP-TDA8295C2 Datasheet
3Mb / 83P
   Digital global standard low IF demodulator for analog TV and FM radio
Rev. 02-27 November 2009
TDA8295HN NXP-TDA8295HN Datasheet
3Mb / 83P
   Digital global standard low IF demodulator for analog TV and FM radio
Rev. 02-27 November 2009
TDA8295 NXP-TDA8295_09 Datasheet
3Mb / 83P
   Digital global standard low IF demodulator for analog TV and FM radio
Rev. 02-27 November 2009
More results

Similar Description - TDA8295

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
TDA8295 NXP-TDA8295_09 Datasheet
3Mb / 83P
   Digital global standard low IF demodulator for analog TV and FM radio
Rev. 02-27 November 2009
TDA8296 NXP-TDA8296 Datasheet
2Mb / 87P
   Digital global standard low IF demodulator for analog TV and FM radio
Rev. 1-3 March 2011
SAA7131E NXP-SAA7131E Datasheet
335Kb / 66P
   Global standard low-IF demodulator and PCI audio and video decoder for analog TV
Rev. 03-19 May 2008
TDA9809M PHILIPS-TDA9809M Datasheet
186Kb / 40P
   Single standard multimedia IF-PLL and FM radio demodulator
1998 Jan 08
TDA1596 PHILIPS-TDA1596 Datasheet
346Kb / 20P
   IF amplifier/demodulator for FM radio receivers
April 1991
logo
TEMIC Semiconductors
U828B TEMIC-U828B Datasheet
84Kb / 5P
   FM IF AMPLIFIER AND DEMODULATOR FOR TV SOUND APPLICATION
logo
NXP Semiconductors
TDA1596T PHILIPS-TDA1596T Datasheet
400Kb / 22P
   IF amplifier/demodulator for FM radio receivers
April 1991
TDA1599 PHILIPS-TDA1599 Datasheet
262Kb / 22P
   IF amplifier/demodulator for FM radio receivers
May 1994
TDA1597 PHILIPS-TDA1597 Datasheet
200Kb / 24P
   IF amplifier/demodulator for FM radio receivers
1997 Feb 27
TDA9816M PHILIPS-TDA9816M Datasheet
286Kb / 44P
   Multistandard multimedia IF-PLL and FM radio demodulator
1997 Nov 19
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com