Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TPS7510XYYYZ Datasheet(PDF) 3 Page - Texas Instruments

Part # TPS7510XYYYZ
Description  Low Dropout, Two-Bank LED Driver with PWM Brightness Control
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TPS7510XYYYZ Datasheet(HTML) 3 Page - Texas Instruments

  TPS7510XYYYZ Datasheet HTML 1Page - Texas Instruments TPS7510XYYYZ Datasheet HTML 2Page - Texas Instruments TPS7510XYYYZ Datasheet HTML 3Page - Texas Instruments TPS7510XYYYZ Datasheet HTML 4Page - Texas Instruments TPS7510XYYYZ Datasheet HTML 5Page - Texas Instruments TPS7510XYYYZ Datasheet HTML 6Page - Texas Instruments TPS7510XYYYZ Datasheet HTML 7Page - Texas Instruments TPS7510XYYYZ Datasheet HTML 8Page - Texas Instruments TPS7510XYYYZ Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 16 page
background image
www.ti.com
ELECTRICAL CHARACTERISTICS
TPS7510x
SBVS080E – SEPTEMBER 2006 – REVISED JANUARY 2008
Over operating junction temperature range (TJ = –40°C to +85°C), VIN = 3.8V, DxA and DxB = 3.3V, RSET = 32.4kΩ, and ENA
and ENB = 3.8V, unless otherwise noted. Typical values are at TA = +25°C.
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
ISHDN
Shutdown supply current
VENA,B = 0V, VDX = 0V
0.03
1.0
µA
IQ
Ground current
ISET = open, IDX = 5mA, VIN = 4.5V
170
200
µA
TA = +25°C
0
2
4
Current matching
ΔID
%
(IDXMAX – IDXMIN/IDXMAX) × 100%
TA = –40°C to +85°C
5
ΔIDX%/ΔVIN
Line regulation
3.5V
≤ VIN ≤ 4.5V, IDX = 5mA
2.0
%/V
ΔIDX%/ΔVDX
Load regulation
1.8V
≤ VDX ≤ 3.5V, IDX = 5mA
0.8
%/V
Dropout voltage of any
IDXnom = 5mA
28
100
VDO
DX current source
mV
IDXnom = 15mA
70
(VDX at IDX = 0.8 × IDX, nom)
VISET
Reference voltage for current set
1.183
1.225
1.257
V
IOPEN
Diode current accuracy(1)
ISET = open, VDX = VIN – 0.2V
0.5
3
%
ISET
ISET pin current range
2.5
62.5
µA
k
ISET to IDX current ratio
(1)
420
VIH
Enable high level input voltage
1.2
V
VIL
Enable low level input voltage
0.4
V
VENA = 3.8V
5.0
6.1
IINA
Enable pin A (VENA) input current
µA
VENA = 1.8V
2.2
VENB = 3.8V
4.0
4.9
IINB
Enable pin B (VENB) input current
µA
VENB = 1.8V
1.8
Delay from ENA and ENB = low to
tSD
Shutdown delay time
reach shutdown current
5
13
30
µs
(IDX = 0.1 × IDX, nom)
Shutdown, temp increasing
+165
TSD
Thermal shutdown temperature
°C
Reset, temp decreasing
+140
TJ
Operating junction temperature range
–40
+85
°C
(1)
Average of all four IDX outputs.
Copyright © 2006–2008, Texas Instruments Incorporated
Submit Documentation Feedback
3
Product Folder Link(s): TPS7510x


Similar Part No. - TPS7510XYYYZ

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS7510xyyyz TI1-TPS7510xyyyz Datasheet
1Mb / 22P
[Old version datasheet]   Low Dropout, Two-Bank LED Driver with PWM Brightness Control
More results

Similar Description - TPS7510XYYYZ

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS7510X TI-TPS7510X Datasheet
363Kb / 15P
[Old version datasheet]   Low Dropout, Two-Bank LED Driver with PWM Brightness Control
TPS75100 TI1-TPS75100 Datasheet
1Mb / 27P
[Old version datasheet]   Low Dropout, Two-Bank LED Driver With PWM Brightness Control
TPS75103 TI1-TPS75103 Datasheet
588Kb / 19P
[Old version datasheet]   Low Dropout, Two-Bank LED Driver with PWM Brightness Control
TPS7510X TI1-TPS7510X_16 Datasheet
1Mb / 22P
[Old version datasheet]   Low Dropout, Two-Bank LED Driver with PWM Brightness Control
logo
Rohm
BD60A00NUX ROHM-BD60A00NUX_13 Datasheet
956Kb / 26P
   White LED Driver With PWM Brightness Control
logo
Texas Instruments
TPS61061 TI-TPS61061 Datasheet
609Kb / 22P
[Old version datasheet]   CONSTANT CURRENT LED DRIVER WITH DIGITAL AND PWM BRIGHTNESS CONTROL
logo
Integrated Silicon Solu...
IS31BL3230-QFLS2-TR ISSI-IS31BL3230-QFLS2-TR Datasheet
270Kb / 12P
   8 CHANNELS CONSTANT CURRENT LED DRIVER WITH PWM BRIGHTNESS CONTROL
logo
Will Semiconductor Ltd.
WD3148 WILLSEMI-WD3148 Datasheet
1Mb / 17P
   White LED Driver with PWM Brightness Control in Tiny Package
logo
Shanghai awinic technol...
AW9962 AWINIC-AW9962 Datasheet
1Mb / 24P
   White LED Driver with PWM Brightness Control in Small Package
logo
Texas Instruments
LP5524 TI1-LP5524_16 Datasheet
840Kb / 19P
[Old version datasheet]   LP5524 Parallel LED Driver With PWM Brightness Control in DSBGA Package
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com