Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

STMPS2151 Datasheet(PDF) 11 Page - STMicroelectronics

Part # STMPS2151
Description  Enhanced single channel power switches
Download  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STMPS2151 Datasheet(HTML) 11 Page - STMicroelectronics

Back Button STMPS2151 Datasheet HTML 7Page - STMicroelectronics STMPS2151 Datasheet HTML 8Page - STMicroelectronics STMPS2151 Datasheet HTML 9Page - STMicroelectronics STMPS2151 Datasheet HTML 10Page - STMicroelectronics STMPS2151 Datasheet HTML 11Page - STMicroelectronics STMPS2151 Datasheet HTML 12Page - STMicroelectronics STMPS2151 Datasheet HTML 13Page - STMicroelectronics STMPS2151 Datasheet HTML 14Page - STMicroelectronics STMPS2151 Datasheet HTML 15Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 30 page
background image
STMPS2141, STMPS2151, STMPS2161, STMPS2171
Maximum rating
11/30
5
Maximum rating
Stressing the device above the rating listed in the “Absolute Maximum Ratings” table may
cause permanent damage to the device. These are stress ratings only and operation of the
device at these or any other conditions above those indicated in the Operating sections of
this specification is not implied. Exposure to Absolute Maximum Rating conditions for
extended periods may affect device reliability. Refer also to the STMicroelectronics SURE
Program and other relevant quality documents.
5.1
Absolute maximum rating
5.2
Recommended operating conditions
Table 7.
Absolute maximum ratings
Symbol
Parameter
Value
Unit
VI
Input voltage range
–0.3 – 6.0
V
VO
Output voltage range
–0.3 – (Vi+0.3)
V
VIENX
EN Input voltage range
-0.3 – 6.0
V
IO
Continuous output current
Internally limited
ESD
ESD protection level
8
kV
TJ
Junction operating temperature
–40 to 125
°C
TSTG
Storage temperature
–55 to 150
°C
TR
Thermal resistance (MSOP8)
220
°C/W
TR
Thermal resistance (SOT23-5L)
191
°C/W
TR
Thermal resistance (SO-8)
160
°C/W
Table 8.
Recommended operating conditions
Symbol
Parameter
Value
Unit
Min
Typ
Max
VI
Input voltage
2.7
5.0
5.5
V
VO
Output voltage
0
5.0
5.5
V
IO
(STMPS2141
STMPS2151)
Continuous output current
0
-
500
mA
IO
(STMPS2161
STMPS2171)
Continuous output current
0
-
1000
mA


Similar Part No. - STMPS2151

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STMPS2151MTR STMICROELECTRONICS-STMPS2151MTR Datasheet
1Mb / 34P
   Enhanced single channel power switches
STMPS2151STR STMICROELECTRONICS-STMPS2151STR Datasheet
1Mb / 34P
   Enhanced single channel power switches
STMPS2151TTR STMICROELECTRONICS-STMPS2151TTR Datasheet
1Mb / 34P
   Enhanced single channel power switches
More results

Similar Description - STMPS2151

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STMPS2141 STMICROELECTRONICS-STMPS2141_09 Datasheet
1Mb / 34P
   Enhanced single channel power switches
STMPS2242 STMICROELECTRONICS-STMPS2242 Datasheet
1Mb / 42P
   Enhanced dual-channel power switches
IPS160HF STMICROELECTRONICS-IPS160HF Datasheet
840Kb / 27P
   Single channel high-side switches
Rev 2 - June 2020
logo
ITT Industries
CM101J12S205QA ITT-CM101J12S205QA Datasheet
151Kb / 4P
   Single Pole Power Rocker Switches
logo
C&K Components
CL101J72S205DQA7 CK-COMPONENTS-CL101J72S205DQA7 Datasheet
651Kb / 4P
   Single Pole Power Rocker Switches
logo
ITT Industries
CL101J72S205QA ITT-CL101J72S205QA Datasheet
144Kb / 4P
   Single Pole Power Rocker Switches
logo
C&K Components
CG101J12S205DQF7 CK-COMPONENTS-CG101J12S205DQF7 Datasheet
761Kb / 4P
   Single Pole Power Rocker Switches
logo
ITT Industries
CG101J12S205QF ITT-CG101J12S205QF Datasheet
154Kb / 4P
   Single Pole Power Rocker Switches
logo
C&K Components
CL CK-COMPONENTS-CL Datasheet
381Kb / 4P
   Single Pole Power Rocker Switches
2018
CM101J12S205DQA7 CK-COMPONENTS-CM101J12S205DQA7 Datasheet
563Kb / 4P
   Single Pole Power Rocker Switches
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com