Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF HTML

AB-46G1-6VD-MG Datasheet(PDF) 1 Page - A-BRIGHT Inc

Part No. AB-46G1-6VD-MG
Description  SINGLE LAMP LED BULB
Download  3 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  A-BRIGHT [A-BRIGHT Inc]
Homepage  http://www.a-bright.com.tw
Logo 

AB-46G1-6VD-MG Datasheet(HTML) 1 Page - A-BRIGHT Inc

   
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
A
A
A---B
B
BR
R
RIIIG
G
GH
H
HT
TT A-BRIGHT INDUSTRIAL CO., LTD.
A-BRIGHT
SINGLE LAMP LED BULB
Data Sheet
Feature:
High efficiency LED
materials are used in this
Bulb.
Every lamp is made with an
advanced optical grade
epoxy offering superior
high shock and high
temperature resistance in
outdoor applications.
Wide view angle
High luminous output
Seven kind color
Solid-state Vibration
resistant
Saving power
Long life
Option:
6V to 240V AC or DC
Other industry standard
base
Description:
These single lamp LED
Bulbs are specifically
designed for flashlight
electric equipment,
indicator light switch and
where a wide view angle.
The 4.6mm round shaped
radiation pattern (60°) and
high luminous intensity
ensure that these devices
are excellent for wide field
of view outdoor
applications where a wide
viewing angle and
readability in sunlight are
essential.
A-BRIGHT
A-BRIGHT INDUSTRIAL CO.,LTD.


Html Pages

1  2  3 


Datasheet Download



Related Electronics Part Number

Part NumberComponents DescriptionHtml ViewManufacturer
AB-9R1-12V-ESingle Lamp LED Bulb 1 2 3 A-BRIGHT Inc
AB-9TY-6VD-T10Single Lamp LED Bulb 1 2 3 A-BRIGHT Inc
AB-9B5-24V-ESingle Lamp LED Bulb 1 2 3 A-BRIGHT Inc
AB-9B5-5VD-T10SINGLE LAMP LED BULB 1 2 3 A-BRIGHT Inc
AB-9W2-12V-ESingle Lamp LED Bulb 1 2 3 4 A-BRIGHT Inc
AB-9Y3-24V-E12SINGLE LAMP LED BULB 1 2 3 A-BRIGHT Inc
AB-9R1-12V-E12Single Lamp LED Bulb 1 2 3 A-BRIGHT Inc
AB-9TY-12VD-T10Single Lamp LED Bulb 1 2 3 A-BRIGHT Inc
AB-9B5-24V-E12Single Lamp LED Bulb 1 2 3 A-BRIGHT Inc
AB-9B5-6V-BSINGLE LAMP LED BULB 1 2 3 A-BRIGHT Inc

Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn