Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MICRF218 Datasheet(PDF) 3 Page - Micrel Semiconductor

Part # MICRF218
Description  3.3V, QwikRadio짰 300 MHz to 450 MHz Receiver
Download  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICREL [Micrel Semiconductor]
Direct Link  http://www.micrel.com
Logo MICREL - Micrel Semiconductor

MICRF218 Datasheet(HTML) 3 Page - Micrel Semiconductor

  MICRF218 Datasheet HTML 1Page - Micrel Semiconductor MICRF218 Datasheet HTML 2Page - Micrel Semiconductor MICRF218 Datasheet HTML 3Page - Micrel Semiconductor MICRF218 Datasheet HTML 4Page - Micrel Semiconductor MICRF218 Datasheet HTML 5Page - Micrel Semiconductor MICRF218 Datasheet HTML 6Page - Micrel Semiconductor MICRF218 Datasheet HTML 7Page - Micrel Semiconductor MICRF218 Datasheet HTML 8Page - Micrel Semiconductor MICRF218 Datasheet HTML 9Page - Micrel Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 24 page
background image
Micrel
MICRF218
September 2007
3
M9999-090607
(408) 944-0800
16-Pin
QSOP
Pin
Name
Pin Function
10
DO
Demodulated data output.
11
SEL1
Logic control input with active internal pull-up. Used in conjunction with SEL0 to control the
demodulator low pass filter bandwidth. (See filter table for SEL0 and SEL1 in application
subsection)
12
CTH
Demodulation threshold voltage integration capacitor. Capacitor to GND sets the settling time for
the demodulation data slicing level. Values above 1nF are recommended and should be optimized
for data rate and data profile.
13
CAGC
AGC filter capacitor. A capacitor, normally greater than 0.47uF, is connected from this pin to GND
14
RSSI
Received signal strength indication output. Output is from a buffer with 200 ohms typical output
impedance.
15
NC
Not Connected
16
RO2
Reference resonator connection. 7pF in parallel with low resistance MOS switch to GND during
normal operation. Driven by startup excitation circuit during the internal startup control sequence.


Similar Part No. - MICRF218

ManufacturerPart #DatasheetDescription
logo
Micrel Semiconductor
MICRF218 MICREL-MICRF218 Datasheet
832Kb / 23P
   3.3V, 315/433MHz Wide-IF Bandwidth ASK Receiver
MICRF218AYQS MICREL-MICRF218AYQS Datasheet
832Kb / 23P
   3.3V, 315/433MHz Wide-IF Bandwidth ASK Receiver
MICRF218 MICREL-MICRF218_11 Datasheet
832Kb / 23P
   3.3V, 315/433MHz Wide-IF Bandwidth ASK Receiver
More results

Similar Description - MICRF218

ManufacturerPart #DatasheetDescription
logo
Micrel Semiconductor
MICRF221 MICREL-MICRF221_15 Datasheet
923Kb / 26P
   3.3V, QwikRadio짰 850 MHz to 950 MHz Receiver
MICRF211 MICREL-MICRF211 Datasheet
933Kb / 18P
   3V, QwikRadio짰 433.92 MHz Receiver
logo
Murata Manufacturing Co...
TXC100 MURATA-TXC100 Datasheet
456Kb / 11P
   300-450 MHz Transmitter
logo
Micrel Semiconductor
MICRF213 MICREL-MICRF213 Datasheet
974Kb / 16P
   3.3V, QwikRadio짰 315MHz Receiver
MICRF002 MICREL-MICRF002_08 Datasheet
377Kb / 17P
   300-440MHz QwikRadio짰 ASK Receiver
MICRF221 MICREL-MICRF221 Datasheet
1Mb / 26P
   3.3V, QwikRadio 850 MHz to 950 MHz Receiver
logo
NXP Semiconductors
BGO387 PHILIPS-BGO387 Datasheet
60Kb / 8P
   300 MHz Optical receiver
2002 Dec 03
logo
Texas Instruments
DS90C3202 TI1-DS90C3202_14 Datasheet
440Kb / 27P
[Old version datasheet]   3.3V 8 MHz to 135 MHz Dual FPD-Link Receiver
DS90C3202 TI1-DS90C3202_13 Datasheet
439Kb / 26P
[Old version datasheet]   3.3V 8 MHz to 135 MHz Dual FPD-Link Receiver
logo
National Semiconductor ...
DS90C3202 NSC-DS90C3202 Datasheet
1Mb / 22P
   3.3V 8 MHz to 135 MHz Dual FPD-Link Receiver
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com