Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

TPS40180 Datasheet(PDF) 30 Page - Texas Instruments

Click here to check the latest version.
Part No. TPS40180
Description  SINGLE PHASE STACKABLE CONTROLLER
Download  52 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TPS40180 Datasheet(HTML) 30 Page - Texas Instruments

Back Button TPS40180 Datasheet HTML 26Page - Texas Instruments TPS40180 Datasheet HTML 27Page - Texas Instruments TPS40180 Datasheet HTML 28Page - Texas Instruments TPS40180 Datasheet HTML 29Page - Texas Instruments TPS40180 Datasheet HTML 30Page - Texas Instruments TPS40180 Datasheet HTML 31Page - Texas Instruments TPS40180 Datasheet HTML 32Page - Texas Instruments TPS40180 Datasheet HTML 33Page - Texas Instruments TPS40180 Datasheet HTML 34Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 30 / 52 page
background image
www.ti.com
2
DIFFO
FB
1
5
VSH
7
8
RT
VDD
24
SS
19 CLKIO
21
15
TPS40180
CLK Master
PSEL
2
DIFFO
FB
1
5
VSH
24
19 CLKIO
TPS40180
CLK Slave
COMP
COMP
10 kW
2
DIFFO
FB
1
5
VSH
7
8
RT
VDD
24
SS
19 CLKIO
21
15
TPS40180
CLK Slave
PSEL
COMP
7
8
RT
VDD
SS
21
15
PSEL
UDG-07034
TPS40180
SLVS753B – FEBRUARY 2007 – REVISED NOVEMBER 2007
A connection diagram for several controllers sharing phase information and synchronized to each other but
having different output voltages is shown in Figure 32. This is similar to the previous example but here the
controllers are all control loop masters (SS not pulled to VDD) and control their own output voltages
independently. One device is configured as a CLK master (RT not tied to VDD) and is the clock generator for the
CLK slaves. Picking the PSEL resistors is the same as before. overcurrent in this configuration depends on
which controller senses the overcurrent event. If one of the CLK slaves experiences a fault, that converter only
shuts down, and enter the hiccup restart mode. If the CLK master controller senses an overcurrent, it stops
sending CLKIO pulses to the slaves, causing them to stop. The master then enters a hiccup recovery mode.
Figure 32. Phase Share Multiple Output Configuration
30
Submit Documentation Feedback
Copyright © 2007, Texas Instruments Incorporated
Product Folder Link(s): TPS40180


Similar Part No. - TPS40180

ManufacturerPart No.DatasheetDescription
Texas Instruments
Texas Instruments
TPS40100 TI-TPS40100 Datasheet
582Kb / 10P
[Old version datasheet]   MIDRANGE INPUT SYNCHRONOUS BUCK CONTROLLER WITH ADVANCED SEQUENCING AND OUTPUT MARGINING
TPS40100 TI-TPS40100 Datasheet
664Kb / 35P
[Old version datasheet]   MIDRANGE INPUT SYNCHRONOUS BUCK CONTROLLER WITH ADVANCED SEQUENCING AND OUTPUT MARGINING
TPS40100 TI-TPS40100 Datasheet
714Kb / 35P
[Old version datasheet]   4.5V TO 18V INPUT 10 PIN SYNCHRONOUS BUCK CONTROLLER WITH POWER GOOD
TPS40100 TI1-TPS40100 Datasheet
1Mb / 40P
[Old version datasheet]   MIDRANGE INPUT SYNCHRONOUS BUCK CONTROLLER WITH ADVANCED SEQUENCING AND OUTPUT MARGINING
TPS40100RGER TI-TPS40100RGER Datasheet
582Kb / 10P
[Old version datasheet]   MIDRANGE INPUT SYNCHRONOUS BUCK CONTROLLER WITH ADVANCED SEQUENCING AND OUTPUT MARGINING
More results

Similar Description - TPS40180

ManufacturerPart No.DatasheetDescription
Texas Instruments
Texas Instruments
TPS40140 TI-TPS40140 Datasheet
1Mb / 65P
[Old version datasheet]   DUAL OR 2-PHASE, STACKABLE CONTROLLER
TPS53851 TI1-TPS53851 Datasheet
1Mb / 64P
[Old version datasheet]   DUAL OR 2-PHASE, STACKABLE CONTROLLER
TPS40140 TI1-TPS40140_16 Datasheet
2Mb / 68P
[Old version datasheet]   Dual or 2-Phase, Stackable Controller
TPS40140 TI-TPS40140_15 Datasheet
2Mb / 71P
[Old version datasheet]   TPS40140 Dual or 2-Phase, Stackable Controller
STMicroelectronics
STMicroelectronics
L6726A STMICROELECTRONICS-L6726A Datasheet
436Kb / 24P
   Single phase PWM controller
L6726A STMICROELECTRONICS-L6726A_07 Datasheet
464Kb / 24P
   Single phase PWM controller
L6726A STMICROELECTRONICS-L6726A_10 Datasheet
992Kb / 35P
   Single phase PWM controller
L6727 STMICROELECTRONICS-L6727_10 Datasheet
980Kb / 34P
   Single phase PWM controller
PM6697H STMICROELECTRONICS-PM6697H Datasheet
144Kb / 3P
   VR13 single phase controller
March 2017 Rev 1
L6727 STMICROELECTRONICS-L6727 Datasheet
459Kb / 22P
   Single phase PWM controller
More results


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19  20  21  22  23  24  25  26  27  28  29  30  31  32  33  34  35  36  37  38  39  40  41  42  43  44  45  46  47  48  49  50  51  52 


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz