Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

TPS40180 Datasheet(PDF) 19 Page - Texas Instruments

Click here to check the latest version.
Part No. TPS40180
Description  SINGLE PHASE STACKABLE CONTROLLER
Download  52 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TPS40180 Datasheet(HTML) 19 Page - Texas Instruments

Back Button TPS40180 Datasheet HTML 15Page - Texas Instruments TPS40180 Datasheet HTML 16Page - Texas Instruments TPS40180 Datasheet HTML 17Page - Texas Instruments TPS40180 Datasheet HTML 18Page - Texas Instruments TPS40180 Datasheet HTML 19Page - Texas Instruments TPS40180 Datasheet HTML 20Page - Texas Instruments TPS40180 Datasheet HTML 21Page - Texas Instruments TPS40180 Datasheet HTML 22Page - Texas Instruments TPS40180 Datasheet HTML 23Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 52 page
background image
www.ti.com
=
+
´
´
e
pk
L
COMP
V
(I
R ) 12.5
(8)
(
)
f
IN
OUT
OUT
RIPPLE
IN
SW
V
V
V
1
I
L
V
æ
ö
-
æ
ö
æ
ö
=
´
´
ç
÷
ç
÷
ç
÷
ç
÷
è
ø
è
ø
è
ø
(9)
æ
ö
=
+
ç
÷
è
ø
RIPPLE
PK
OUT
I
I
I
2
(10)
=
´
+
OUT
RMP
VSH
IN
V
Ve
V
V
V
(11)
æ
ö
=
´
+
+
´
´
ç
÷
è
ø
OUT
RMP
VSH
PK
L
IN
V
COMP
V
V
(I
R ) 12.5
V
(12)
æ
ö
a = ç
÷
è
ø
RMP
IN
V
V
(13)
(
)
æ
ö
ç
÷
b =
´
´
+
ç
÷
´
è
ø
RMP
L
PK
ph
V
R
12.5 I
2 N
(14)
(
)
VSH
ILIM
V
R1
1
I
b + a ´
=
- a ´
(15)
TPS40180
SLVS753B – FEBRUARY 2007 – REVISED NOVEMBER 2007
Overcurrent protection for the TPS40180 is set by connecting a resistor from the ILIM pin to the VSH pin. A
current source of 23.5
µA out of the ILIM pin sets a voltage level on the ILIM pin and the COMP pin is not
allowed to rise above this level. Since the device uses current mode control and COMP cannot rise above this
level, an effective maximum output current is defined. The second resistor on the ILIM pin, R2, is optional and if
used is connected to the output voltage. This resistor provides compensation of the overcurrent level for changes
in output voltage, such as would be seen at startup. If not used, the overcurrent threshold level is higher at
output voltages lower than the designed target.
The output current, flows through the inductor resistance and develops a voltage, VC across it, representative of
the output current. This resistance voltage is extracted from the total inductor voltage by the R-C network placed
across the inductor. This voltage is amplified with a gain of 12.5 and then subtracted from the error amplifier
output, COMP, to generate the Ve voltage. The Ve signal is compared to the slope-compensation RAMP signal
to generate the PWM signal that is used to control the FET drivers. As the output current is increased, the
amplified VC causes the Ve signal to decrease. In order to maintain the proper duty cycle, the COMP signal must
increase. Therefore, the magnitude of the COMP signal contains the output current information as shown in
Equation 8 through Equation 10:
In order to satisfy the input-output voltage relationship, the Equation 11 must hold:
Combining Equation 8 and Equation 11 and solving for the COMP voltage gives:
Since COMP and ILIM are of equal voltage when at the current limit condition, setting ILIM to the expected
COMP voltage at maximum current is how the current limit threshold is set. To calculate the resistors R1 and R2
from Figure 25, proceed as follows:
Copyright © 2007, Texas Instruments Incorporated
Submit Documentation Feedback
19
Product Folder Link(s): TPS40180


Similar Part No. - TPS40180

ManufacturerPart No.DatasheetDescription
Texas Instruments
Texas Instruments
TPS40100 TI-TPS40100 Datasheet
582Kb / 10P
[Old version datasheet]   MIDRANGE INPUT SYNCHRONOUS BUCK CONTROLLER WITH ADVANCED SEQUENCING AND OUTPUT MARGINING
TPS40100 TI-TPS40100 Datasheet
664Kb / 35P
[Old version datasheet]   MIDRANGE INPUT SYNCHRONOUS BUCK CONTROLLER WITH ADVANCED SEQUENCING AND OUTPUT MARGINING
TPS40100 TI-TPS40100 Datasheet
714Kb / 35P
[Old version datasheet]   4.5V TO 18V INPUT 10 PIN SYNCHRONOUS BUCK CONTROLLER WITH POWER GOOD
TPS40100 TI1-TPS40100 Datasheet
1Mb / 40P
[Old version datasheet]   MIDRANGE INPUT SYNCHRONOUS BUCK CONTROLLER WITH ADVANCED SEQUENCING AND OUTPUT MARGINING
TPS40100RGER TI-TPS40100RGER Datasheet
582Kb / 10P
[Old version datasheet]   MIDRANGE INPUT SYNCHRONOUS BUCK CONTROLLER WITH ADVANCED SEQUENCING AND OUTPUT MARGINING
More results

Similar Description - TPS40180

ManufacturerPart No.DatasheetDescription
Texas Instruments
Texas Instruments
TPS40140 TI-TPS40140 Datasheet
1Mb / 65P
[Old version datasheet]   DUAL OR 2-PHASE, STACKABLE CONTROLLER
TPS53851 TI1-TPS53851 Datasheet
1Mb / 64P
[Old version datasheet]   DUAL OR 2-PHASE, STACKABLE CONTROLLER
TPS40140 TI1-TPS40140_16 Datasheet
2Mb / 68P
[Old version datasheet]   Dual or 2-Phase, Stackable Controller
TPS40140 TI-TPS40140_15 Datasheet
2Mb / 71P
[Old version datasheet]   TPS40140 Dual or 2-Phase, Stackable Controller
STMicroelectronics
STMicroelectronics
L6726A STMICROELECTRONICS-L6726A Datasheet
436Kb / 24P
   Single phase PWM controller
L6726A STMICROELECTRONICS-L6726A_07 Datasheet
464Kb / 24P
   Single phase PWM controller
L6726A STMICROELECTRONICS-L6726A_10 Datasheet
992Kb / 35P
   Single phase PWM controller
L6727 STMICROELECTRONICS-L6727_10 Datasheet
980Kb / 34P
   Single phase PWM controller
PM6697H STMICROELECTRONICS-PM6697H Datasheet
144Kb / 3P
   VR13 single phase controller
March 2017 Rev 1
L6727 STMICROELECTRONICS-L6727 Datasheet
459Kb / 22P
   Single phase PWM controller
More results


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19  20  21  22  23  24  25  26  27  28  29  30  31  32  33  34  35  36  37  38  39  40  41  42  43  44  45  46  47  48  49  50  51  52 


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz