Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

TPS40180 Datasheet(PDF) 14 Page - Texas Instruments

Click here to check the latest version.
Part No. TPS40180
Description  SINGLE PHASE STACKABLE CONTROLLER
Download  52 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TPS40180 Datasheet(HTML) 14 Page - Texas Instruments

Back Button TPS40180 Datasheet HTML 10Page - Texas Instruments TPS40180 Datasheet HTML 11Page - Texas Instruments TPS40180 Datasheet HTML 12Page - Texas Instruments TPS40180 Datasheet HTML 13Page - Texas Instruments TPS40180 Datasheet HTML 14Page - Texas Instruments TPS40180 Datasheet HTML 15Page - Texas Instruments TPS40180 Datasheet HTML 16Page - Texas Instruments TPS40180 Datasheet HTML 17Page - Texas Instruments TPS40180 Datasheet HTML 18Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 52 page
background image
www.ti.com
-50
-30
-10
10
30
90
50
70
110
T
J - Junction Temperature - °C
0
0.05
0.15
0.25
0.30
0.10
-0.10
-0.15
-0.20
-0.05
0.20
0
20
10
30
40
50
-50
-30
-10
10
30
90
50
70
110
T
J - Junction Temperature - °C
15
5
25
35
45
-2
-1
1
0
3
4
5
-4
-5
-3
3
-50
-30
-10
10
30
90
50
70
110
T
J - Junction Temperature - °C
TPS40180
SLVS753B – FEBRUARY 2007 – REVISED NOVEMBER 2007
TYPICAL CHARACTERISTICS (continued)
RELATIVE FEEDBACK REFERENCE VOLTAGE CHANGE
FEEDBACK BIAS CURRENT
vs
vs
JUNCTION TEMPERATURE
JUNCTION TEMPERATURE
Figure 19.
Figure 20.
RELATIVE OSCILLATOR FREQUENCY
vs
JUNCTION TEMPERATURE
Figure 21.
14
Submit Documentation Feedback
Copyright © 2007, Texas Instruments Incorporated
Product Folder Link(s): TPS40180


Similar Part No. - TPS40180

ManufacturerPart No.DatasheetDescription
Texas Instruments
Texas Instruments
TPS40100 TI-TPS40100 Datasheet
582Kb / 10P
[Old version datasheet]   MIDRANGE INPUT SYNCHRONOUS BUCK CONTROLLER WITH ADVANCED SEQUENCING AND OUTPUT MARGINING
TPS40100 TI-TPS40100 Datasheet
664Kb / 35P
[Old version datasheet]   MIDRANGE INPUT SYNCHRONOUS BUCK CONTROLLER WITH ADVANCED SEQUENCING AND OUTPUT MARGINING
TPS40100 TI-TPS40100 Datasheet
714Kb / 35P
[Old version datasheet]   4.5V TO 18V INPUT 10 PIN SYNCHRONOUS BUCK CONTROLLER WITH POWER GOOD
TPS40100 TI1-TPS40100 Datasheet
1Mb / 40P
[Old version datasheet]   MIDRANGE INPUT SYNCHRONOUS BUCK CONTROLLER WITH ADVANCED SEQUENCING AND OUTPUT MARGINING
TPS40100RGER TI-TPS40100RGER Datasheet
582Kb / 10P
[Old version datasheet]   MIDRANGE INPUT SYNCHRONOUS BUCK CONTROLLER WITH ADVANCED SEQUENCING AND OUTPUT MARGINING
More results

Similar Description - TPS40180

ManufacturerPart No.DatasheetDescription
Texas Instruments
Texas Instruments
TPS40140 TI-TPS40140 Datasheet
1Mb / 65P
[Old version datasheet]   DUAL OR 2-PHASE, STACKABLE CONTROLLER
TPS53851 TI1-TPS53851 Datasheet
1Mb / 64P
[Old version datasheet]   DUAL OR 2-PHASE, STACKABLE CONTROLLER
TPS40140 TI1-TPS40140_16 Datasheet
2Mb / 68P
[Old version datasheet]   Dual or 2-Phase, Stackable Controller
TPS40140 TI-TPS40140_15 Datasheet
2Mb / 71P
[Old version datasheet]   TPS40140 Dual or 2-Phase, Stackable Controller
STMicroelectronics
STMicroelectronics
L6726A STMICROELECTRONICS-L6726A Datasheet
436Kb / 24P
   Single phase PWM controller
L6726A STMICROELECTRONICS-L6726A_07 Datasheet
464Kb / 24P
   Single phase PWM controller
L6726A STMICROELECTRONICS-L6726A_10 Datasheet
992Kb / 35P
   Single phase PWM controller
L6727 STMICROELECTRONICS-L6727_10 Datasheet
980Kb / 34P
   Single phase PWM controller
PM6697H STMICROELECTRONICS-PM6697H Datasheet
144Kb / 3P
   VR13 single phase controller
March 2017 Rev 1
L6727 STMICROELECTRONICS-L6727 Datasheet
459Kb / 22P
   Single phase PWM controller
More results


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19  20  21  22  23  24  25  26  27  28  29  30  31  32  33  34  35  36  37  38  39  40  41  42  43  44  45  46  47  48  49  50  51  52 


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz