Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

TPS40180 Datasheet(PDF) 4 Page - Texas Instruments

Click here to check the latest version.
Part No. TPS40180
Description  SINGLE PHASE STACKABLE CONTROLLER
Download  52 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TPS40180 Datasheet(HTML) 4 Page - Texas Instruments

  TPS40180 Datasheet HTML 1Page - Texas Instruments TPS40180 Datasheet HTML 2Page - Texas Instruments TPS40180 Datasheet HTML 3Page - Texas Instruments TPS40180 Datasheet HTML 4Page - Texas Instruments TPS40180 Datasheet HTML 5Page - Texas Instruments TPS40180 Datasheet HTML 6Page - Texas Instruments TPS40180 Datasheet HTML 7Page - Texas Instruments TPS40180 Datasheet HTML 8Page - Texas Instruments TPS40180 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 52 page
background image
www.ti.com
ELECTRICAL CHARACTERISTICS
TPS40180
SLVS753B – FEBRUARY 2007 – REVISED NOVEMBER 2007
VVDD = 12V, VBP5 = 5V, VPVCC = 5V, –40°C < TJ < 85°C (unless otherwise noted)
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
VDD INPUT SUPPLY
VVDD
Operating voltage range
4.5
12
15
V
IVDDSD
Shutdown current
VUVLO < 0.5 V
50
µA
BP5 INPUT SUPPLY
VBP5
Operating voltage range
4.3
5.0
5.5
V
IBP5
Operating current
2
3
5
mA
VBP5UV
Rising undervoltage turn on threshold
4.0
4.25
4.5
V
VBP5UVH
BP5 UVLO hysteresis
225
mV
PVCC REGULATOR
VPVCC
Output voltage
4.5 V < VVDD < 15 V
4.3
5.0
5.5
V
IPVCC
Output current
0
50
mA
OSCILLATOR
FOSC
Oscillator frequency
RRT= 64.9 kΩ
360
415
454
kHz
Oscillator frequency range
150
1000
VRMP
Ramp voltage(1)
420
500
525
mV
VRTCKLSLV
RT pin clock slave voltage threshold
2
V
DIGITAL CLOCK SIGNAL (CLKIO)
RCLKH
Pull Up Resistance(1)
27
RCLKL
Pull Down Resistance(1)
27
ICLKIOLK
Leakage current in high impedance
VRT < 2 V, VPSEL = 5 V
1
µA
state(1)
UVLO PIN
PVCC regulator enabled
0.8
0.9
1.5
VUVLO(on)
V
PWM switching enabled
1.9
2.0
2.1
IUVLO
Hysteresis bias current
9
12
15
µA
PULSE WIDTH MODULATOR
DMAX
8 phase CLK scheme
87.5%
Maximum duty cycle
6 phase CLK scheme
83%
tON(min)
Minimum pulse width(1)
75
ns
VSHARE
VVSH
Current share reference; Ramp valley
RLOAD = 20 kΩ
1.7
1.8
1.9
V
voltage
ERROR AMPLIFIER
IIB
Input bias current at FB pin
VFB = 0.7 V
–200
0
200
nA
VREF
Trimmed FB control voltage (includes
695
700
705
mV
differential sense amp offset
IOH
COMP source current
VCOMP = 1.1V, VFB = 0.6 V
1
2
mA
IOL
COMP sink current
VCOMP = 1.1V, VFB = 0.8 V
1
2
EAGBWP
Gain bandwidth product (1)
8
12
MHz
AOL
Open loop gain (1)
60
90
dB
SOFTSTART
Charging Current: device Enabled,
ISS1
Before First PWM Pulse and During
6.5
7.5
8.2
Hiccup Fault Recovery
µA
Charging Current After First PWM
ISS2
12
15
17
Pulse
VSS_FE
Fault Enable Threshold
0.8
V
Voltage loop slave mode threshold
VBP5 -
VSSSLV
VBP5 = 5V
voltage
0.75
CURRENT LIMIT
IILIM
Threshold setting current
21.5
23.5
25.5
µA
(1)
Specified by design. Not production tested .
4
Submit Documentation Feedback
Copyright © 2007, Texas Instruments Incorporated
Product Folder Link(s): TPS40180


Similar Part No. - TPS40180

ManufacturerPart No.DatasheetDescription
Texas Instruments
Texas Instruments
TPS40100 TI-TPS40100 Datasheet
582Kb / 10P
[Old version datasheet]   MIDRANGE INPUT SYNCHRONOUS BUCK CONTROLLER WITH ADVANCED SEQUENCING AND OUTPUT MARGINING
TPS40100 TI-TPS40100 Datasheet
664Kb / 35P
[Old version datasheet]   MIDRANGE INPUT SYNCHRONOUS BUCK CONTROLLER WITH ADVANCED SEQUENCING AND OUTPUT MARGINING
TPS40100 TI-TPS40100 Datasheet
714Kb / 35P
[Old version datasheet]   4.5V TO 18V INPUT 10 PIN SYNCHRONOUS BUCK CONTROLLER WITH POWER GOOD
TPS40100 TI1-TPS40100 Datasheet
1Mb / 40P
[Old version datasheet]   MIDRANGE INPUT SYNCHRONOUS BUCK CONTROLLER WITH ADVANCED SEQUENCING AND OUTPUT MARGINING
TPS40100RGER TI-TPS40100RGER Datasheet
582Kb / 10P
[Old version datasheet]   MIDRANGE INPUT SYNCHRONOUS BUCK CONTROLLER WITH ADVANCED SEQUENCING AND OUTPUT MARGINING
More results

Similar Description - TPS40180

ManufacturerPart No.DatasheetDescription
Texas Instruments
Texas Instruments
TPS40140 TI-TPS40140 Datasheet
1Mb / 65P
[Old version datasheet]   DUAL OR 2-PHASE, STACKABLE CONTROLLER
TPS53851 TI1-TPS53851 Datasheet
1Mb / 64P
[Old version datasheet]   DUAL OR 2-PHASE, STACKABLE CONTROLLER
TPS40140 TI1-TPS40140_16 Datasheet
2Mb / 68P
[Old version datasheet]   Dual or 2-Phase, Stackable Controller
TPS40140 TI-TPS40140_15 Datasheet
2Mb / 71P
[Old version datasheet]   TPS40140 Dual or 2-Phase, Stackable Controller
STMicroelectronics
STMicroelectronics
L6726A STMICROELECTRONICS-L6726A Datasheet
436Kb / 24P
   Single phase PWM controller
L6726A STMICROELECTRONICS-L6726A_07 Datasheet
464Kb / 24P
   Single phase PWM controller
L6726A STMICROELECTRONICS-L6726A_10 Datasheet
992Kb / 35P
   Single phase PWM controller
L6727 STMICROELECTRONICS-L6727_10 Datasheet
980Kb / 34P
   Single phase PWM controller
PM6697H STMICROELECTRONICS-PM6697H Datasheet
144Kb / 3P
   VR13 single phase controller
March 2017 Rev 1
L6727 STMICROELECTRONICS-L6727 Datasheet
459Kb / 22P
   Single phase PWM controller
More results


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19  20  21  22  23  24  25  26  27  28  29  30  31  32  33  34  35  36  37  38  39  40  41  42  43  44  45  46  47  48  49  50  51  52 


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz