Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

W83781D Datasheet(PDF) 28 Page - Winbond

Part # W83781D
Description  H/W MONITORING IC
Download  54 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WINBOND [Winbond]
Direct Link  http://www.winbond.com
Logo WINBOND - Winbond

W83781D Datasheet(HTML) 28 Page - Winbond

Back Button W83781D Datasheet HTML 24Page - Winbond W83781D Datasheet HTML 25Page - Winbond W83781D Datasheet HTML 26Page - Winbond W83781D Datasheet HTML 27Page - Winbond W83781D Datasheet HTML 28Page - Winbond W83781D Datasheet HTML 29Page - Winbond W83781D Datasheet HTML 30Page - Winbond W83781D Datasheet HTML 31Page - Winbond W83781D Datasheet HTML 32Page - Winbond Next Button
Zoom Inzoom in Zoom Outzoom out
 28 / 54 page
background image
W83781D/W83781G
Publication Release Date: April 14, 2005
- 24 -
Revision 2.0
Value RAM
⎯ Index 20h- 3Fh or 60h – Index 7Fh (auto-increment) (Bank 0), continued
INDEX A6-A0
INDEX A6-A0 WITH
AUTO-INCREMENT
DESCRIPTION
2Ch
6Ch
IN0 Low Limit, default value is defined by Vcore Voltage -
0.2V.
2Dh
6Dh
IN1 High Limit, , default value is defined by Vcore Voltage
+0.2V.
2Eh
6Eh
IN1 Low Limit, default value is defined by Vcore Voltage -
0.2V.
2Fh
6Fh
IN2 High Limit
30h
70h
IN2 Low Limit
31h
71h
IN3 High Limit
32h
72h
IN3 Low Limit
33h
73h
IN4 High Limit
34h
74h
IN4 Low Limit
35h
75h
-IN5 High Limit
36h
76h
-IN5 Low Limit
37h
77h
-IN6 High Limit
38h
78h
-IN6 Low Limit
39h
79h
Over Temperature Limit (High)
3Ah
7Ah
Temperature Hysteresis Limit (Low)
3Bh
7Bh
FAN1 Fan Count Limit
Note:
It is the number of counts of the internal clock for the Low Limit of
the fan speed.
3Ch
7Ch
FAN2 Fan Count Limit
Note:
It is the number of counts of the internal clock for the Low Limit of
the fan speed.
3Dh
7Dh
FAN3 Fan Count Limit
Note:
It is the number of counts of the internal clock for the Low Limit of
the fan speed.
3E- 3Fh
7E- 7Fh
Reserved
Setting all ones to the high limits for voltages and fans (0111 1111 binary for temperature) means
interrupts will never be generated except the case when voltages go below the low limits.
Note1
: For the high limits of the voltages, the device is doing a greater than comparison. For the low limits, however, it is doing
a less than or equal comparison.


Similar Part No. - W83781D

ManufacturerPart #DatasheetDescription
Winbond
Winbond
W83781D WINBOND-W83781D Datasheet
725Kb / 28P
   MONITORING IC
More results

Similar Description - W83781D

ManufacturerPart #DatasheetDescription
Winbond
Winbond
W83L761G WINBOND-W83L761G Datasheet
317Kb / 16P
   H/W MONITORING IC
W83L786NR WINBOND-W83L786NR Datasheet
1,012Kb / 50P
   H/W Monitoring IC
W83772G WINBOND-W83772G Datasheet
257Kb / 16P
   H/W Monitoring IC
W83L771W WINBOND-W83L771W Datasheet
614Kb / 25P
   H/W Monitoring IC
W83782D WINBOND-W83782D_05 Datasheet
850Kb / 62P
   H/W MONITORING IC
W83L786R WINBOND-W83L786R Datasheet
691Kb / 57P
   H/W Monitoring IC
W83L785TS-S WINBOND-W83L785TS-S Datasheet
326Kb / 20P
   H/W Monitoring IC
Nuvoton Technology Corporation
Nuvoton Technology Corp...
W83L786R NUVOTON-W83L786R Datasheet
827Kb / 57P
   H/W Monitoring IC
W83772G NUVOTON-W83772G Datasheet
377Kb / 18P
   H/W Monitoring IC
W83773G NUVOTON-W83773G Datasheet
724Kb / 23P
   H/W Monitoring IC
More results


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19  20  21  22  23  24  25  26  27  28  29  30  31  32  33  34  35  36  37  38  39  40  41  42  43  44  45  46  47  48  49  50  51  52  53  54 


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com  |   allmanual.com