Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

W83781D Datasheet(PDF) 26 Page - Winbond

Part # W83781D
Description  H/W MONITORING IC
Download  54 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WINBOND [Winbond]
Direct Link  http://www.winbond.com
Logo WINBOND - Winbond

W83781D Datasheet(HTML) 26 Page - Winbond

Back Button W83781D Datasheet HTML 22Page - Winbond W83781D Datasheet HTML 23Page - Winbond W83781D Datasheet HTML 24Page - Winbond W83781D Datasheet HTML 25Page - Winbond W83781D Datasheet HTML 26Page - Winbond W83781D Datasheet HTML 27Page - Winbond W83781D Datasheet HTML 28Page - Winbond W83781D Datasheet HTML 29Page - Winbond W83781D Datasheet HTML 30Page - Winbond Next Button
Zoom Inzoom in Zoom Outzoom out
 26 / 54 page
background image
W83781D/W83781G
Publication Release Date: April 14, 2005
- 22 -
Revision 2.0
7
6
5
4
3
2
1
0
IN4
-IN5
-IN6
FAN3
Case Open
Reserved
Reserved
Chassis Clear
Bit 7:
The logical 1 outputs a minimum 20 ms active low pulse on the Case Open pin. The register
bit self clears after the pulse has been output.
Bit 6-5: Reserved. This bit should be set to 0.
Bit 4-0: The logical 1 disables the corresponding interrupt status bit for IRQ interrupt.
8.10 VID/Fan Divisor Register – Index 47h (Bank 0)
Register Location:
47h
Power on Default Value <7:4> is 0101, <3:0> is 0000
Attribute:
Read/Write
Size:
8 bits
7
6
5
4
3
2
1
0
VID0
VID1
VID2
VID3
FAN1 RPM Control
FAN1 RPM Control
FAN2 RPM Control
FAN2 RPM Control
Bit 7-6: FAN2 Speed Control.
<7:6> = 00 - divide by 1;
<7:6> = 01 - divide by 2;
<7:6> = 10 - divide by 4;
<7:6> = 11 - divide by 8.
Bit 5-4: FAN1 Speed Control.
<5:4> = 00 - divide by 1;
<5:4> = 01 - divide by 2;
<5:4> = 10 - divide by 4;
<5:4> = 11 - divide by 8.
Bit 3-0: The VID <3:0> inputs


Similar Part No. - W83781D

ManufacturerPart #DatasheetDescription
Winbond
Winbond
W83781D WINBOND-W83781D Datasheet
725Kb / 28P
   MONITORING IC
More results

Similar Description - W83781D

ManufacturerPart #DatasheetDescription
Winbond
Winbond
W83L761G WINBOND-W83L761G Datasheet
317Kb / 16P
   H/W MONITORING IC
W83L786NR WINBOND-W83L786NR Datasheet
1,012Kb / 50P
   H/W Monitoring IC
W83772G WINBOND-W83772G Datasheet
257Kb / 16P
   H/W Monitoring IC
W83L771W WINBOND-W83L771W Datasheet
614Kb / 25P
   H/W Monitoring IC
W83782D WINBOND-W83782D_05 Datasheet
850Kb / 62P
   H/W MONITORING IC
W83L786R WINBOND-W83L786R Datasheet
691Kb / 57P
   H/W Monitoring IC
W83L785TS-S WINBOND-W83L785TS-S Datasheet
326Kb / 20P
   H/W Monitoring IC
Nuvoton Technology Corporation
Nuvoton Technology Corp...
W83L786R NUVOTON-W83L786R Datasheet
827Kb / 57P
   H/W Monitoring IC
W83772G NUVOTON-W83772G Datasheet
377Kb / 18P
   H/W Monitoring IC
W83773G NUVOTON-W83773G Datasheet
724Kb / 23P
   H/W Monitoring IC
More results


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19  20  21  22  23  24  25  26  27  28  29  30  31  32  33  34  35  36  37  38  39  40  41  42  43  44  45  46  47  48  49  50  51  52  53  54 


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com  |   allmanual.com