Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

W83781D Datasheet(PDF) 15 Page - Winbond

Part # W83781D
Description  H/W MONITORING IC
Download  54 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WINBOND [Winbond]
Direct Link  http://www.winbond.com
Logo WINBOND - Winbond

W83781D Datasheet(HTML) 15 Page - Winbond

Back Button W83781D Datasheet HTML 11Page - Winbond W83781D Datasheet HTML 12Page - Winbond W83781D Datasheet HTML 13Page - Winbond W83781D Datasheet HTML 14Page - Winbond W83781D Datasheet HTML 15Page - Winbond W83781D Datasheet HTML 16Page - Winbond W83781D Datasheet HTML 17Page - Winbond W83781D Datasheet HTML 18Page - Winbond W83781D Datasheet HTML 19Page - Winbond Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 54 page
background image
W83781D/W83781G
Publication Release Date: April 14, 2005
- 11 -
Revision 2.0
(f)
Temperature 2/3 TOS and THYST write
0
Ack
by
781D
SCL (Cont...)
SDA (Cont...)
78
Frame 3
MSB Data Byte
Configuration Register Write
0
Start By
Master
100
1
A2
A1
A0
R/W
Ack
by
781D
SCL
SDA
78
0
Frame 1
Serial Bus Address Byte
4
D1
D0
Ack
by
781D
Frame 2
Pointer Byte
D6
D5
D4
D3
D2
D1
D7
D0
0
78
D6
D5
D4
D3
D2
D1
D7
D0
Ack
by
781D
Stop
by
Master
Frame 4
LSB Data Byte
78
0
0
000
0
7.2 Analog Inputs
The maximum input voltage of the analog pin is 4.096 because the 8-bit ADC has a 16mv LSB.
Really, the application of the PC monitoring would most often be connected to power suppliers. The
CPU V-core voltage and 3.3V can directly connected to these analog inputs. The +5V and +12V
inputs should be reduced a factor with external resistors so as to obtain the input range. As followed
figure is shown.
Pin 36
+2.5VINA
+2.5VINB
Pin 35
+3.3VIN
+12VIN
Pin 34
Pin 32
Pin 33
VDD(+5V)
-
+
-
+
-12VIN
-12VOUT
Pin 31
Pin 30
R2
R1
RF
RIN
Vs
Vs
Positive Input
Negative Input
8-bit ADC
with
16mV LSB
Typical Thermister Connection
10K, 1%
RTHM
VREF
Pin 37
VTIN3
VTIN2
VTIN1
Pin 38
Pin 39
Pin 40
-5VIN
-5VOUT Pin 29
Pin 28
Positive Inputs
The input voltage can be expressed as following equation.


Similar Part No. - W83781D

ManufacturerPart #DatasheetDescription
Winbond
Winbond
W83781D WINBOND-W83781D Datasheet
725Kb / 28P
   MONITORING IC
More results

Similar Description - W83781D

ManufacturerPart #DatasheetDescription
Winbond
Winbond
W83L761G WINBOND-W83L761G Datasheet
317Kb / 16P
   H/W MONITORING IC
W83L786NR WINBOND-W83L786NR Datasheet
1,012Kb / 50P
   H/W Monitoring IC
W83772G WINBOND-W83772G Datasheet
257Kb / 16P
   H/W Monitoring IC
W83L771W WINBOND-W83L771W Datasheet
614Kb / 25P
   H/W Monitoring IC
W83782D WINBOND-W83782D_05 Datasheet
850Kb / 62P
   H/W MONITORING IC
W83L786R WINBOND-W83L786R Datasheet
691Kb / 57P
   H/W Monitoring IC
W83L785TS-S WINBOND-W83L785TS-S Datasheet
326Kb / 20P
   H/W Monitoring IC
Nuvoton Technology Corporation
Nuvoton Technology Corp...
W83L786R NUVOTON-W83L786R Datasheet
827Kb / 57P
   H/W Monitoring IC
W83772G NUVOTON-W83772G Datasheet
377Kb / 18P
   H/W Monitoring IC
W83773G NUVOTON-W83773G Datasheet
724Kb / 23P
   H/W Monitoring IC
More results


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19  20  21  22  23  24  25  26  27  28  29  30  31  32  33  34  35  36  37  38  39  40  41  42  43  44  45  46  47  48  49  50  51  52  53  54 


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com  |   allmanual.com