Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

W83781D Datasheet(PDF) 11 Page - Winbond

Part # W83781D
Description  H/W MONITORING IC
Download  54 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WINBOND [Winbond]
Direct Link  http://www.winbond.com
Logo WINBOND - Winbond

W83781D Datasheet(HTML) 11 Page - Winbond

Back Button W83781D Datasheet HTML 7Page - Winbond W83781D Datasheet HTML 8Page - Winbond W83781D Datasheet HTML 9Page - Winbond W83781D Datasheet HTML 10Page - Winbond W83781D Datasheet HTML 11Page - Winbond W83781D Datasheet HTML 12Page - Winbond W83781D Datasheet HTML 13Page - Winbond W83781D Datasheet HTML 14Page - Winbond W83781D Datasheet HTML 15Page - Winbond Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 54 page
background image
W83781D/W83781G
Publication Release Date: April 14, 2005
- 7 -
Revision 2.0
The register structure is showed as the diagram next page.
The second interface use Serial Bus. In the W83781D/G has three serial bus address. That is, the first
address defined at CR48 can read/write all registers excluding Bank 1 and Bank 2 temperature 2/3
registers, the second address defined at CR4A.bit2-0 only read/write temperature sensor 2 registers,
and the third address defined at CR4A.bit6-4 only can access (read/write) temperature sensor 3
registers.
Configuration Register
40h
Interrupt Status Registers
41h, 42h
SMI# & IRQ Mask Registers
42h, 43, 44h, 45h
VID<3:0>/Fan Divisor Register
47h
Serial Bus Address
48h
Monitor Value Registers
20h~3Fh
and
60h~7Fh (auto-increment)
VID<4>/Device ID
49h
Temperature 2, 3 Serial
Bus Address
4Ah
Pin Control Register
4Bh
IRQ Polarity Select
4Ch
Fan IN/OUT and BEEP/GPO#
Control Register
4Dh
Select Bank for 50h~5Fh Reg.
4Eh
Winbond Vendor ID
4Fh
BANK 0
R-T Table Value
BEEP Control Register
Winbond Test Register
50h~58h
BANK 1
Temperature 2 Control/Staus
Registers
50h~56h
BANK 2
Temperature 3 Control/Staus
Registers
50h~56h
Data
Register
Port 6h
Port 5h
Index
Register
ISA
Data
Bus
ISA
Address
Bus


Similar Part No. - W83781D

ManufacturerPart #DatasheetDescription
Winbond
Winbond
W83781D WINBOND-W83781D Datasheet
725Kb / 28P
   MONITORING IC
More results

Similar Description - W83781D

ManufacturerPart #DatasheetDescription
Winbond
Winbond
W83L761G WINBOND-W83L761G Datasheet
317Kb / 16P
   H/W MONITORING IC
W83L786NR WINBOND-W83L786NR Datasheet
1,012Kb / 50P
   H/W Monitoring IC
W83772G WINBOND-W83772G Datasheet
257Kb / 16P
   H/W Monitoring IC
W83L771W WINBOND-W83L771W Datasheet
614Kb / 25P
   H/W Monitoring IC
W83782D WINBOND-W83782D_05 Datasheet
850Kb / 62P
   H/W MONITORING IC
W83L786R WINBOND-W83L786R Datasheet
691Kb / 57P
   H/W Monitoring IC
W83L785TS-S WINBOND-W83L785TS-S Datasheet
326Kb / 20P
   H/W Monitoring IC
Nuvoton Technology Corporation
Nuvoton Technology Corp...
W83L786R NUVOTON-W83L786R Datasheet
827Kb / 57P
   H/W Monitoring IC
W83772G NUVOTON-W83772G Datasheet
377Kb / 18P
   H/W Monitoring IC
W83773G NUVOTON-W83773G Datasheet
724Kb / 23P
   H/W Monitoring IC
More results


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19  20  21  22  23  24  25  26  27  28  29  30  31  32  33  34  35  36  37  38  39  40  41  42  43  44  45  46  47  48  49  50  51  52  53  54 


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com  |   allmanual.com