Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

W83781D Datasheet(PDF) 9 Page - Winbond

Part # W83781D
Description  H/W MONITORING IC
Download  54 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WINBOND [Winbond]
Direct Link  http://www.winbond.com
Logo WINBOND - Winbond

W83781D Datasheet(HTML) 9 Page - Winbond

Back Button W83781D Datasheet HTML 5Page - Winbond W83781D Datasheet HTML 6Page - Winbond W83781D Datasheet HTML 7Page - Winbond W83781D Datasheet HTML 8Page - Winbond W83781D Datasheet HTML 9Page - Winbond W83781D Datasheet HTML 10Page - Winbond W83781D Datasheet HTML 11Page - Winbond W83781D Datasheet HTML 12Page - Winbond W83781D Datasheet HTML 13Page - Winbond Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 54 page
background image
W83781D/W83781G
Publication Release Date: April 14, 2005
- 5 -
Revision 2.0
PIN NAME
PIN NO.
TYPE
DESCRIPTION
IOR#
1
INts
An active low standard ISA bus I/O Read Control.
IOW#
2
INts
An active low standard ISA bus I/O Write Control.
CLKIN
3
INt
System clock input. Can select 48MHz or 24MHz or
14.318MHz. The default is 24MHz.
D7~D0
4-11
I/O12t
Bi-directional ISA bus Data lines. D0 corresponds to the
low order bit, with D7 the high order bit.
VID1
12
INt
Voltage Supply readouts from P6.This value is read in the
VID/Fan Divisor Register.
VCC (+5V)
13
POWER
+5V VCC power. Bypass with the parallel combination of
10
μF (electrolytic or tantalum) and 0.1μF (ceramic)
bypass capacitors.
GNDD
14
DGROUND
Internally connected to all digital circuitry.
MR
15
INts
Master reset input.
CASEOPEN
16
I/O12t
CASE OPEN. An active high input from an external circuit
which latches a Case Open event. This line can go high
without any clamping action intrusion regardless of the
powered state of the W83781D/G. The W83781D/G
provides an internal open drain on this line, controlled by
Bit 7 of IRQ Mask Register 2, to provide a minimum 20 ms
reset of this line.
VID4
17
INt
Voltage Supply readouts from P6.This value is read in the
bit <0> of Device ID Register.
FAN3-FAN1
IN/OUT
18-20
I/O12ts
0V to +5V amplitude fan tachometer input /
Fan on-off control output. These multifunctional pins can
be programmable input or output.
SCL
21
INts
Serial Bus Clock.
SDA
22
I/O12ts
Serial Bus bi-directional Data.
RSTOUT#
23
OUT8t
8 mA driver (open drain), active low output with a 20 ms
minimum pulse width. Available when enabled via Bit 7 in
SMI# Mask Register 2.
VID2
24
INt
Voltage Supply readouts from P6.This value is read in the
VID/Fan Divisor Register.
VID3
25
INt
Voltage Supply readouts from P6.This value is read in the
VID/Fan Divisor Register.
BEEP/GPO#
26
OD48
Beep function or General purpose output (active low).
This pin is open drain driving 48 mA.
This multifunctional pin is programmable selected by
CR4D bit 6.
GNDA
27
AGROUND
Internally connected to all analog circuitry. The ground
reference for all analog inputs.
-5VIN
28
AIN
Ground-referred inverting op amp input.
-5VOUT
29
AOUT
Output of inverting op amp for Input 6.
-12VOUT
30
AOUT
Output of inverting op amp for Input 5.


Similar Part No. - W83781D

ManufacturerPart #DatasheetDescription
Winbond
Winbond
W83781D WINBOND-W83781D Datasheet
725Kb / 28P
   MONITORING IC
More results

Similar Description - W83781D

ManufacturerPart #DatasheetDescription
Winbond
Winbond
W83L761G WINBOND-W83L761G Datasheet
317Kb / 16P
   H/W MONITORING IC
W83L786NR WINBOND-W83L786NR Datasheet
1,012Kb / 50P
   H/W Monitoring IC
W83772G WINBOND-W83772G Datasheet
257Kb / 16P
   H/W Monitoring IC
W83L771W WINBOND-W83L771W Datasheet
614Kb / 25P
   H/W Monitoring IC
W83782D WINBOND-W83782D_05 Datasheet
850Kb / 62P
   H/W MONITORING IC
W83L786R WINBOND-W83L786R Datasheet
691Kb / 57P
   H/W Monitoring IC
W83L785TS-S WINBOND-W83L785TS-S Datasheet
326Kb / 20P
   H/W Monitoring IC
Nuvoton Technology Corporation
Nuvoton Technology Corp...
W83L786R NUVOTON-W83L786R Datasheet
827Kb / 57P
   H/W Monitoring IC
W83772G NUVOTON-W83772G Datasheet
377Kb / 18P
   H/W Monitoring IC
W83773G NUVOTON-W83773G Datasheet
724Kb / 23P
   H/W Monitoring IC
More results


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19  20  21  22  23  24  25  26  27  28  29  30  31  32  33  34  35  36  37  38  39  40  41  42  43  44  45  46  47  48  49  50  51  52  53  54 


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com  |   allmanual.com