Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

INA111AUE4 Datasheet(PDF) 8 Page - Burr-Brown (TI)

[Old version datasheet] Texas Instruments acquired Burr-Brown Corporation.
Part # INA111AUE4
Description  High Speed FET-Input INSTRUMENTATION AMPLIFIER
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BURR-BROWN [Burr-Brown (TI)]
Direct Link  http://www.burr-brown.com
Logo BURR-BROWN - Burr-Brown (TI)

INA111AUE4 Datasheet(HTML) 8 Page - Burr-Brown (TI)

Back Button INA111AUE4 Datasheet HTML 4Page - Burr-Brown (TI) INA111AUE4 Datasheet HTML 5Page - Burr-Brown (TI) INA111AUE4 Datasheet HTML 6Page - Burr-Brown (TI) INA111AUE4 Datasheet HTML 7Page - Burr-Brown (TI) INA111AUE4 Datasheet HTML 8Page - Burr-Brown (TI) INA111AUE4 Datasheet HTML 9Page - Burr-Brown (TI) INA111AUE4 Datasheet HTML 10Page - Burr-Brown (TI) INA111AUE4 Datasheet HTML 11Page - Burr-Brown (TI) INA111AUE4 Datasheet HTML 12Page - Burr-Brown (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 14 page
background image
®
INA111
8
The INA111 exhibits approximately 6dB rise in gain at
2MHz in unity gain. This is a result of its current-feedback
topology and is not an indication of instability. Unlike an op
amp with poor phase margin, the rise in response is a
predictable +6dB/octave due to a response zero. A simple
pole at 700kHz or lower will produce a flat passband
response (see Input Filtering).
The INA111 provides excellent rejection of high frequency
common-mode signals. The typical performance curve,
“Common-Mode Rejection vs Frequency” shows this be-
havior. If the inputs are not properly balanced, however,
common-mode signals can be converted to differential sig-
nals. Run the VIN and VIN connections directly adjacent each
other, from the source signal all the way to the input pins. If
possible use a ground plane under both input traces. Avoid
running other potentially noisy lines near the inputs.
NOISE AND ACCURACY PERFORMANCE
The INA111’s FET input circuitry provides low input bias
current and high speed. It achieves lower noise and higher
accuracy with high impedance sources. With source imped-
ances of 2k
Ω to 50kΩ the INA114 may provide lower offset
voltage and drift. For very low source impedance (
≤1kΩ),
the INA103 may provide improved accuracy and lower
noise.
OFFSET TRIMMING
The INA111 is laser trimmed for low offset voltage and
drift. Most applications require no external offset adjust-
ment. Figure 2 shows an optional circuit for trimming the
output offset voltage. The voltage applied to Ref terminal is
summed at the output. Low impedance must be maintained
at this node to assure good common-mode rejection. The op
amp shown maintains low output impedance at high fre-
quency. Trim circuits with higher source impedance should
be buffered with an op amp follower circuit to assure low
impedance on the Ref pin.
INPUT BIAS CURRENT RETURN PATH
The input impedance of the INA111 is extremely high—
approximately 1012
Ω. However, a path must be provided for
the input bias current of both inputs. This input bias current
is typically less than 10pA. High input impedance means
that this input bias current changes very little with varying
input voltage.
Input circuitry must provide a path for this input bias current
if the INA111 is to operate properly. Figure 3 shows various
provisions for an input bias current path. Without a bias
current return path, the inputs will float to a potential which
exceeds the common-mode range of the INA111 and the
input amplifiers will saturate.
If the differential source resistance is low, the bias current
return path can be connected to one input (see the thermo-
couple example in Figure 3). With higher source impedance,
using two resistors provides a balanced input with possible
advantages of lower input offset voltage due to bias current
and better high-frequency common-mode rejection.
INA111
1M
1M
INA111
10k
Thermocouple
INA111
Center-tap provides
bias current return.
Crystal or
Ceramic
Transducer
FIGURE 3. Providing an Input Common-Mode Current Path.
FIGURE 2. Optional Trimming of Output Offset Voltage.
INPUT COMMON-MODE RANGE
The linear common-mode range of the input op amps of the
INA111 is approximately
±12V (or 3V from the power
supplies). As the output voltage increases, however, the
linear input range will be limited by the output voltage swing
of the input amplifiers, A1 and A2. The common-mode range
is related to the output voltage of the complete amplifier—
see performance curve “Input Common-Mode Range vs
Output Voltage”.
INA111
V
IN
V
IN
R
G
+
10k
(1)
V
O
OPA177
Ref
±10mV
Adjustment Range
100
(1)
100
(1)
100µA
1/2 REF200
100µA
1/2 REF200
V+
V–
NOTE: (1) For wider trim range required
in high gains, scale resistor values larger
+


Similar Part No. - INA111AUE4

ManufacturerPart #DatasheetDescription
logo
Burr-Brown (TI)
INA111AU BURR-BROWN-INA111AU Datasheet
245Kb / 11P
   High Speed FET-Input INSTRUMENTATION AMPLIFIER
More results

Similar Description - INA111AUE4

ManufacturerPart #DatasheetDescription
logo
Burr-Brown (TI)
INA111 BURR-BROWN-INA111 Datasheet
245Kb / 11P
   High Speed FET-Input INSTRUMENTATION AMPLIFIER
logo
Linear Technology
LT1102 LINER-LT1102_15 Datasheet
192Kb / 12P
   High Speed, Precision, JFET Input Instrumentation Amplifier
logo
Texas Instruments
INA110 TI1-INA110 Datasheet
595Kb / 21P
[Old version datasheet]   Fast-Settling FET-Input INSTRUMENTATION AMPLIFIER
logo
Burr-Brown (TI)
INA110 BURR-BROWN-INA110 Datasheet
148Kb / 11P
   Fast-Settling FET-Input INSTRUMENTATION AMPLIFIER
INA121 BURR-BROWN-INA121 Datasheet
220Kb / 12P
   FET-Input, Low Power INSTRUMENTATION AMPLIFIER
logo
Texas Instruments
INA121 TI1-INA121 Datasheet
884Kb / 20P
[Old version datasheet]   FET-Input, Low Power INSTRUMENTATION AMPLIFIER
logo
Burr-Brown (TI)
PGA206 BURR-BROWN-PGA206 Datasheet
246Kb / 10P
   High-Speed Programmable Gain INSTRUMENTATION AMPLIFIER
logo
Analog Devices
AD8220 AD-AD8220_15 Datasheet
530Kb / 28P
   JFET Input Instrumentation Amplifier
REV. B
logo
List of Unclassifed Man...
MSK0033 ETC1-MSK0033 Datasheet
449Kb / 6P
   FET INPUT HIGH SPEED VOLTAGE FOLLOWER/BUFFER AMPLIFIER
logo
M.S. Kennedy Corporatio...
MSK0033 MSK-MSK0033 Datasheet
587Kb / 6P
   FET INPUT HIGH SPEED VOLTAGE FOLLOWER/BUFFER AMPLIFIER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com