Electronic Components Datasheet Search |
|
INA111APG4 Datasheet(PDF) 3 Page - Burr-Brown (TI) |
|
|
INA111APG4 Datasheet(HTML) 3 Page - Burr-Brown (TI) |
3 / 14 page ® INA111 3 PIN CONFIGURATIONS ELECTROSTATIC DISCHARGE SENSITIVITY This integrated circuit can be damaged by ESD. Burr-Brown recommends that all integrated circuits be handled with ap- propriate precautions. Failure to observe proper handling and installation procedures can cause damage. ESD damage can range from subtle performance degradation to complete device failure. Precision integrated circuits may be more susceptible to damage because very small parametric changes could cause the device not to meet its published specifications. Top View DIP Top View SOL-16 Surface Mount NC R G NC V – IN V + IN NC V– NC NC R G NC V+ Feedback V O Ref NC 1 2 3 4 5 6 7 8 16 15 14 13 12 11 10 9 R G V – IN V + IN V– R G V+ V O Ref 1 2 3 4 8 7 6 5 ORDERING INFORMATION PRODUCT PACKAGE TEMPERATURE RANGE INA111AP 8-Pin Plastic DIP –40 °C to +85°C INA111BP 8-Pin Plastic DIP –40 °C to +85°C INA111AU SOL-16 Surface-Mount –40 °C to +85°C INA111BU SOL-16 Surface-Mount –40 °C to +85°C Supply Voltage .................................................................................. ±18V Input Voltage Range .......................................... (V–) –0.7V to (V+) +15V Output Short-Circuit (to ground) .............................................. Continuous Operating Temperature ................................................. –40 °C to +125°C Storage Temperature ..................................................... –40 °C to +125°C Junction Temperature .................................................................... +150 °C Lead Temperature (soldering, 10s) ............................................... +300 °C NOTE: Stresses above these ratings may cause permanent damage. ABSOLUTE MAXIMUM RATINGS(1) PACKAGE INFORMATION PACKAGE DRAWING PRODUCT PACKAGE NUMBER(1) INA111AP 8-Pin Plastic DIP 006 INA111BP 8-Pin Plastic DIP 006 INA111AU 16-Pin Surface Mount 211 INA111BU 16-Pin Surface Mount 211 NOTE: (1) For detailed drawing and dimension table, please see end of data sheet, or Appendix C of Burr-Brown IC Data Book. |
Similar Part No. - INA111APG4 |
|
Similar Description - INA111APG4 |
|
|
Link URL |
Privacy Policy |
ALLDATASHEET.COM |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Datasheet Upload | Contact us | Privacy Policy | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |