Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PI3V341-A Datasheet(PDF) 9 Page - Pericom Semiconductor Corporation

Part # PI3V341-A
Description  Low On-Resistance, 3.3V High-Bandwidth 3-Port, 4:1 Mux/DeMux Video Switch
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PERICOM [Pericom Semiconductor Corporation]
Direct Link  http://www.pericom.com
Logo PERICOM - Pericom Semiconductor Corporation

PI3V341-A Datasheet(HTML) 9 Page - Pericom Semiconductor Corporation

Back Button PI3V341-A Datasheet HTML 2Page - Pericom Semiconductor Corporation PI3V341-A Datasheet HTML 3Page - Pericom Semiconductor Corporation PI3V341-A Datasheet HTML 4Page - Pericom Semiconductor Corporation PI3V341-A Datasheet HTML 5Page - Pericom Semiconductor Corporation PI3V341-A Datasheet HTML 6Page - Pericom Semiconductor Corporation PI3V341-A Datasheet HTML 7Page - Pericom Semiconductor Corporation PI3V341-A Datasheet HTML 8Page - Pericom Semiconductor Corporation PI3V341-A Datasheet HTML 9Page - Pericom Semiconductor Corporation PI3V341-A Datasheet HTML 10Page - Pericom Semiconductor Corporation  
Zoom Inzoom in Zoom Outzoom out
 9 / 10 page
background image
9
P-0.2
07/05/06
PI3V341/PI3V341-A
Low On-Resistance, 3.3V High-Bandwidth
3-Port, 4:1 Mux/DeMux Video Switch
ADVANCE INFORMATION - COMPANY CONFIDENTIAL
Applications Information
Logic Inputs
The logic control inputs can be driven upto 3.6V regardless of the supply voltage. For example, given a +3.3V supply, EN maybe
driven LOW to 0V and HIGH to 3.6V. Driving EN Rail-to-Rail® minimizes power consumption.
Hot Insertion
For Datacom and Telecom applications that have ten or more volts passing through the backplane, a high voltage from the power
supply may be seen at the device input pins during hot insertion. The PI3Vxxx devices have maximum limits of 6V and 120mA for
20ns. If the power is higher or applied for a longer time or repeatedly reaches the maximum limits, the devices can be damaged.
Packaging Mechanical: 24-Pin QSOP (Q)
.337
.344
.053
.069
.004
.010
SEATING
PLANE
.025
typical
.007
.010
.228
.244
1
24
.150
.157
.016
.050
X.XX
X.XX
DENOTES DIMENSIONS
IN MILLIMETERS
0.635
8.56
8.74
1.35
1.75
5.79
6.20
0.406
1.27
0.101
0.254
.008
.012
0.203
0.305
3.81
3.99
0.178
0.254
.033
0.84
0.38
.015 x 45˚
Detail A
Detail A
.008
0.20
MIN.
Guage Plane
.010
0.254
.041
1.04
REF
.016
.035
0.41
0.89
0˚-6˚
.008
.013
0.20
0.33
06-0198


Similar Part No. - PI3V341-A

ManufacturerPart #DatasheetDescription
logo
Pericom Semiconductor C...
PI3V312 PERICOM-PI3V312 Datasheet
326Kb / 10P
   Low On-Resistance, 3.3V High-Bandwidth 4-Port, 2:1 Mux/DeMux VideoSwitch
PI3V312L PERICOM-PI3V312L Datasheet
326Kb / 10P
   Low On-Resistance, 3.3V High-Bandwidth 4-Port, 2:1 Mux/DeMux VideoSwitch
PI3V312LE PERICOM-PI3V312LE Datasheet
326Kb / 10P
   Low On-Resistance, 3.3V High-Bandwidth 4-Port, 2:1 Mux/DeMux VideoSwitch
PI3V312Q PERICOM-PI3V312Q Datasheet
326Kb / 10P
   Low On-Resistance, 3.3V High-Bandwidth 4-Port, 2:1 Mux/DeMux VideoSwitch
PI3V312QE PERICOM-PI3V312QE Datasheet
326Kb / 10P
   Low On-Resistance, 3.3V High-Bandwidth 4-Port, 2:1 Mux/DeMux VideoSwitch
More results

Similar Description - PI3V341-A

ManufacturerPart #DatasheetDescription
logo
Pericom Semiconductor C...
PI3V314 PERICOM-PI3V314 Datasheet
348Kb / 10P
   Low On-Resistance, 3.3V High-Bandwidth 3-Port, 4:1 Mux/DeMux VideoSwitch
logo
Potato Semiconductor Co...
PO3B341A POTATO-PO3B341A Datasheet
559Kb / 6P
   High-Bandwidth 3-Port, 4:1 Mux/DeMux Video Switch
PO3B341A POTATO-PO3B341A_14 Datasheet
1Mb / 6P
   High-Bandwidth 3-Port, 4:1 Mux/DeMux Video Switch
logo
Pericom Semiconductor C...
PI3V312 PERICOM-PI3V312 Datasheet
326Kb / 10P
   Low On-Resistance, 3.3V High-Bandwidth 4-Port, 2:1 Mux/DeMux VideoSwitch
PI3V514 PERICOM-PI3V514 Datasheet
309Kb / 9P
   LOW ON RESISTANCE 3.3V HIGH BANDWIDTH 5-PORT 4:1 MUX/DEMUX VIDEOSWITCH
PI3V512 PERICOM-PI3V512 Datasheet
424Kb / 8P
   Low On-Resistance, 3.3V Wideband/Video Switch 5-Port, 2:1 Mux/DeMux
PI3V512QEX PERICOM-PI3V512QEX Datasheet
578Kb / 8P
   Low On-Resistance, 3.3V Wideband/Video Switch 5-Port, 2:1 Mux/DeMux
PI5V331 PERICOM-PI5V331 Datasheet
159Kb / 5P
   Low ON Resistance Wideband/Video Dual 4-Channel Mux/Demux
PI5V512 PERICOM-PI5V512 Datasheet
234Kb / 8P
   Low On-Resistance, 5V Wide-Bandwidth 5-port, 2:1 Mux/DeMux VideoSwitch
PI3DBV40 PERICOM-PI3DBV40 Datasheet
424Kb / 8P
   3.3V, Wide Bandwidth, 4-Channel, 2:1 Mux/DeMux Video Switch with Single Enable
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com