Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PI3V341 Datasheet(PDF) 3 Page - Pericom Semiconductor Corporation

Part # PI3V341
Description  Low On-Resistance, 3.3V High-Bandwidth 3-Port, 4:1 Mux/DeMux Video Switch
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PERICOM [Pericom Semiconductor Corporation]
Direct Link  http://www.pericom.com
Logo PERICOM - Pericom Semiconductor Corporation

PI3V341 Datasheet(HTML) 3 Page - Pericom Semiconductor Corporation

  PI3V341 Datasheet HTML 1Page - Pericom Semiconductor Corporation PI3V341 Datasheet HTML 2Page - Pericom Semiconductor Corporation PI3V341 Datasheet HTML 3Page - Pericom Semiconductor Corporation PI3V341 Datasheet HTML 4Page - Pericom Semiconductor Corporation PI3V341 Datasheet HTML 5Page - Pericom Semiconductor Corporation PI3V341 Datasheet HTML 6Page - Pericom Semiconductor Corporation PI3V341 Datasheet HTML 7Page - Pericom Semiconductor Corporation PI3V341 Datasheet HTML 8Page - Pericom Semiconductor Corporation PI3V341 Datasheet HTML 9Page - Pericom Semiconductor Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 10 page
background image
3
P-0.2
07/05/06
PI3V341/PI3V341-A
Low On-Resistance, 3.3V High-Bandwidth
3-Port, 4:1 Mux/DeMux Video Switch
ADVANCE INFORMATION - COMPANY CONFIDENTIAL
Storage Temperature ................................................ –65°C to +150°C
Ambient Temperature with Power Applied ............... –40°C to +85°C
Supply Voltage to Ground Potential ........................... –0.5V to +4.6V
DC Input Voltage ........................................................ –0.5V to +6.0V
DC Output Current................................................................... 120mA
Power Dissipation ....................................................................... 0.5W
Note:
Stresses greater than those listed under MAXIMUM
RATINGS may cause permanent damage to the device. This is a
stress rating only and functional operation of the device at these
or any other conditions above those indicated in the operational
sections of this specification is not implied. Exposure to absolute
maximum rating conditions for extended periods may affect re-
liability.
Maximum Ratings
(Above which the useful life may be impaired. For user guidelines, not tested.)
DC Electrical Characteristics, 3.3V Supply (Over the Operating Range, TA = –40°C to +85°C, VCC = 3.3V ±10%)
Parameters
Description
Test Conditions(1)
Min.
Typ(2)
Max.
Units
VIH
Input HIGH Voltage
Guaranteed Logic HIGH Level
2.0
V
VIL
Input LOW Voltage
Guaranteed Logic LOW Level
–0.5
0.8
VIK
Clamp Diode Voltage
VCC = Min., IIN = –18 mA
-1.3
–1.8
IIH
Input HIGH Current
VCC = Max., VIN = VCC
±1
µA
IIL
Input LOW Current
VCC = Max., VIN = GND
±1
IOZH
High Impedance Output Current 0 ≤ Y, In ≤ VCC
±1
RON
Switch On-Resistance(4)
VCC = Min., VIN = 0V,
ION = –48 mA or -64mA
5
7
VCC = Min., VIN = 3.6V, ION = -15 mA
6
8
DC Electrical Characteristics, 2.5V Supply (Over Operating Range, TA = –40°C to +85°C, VCC = 2.5V ± 10%)
Parameters(5)
Description
Test Conditions
Min.
Typ.
Max.
Units
VIH
Input HIGH Voltage
Guaranteed Logic HIGH Level
1.8
VCC + 0.3
V
VIL
Inout LOW Voltage
Guaranteed Logic LOW Level
–0.3
0.8
VIK
Clamp Diode Voltage
VCC = Max., IIN = –6mA
–0.7
–1.8
IIH
Input HIGH Current
VCC = Max., VIN = VCC
±1
µA
IIL
Input LOW Current
VCC = Max., VIN = GND
±1
IOZH
High Impedance Current(3)
0 ≤ Y, In ≤ VCC
±1
RON
Switch On-Resistance(4)
VCC = Min., VIN = 0V,
ION = –48mA
6
8
VCC = Min., VIN = 2.25V,
ION = -15mA
8
10
06-0198


Similar Part No. - PI3V341

ManufacturerPart #DatasheetDescription
logo
Pericom Semiconductor C...
PI3V312 PERICOM-PI3V312 Datasheet
326Kb / 10P
   Low On-Resistance, 3.3V High-Bandwidth 4-Port, 2:1 Mux/DeMux VideoSwitch
PI3V312L PERICOM-PI3V312L Datasheet
326Kb / 10P
   Low On-Resistance, 3.3V High-Bandwidth 4-Port, 2:1 Mux/DeMux VideoSwitch
PI3V312LE PERICOM-PI3V312LE Datasheet
326Kb / 10P
   Low On-Resistance, 3.3V High-Bandwidth 4-Port, 2:1 Mux/DeMux VideoSwitch
PI3V312Q PERICOM-PI3V312Q Datasheet
326Kb / 10P
   Low On-Resistance, 3.3V High-Bandwidth 4-Port, 2:1 Mux/DeMux VideoSwitch
PI3V312QE PERICOM-PI3V312QE Datasheet
326Kb / 10P
   Low On-Resistance, 3.3V High-Bandwidth 4-Port, 2:1 Mux/DeMux VideoSwitch
More results

Similar Description - PI3V341

ManufacturerPart #DatasheetDescription
logo
Pericom Semiconductor C...
PI3V314 PERICOM-PI3V314 Datasheet
348Kb / 10P
   Low On-Resistance, 3.3V High-Bandwidth 3-Port, 4:1 Mux/DeMux VideoSwitch
logo
Potato Semiconductor Co...
PO3B341A POTATO-PO3B341A Datasheet
559Kb / 6P
   High-Bandwidth 3-Port, 4:1 Mux/DeMux Video Switch
PO3B341A POTATO-PO3B341A_14 Datasheet
1Mb / 6P
   High-Bandwidth 3-Port, 4:1 Mux/DeMux Video Switch
logo
Pericom Semiconductor C...
PI3V312 PERICOM-PI3V312 Datasheet
326Kb / 10P
   Low On-Resistance, 3.3V High-Bandwidth 4-Port, 2:1 Mux/DeMux VideoSwitch
PI3V514 PERICOM-PI3V514 Datasheet
309Kb / 9P
   LOW ON RESISTANCE 3.3V HIGH BANDWIDTH 5-PORT 4:1 MUX/DEMUX VIDEOSWITCH
PI3V512 PERICOM-PI3V512 Datasheet
424Kb / 8P
   Low On-Resistance, 3.3V Wideband/Video Switch 5-Port, 2:1 Mux/DeMux
PI3V512QEX PERICOM-PI3V512QEX Datasheet
578Kb / 8P
   Low On-Resistance, 3.3V Wideband/Video Switch 5-Port, 2:1 Mux/DeMux
PI5V331 PERICOM-PI5V331 Datasheet
159Kb / 5P
   Low ON Resistance Wideband/Video Dual 4-Channel Mux/Demux
PI5V512 PERICOM-PI5V512 Datasheet
234Kb / 8P
   Low On-Resistance, 5V Wide-Bandwidth 5-port, 2:1 Mux/DeMux VideoSwitch
PI3DBV40 PERICOM-PI3DBV40 Datasheet
424Kb / 8P
   3.3V, Wide Bandwidth, 4-Channel, 2:1 Mux/DeMux Video Switch with Single Enable
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com