Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

INA111BP Datasheet(PDF) 1 Page - Burr-Brown (TI)

[Old version datasheet] Texas Instruments acquired Burr-Brown Corporation. Click here to check the latest version.
Part # INA111BP
Description  High Speed FET-Input INSTRUMENTATION AMPLIFIER
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BURR-BROWN [Burr-Brown (TI)]
Direct Link  http://www.burr-brown.com
Logo BURR-BROWN - Burr-Brown (TI)

INA111BP Datasheet(HTML) 1 Page - Burr-Brown (TI)

  INA111BP Datasheet HTML 1Page - Burr-Brown (TI) INA111BP Datasheet HTML 2Page - Burr-Brown (TI) INA111BP Datasheet HTML 3Page - Burr-Brown (TI) INA111BP Datasheet HTML 4Page - Burr-Brown (TI) INA111BP Datasheet HTML 5Page - Burr-Brown (TI) INA111BP Datasheet HTML 6Page - Burr-Brown (TI) INA111BP Datasheet HTML 7Page - Burr-Brown (TI) INA111BP Datasheet HTML 8Page - Burr-Brown (TI) INA111BP Datasheet HTML 9Page - Burr-Brown (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 14 page
background image
®
INA111
1
©1992 Burr-Brown Corporation
PDS-1143E
Printed in U.S.A. March, 1998
INA111
A
1
A
2
A
3
(12)
(11)
6
(10)
10k
10k
25k
25k
10k
10k
(13)
7
(7)
4
(5)
3
(15)
8
(2)
1
(4)
2
V
IN
V
IN
R
G
V+
V–
INA111
DIP
(SOIC)
Ref
Feedback
V
O
G = 1 +
50k
R
G
+
5
DIP Connected
Internally
High Speed FET-Input
INSTRUMENTATION AMPLIFIER
FEATURES
q FET INPUT: I
B = 20pA max
q HIGH SPEED: T
S = 4µs (G = 100, 0.01%)
q LOW OFFSET VOLTAGE: 500
µV max
q LOW OFFSET VOLTAGE DRIFT:
5
µV/°C max
q HIGH COMMON-MODE REJECTION:
106dB min
q 8-PIN PLASTIC DIP, SOL-16 SOIC
APPLICATIONS
q MEDICAL INSTRUMENTATION
q DATA ACQUISITION
DESCRIPTION
The INA111 is a high speed, FET-input instrumenta-
tion amplifier offering excellent performance.
The INA111 uses a current-feedback topology provid-
ing extended bandwidth (2MHz at G = 10) and fast
settling time (4
µs to 0.01% at G = 100). A single
external resistor sets any gain from 1 to over 1000.
Offset voltage and drift are laser trimmed for excellent
DC accuracy. The INA111’s FET inputs reduce input
bias current to under 20pA, simplifying input filtering
and limiting circuitry.
The INA111 is available in 8-pin plastic DIP, and
SOL-16 surface-mount packages, specified for the
–40
°C to +85°C temperature range.
®
International Airport Industrial Park • Mailing Address: PO Box 11400, Tucson, AZ 85734 • Street Address: 6730 S. Tucson Blvd., Tucson, AZ 85706 • Tel: (520) 746-1111 • Twx: 910-952-1111
Internet: http://www.burr-brown.com/ • FAXLine: (800) 548-6133 (US/Canada Only) • Cable: BBRCORP • Telex: 066-6491 • FAX: (520) 889-1510 • Immediate Product Info: (800) 548-6132
INA111
INA111
SBOS015


Similar Part No. - INA111BP

ManufacturerPart #DatasheetDescription
logo
Burr-Brown (TI)
INA111BP BURR-BROWN-INA111BP Datasheet
245Kb / 11P
   High Speed FET-Input INSTRUMENTATION AMPLIFIER
More results

Similar Description - INA111BP

ManufacturerPart #DatasheetDescription
logo
Burr-Brown (TI)
INA111 BURR-BROWN-INA111 Datasheet
245Kb / 11P
   High Speed FET-Input INSTRUMENTATION AMPLIFIER
logo
Linear Technology
LT1102 LINER-LT1102_15 Datasheet
192Kb / 12P
   High Speed, Precision, JFET Input Instrumentation Amplifier
logo
Texas Instruments
INA110 TI1-INA110 Datasheet
595Kb / 21P
[Old version datasheet]   Fast-Settling FET-Input INSTRUMENTATION AMPLIFIER
logo
Burr-Brown (TI)
INA110 BURR-BROWN-INA110 Datasheet
148Kb / 11P
   Fast-Settling FET-Input INSTRUMENTATION AMPLIFIER
INA121 BURR-BROWN-INA121 Datasheet
220Kb / 12P
   FET-Input, Low Power INSTRUMENTATION AMPLIFIER
logo
Texas Instruments
INA121 TI1-INA121 Datasheet
884Kb / 20P
[Old version datasheet]   FET-Input, Low Power INSTRUMENTATION AMPLIFIER
logo
Burr-Brown (TI)
PGA206 BURR-BROWN-PGA206 Datasheet
246Kb / 10P
   High-Speed Programmable Gain INSTRUMENTATION AMPLIFIER
logo
Analog Devices
AD8220 AD-AD8220_15 Datasheet
530Kb / 28P
   JFET Input Instrumentation Amplifier
REV. B
logo
List of Unclassifed Man...
MSK0033 ETC1-MSK0033 Datasheet
449Kb / 6P
   FET INPUT HIGH SPEED VOLTAGE FOLLOWER/BUFFER AMPLIFIER
logo
M.S. Kennedy Corporatio...
MSK0033 MSK-MSK0033 Datasheet
587Kb / 6P
   FET INPUT HIGH SPEED VOLTAGE FOLLOWER/BUFFER AMPLIFIER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com