Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

RM60SZ-6R Datasheet(PDF) 1 Page - Mitsubishi Electric Semiconductor

Part # RM60SZ-6R
Description  MEDIUM POWER GENERAL USE NON-INSULATED TYPE
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MITSUBISHI [Mitsubishi Electric Semiconductor]
Direct Link  http://www.mitsubishichips.com
Logo MITSUBISHI - Mitsubishi Electric Semiconductor

RM60SZ-6R Datasheet(HTML) 1 Page - Mitsubishi Electric Semiconductor

  RM60SZ-6R Datasheet HTML 1Page - Mitsubishi Electric Semiconductor RM60SZ-6R Datasheet HTML 2Page - Mitsubishi Electric Semiconductor RM60SZ-6R Datasheet HTML 3Page - Mitsubishi Electric Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
Feb.1999
MITSUBISHI DIODE MODULES
RM60SZ-6S,-6R
MEDIUM POWER GENERAL USE
NON-INSULATED TYPE
OUTLINE DRAWING & CIRCUIT DIAGRAM
Dimensions in mm
APPLICATION
Welders
RM60SZ-6S,6R
• IF(AV)
Average forward current ............ 60A
• VRRM
Repetitive peak reverse voltage
....................... 300V
• TRIPLE ARMS
• Non-Insulated Type
93.5
80
2–
φ6.5
17.5
20
20
3–M5
A1
(S)
SR1
A
(R)
LABEL
SR2
SR3
A2
A3
SR1
SR2
SR3
K1
K2
K3
K


Similar Part No. - RM60SZ-6R

ManufacturerPart #DatasheetDescription
logo
Rectron Semiconductor
RM6003 RECTRON-RM6003 Datasheet
202Kb / 7P
   N-Channel Enhancement Mode Power MOSFET
logo
Cooper Bussmann, Inc.
RM60030-1CR COOPER-RM60030-1CR Datasheet
3Mb / 8P
   Class H(K), J and R modular ferrule fuse blocks
RM60030-1MW14 COOPER-RM60030-1MW14 Datasheet
5Mb / 11P
   Up to 60 A Class R 250 V and 600 V ferrule power distribution fuse blocks
RM60030-1PR COOPER-RM60030-1PR Datasheet
3Mb / 8P
   Class H(K), J and R modular ferrule fuse blocks
RM60030-1SR COOPER-RM60030-1SR Datasheet
3Mb / 8P
   Class H(K), J and R modular ferrule fuse blocks
More results

Similar Description - RM60SZ-6R

ManufacturerPart #DatasheetDescription
logo
Mitsubishi Electric Sem...
TM60SA-6 MITSUBISHI-TM60SA-6 Datasheet
51Kb / 4P
   MEDIUM POWER GENERAL USE NON-INSULATED TYPE
TM150SA-6 MITSUBISHI-TM150SA-6 Datasheet
53Kb / 4P
   MEDIUM POWER GENERAL USE NON-INSULATED TYPE
RM100SZ-6S MITSUBISHI-RM100SZ-6S Datasheet
43Kb / 3P
   MEDIUM POWER GENERAL USE NON-INSULATED TYPE
TM60SZ-M MITSUBISHI-TM60SZ-M Datasheet
52Kb / 4P
   MEDIUM POWER GENERAL USE NON-INSULATED TYPE
TM90SA-6 MITSUBISHI-TM90SA-6 Datasheet
52Kb / 4P
   MEDIUM POWER GENERAL USE NON-INSULATED TYPE
TM100SZ-M MITSUBISHI-TM100SZ-M Datasheet
54Kb / 4P
   MEDIUM POWER GENERAL USE NON-INSULATED TYPE
TM15T3A-M MITSUBISHI-TM15T3A-M Datasheet
56Kb / 4P
   MEDIUM POWER GENERAL USE INSULATED TYPE
TM28RZ-M MITSUBISHI-TM28RZ-M Datasheet
67Kb / 5P
   MEDIUM POWER GENERAL USE INSULATED TYPE
TM20DA-M MITSUBISHI-TM20DA-M Datasheet
63Kb / 5P
   MEDIUM POWER GENERAL USE INSULATED TYPE
TM55RZ-M MITSUBISHI-TM55RZ-M Datasheet
67Kb / 5P
   MEDIUM POWER GENERAL USE INSULATED TYPE
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com