Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CY23EP05SXI-1HT Datasheet(PDF) 7 Page - Cypress Semiconductor

Part # CY23EP05SXI-1HT
Description  2.5V or 3.3V,10- 220 MHz, Low Jitter, 5 Output Zero Delay Buffer
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

CY23EP05SXI-1HT Datasheet(HTML) 7 Page - Cypress Semiconductor

Back Button CY23EP05SXI-1HT Datasheet HTML 3Page - Cypress Semiconductor CY23EP05SXI-1HT Datasheet HTML 4Page - Cypress Semiconductor CY23EP05SXI-1HT Datasheet HTML 5Page - Cypress Semiconductor CY23EP05SXI-1HT Datasheet HTML 6Page - Cypress Semiconductor CY23EP05SXI-1HT Datasheet HTML 7Page - Cypress Semiconductor CY23EP05SXI-1HT Datasheet HTML 8Page - Cypress Semiconductor CY23EP05SXI-1HT Datasheet HTML 9Page - Cypress Semiconductor CY23EP05SXI-1HT Datasheet HTML 10Page - Cypress Semiconductor CY23EP05SXI-1HT Datasheet HTML 11Page - Cypress Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 12 page
background image
CY23EP05
Document #: 38-07759 Rev. *B
Page 7 of 12
Supplemental Parametric Information
Figure 1. 2.5V Typical Room Temperature Graph for REF Input to CLKn Delay versus Loading Difference between
CLKOUT and CLKn. Data is shown for 66 MHz. Delay is a weak function of frequency.
-1500
-1250
-1000
-750
-500
-250
0
250
500
750
1000
1250
1500
-20
-10
0
10
20
Load CLKOUT- Load CLKn (pF)
2.5V Standard Drive
2.5V High Drive
Figure 2. 3.3V Typical Room Temperature Graph for REF Input to CLKn Delay versus Loading Difference between
CLKOUT and CLKn. Data is shown for 66 MHz. Delay is a weak function of frequency.
-1000
-800
-600
-400
-200
0
200
400
600
800
1000
-20
-10
0
10
20
Load CLKOUT- Load CLKn (pF)
3.3V Standard Drive
3.3V High Drive


Similar Part No. - CY23EP05SXI-1HT

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
CY23EP05SXI-1HT CYPRESS-CY23EP05SXI-1HT Datasheet
626Kb / 15P
   2.5 V or 3.3 V,10-220-MHz, Low Jitter, 5 Output Zero Delay Buffer
More results

Similar Description - CY23EP05SXI-1HT

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
CY23EP09 CYPRESS-CY23EP09 Datasheet
355Kb / 13P
   2.5V or 3.3V, 10-220 MHz, Low Jitter, 9-Output Zero Delay Buffer
CY29658 CYPRESS-CY29658 Datasheet
109Kb / 7P
   2.5V or 3.3V 200-MHz 10-Output Zero Delay Buffer
CY23EP05 CYPRESS-CY23EP05_11 Datasheet
626Kb / 15P
   2.5 V or 3.3 V,10-220-MHz, Low Jitter, 5 Output Zero Delay Buffer
logo
Alliance Semiconductor ...
ASM5I9352 ALSC-ASM5I9352 Datasheet
475Kb / 12P
   2.5V or 3.3V, 200 MHz, 11 Output Zero Delay Buffer
ASM5I9351 ALSC-ASM5I9351 Datasheet
522Kb / 13P
   2.5V or 3.3V, 200 MHz, 9-Output Zero Delay Buffer
ASM5I9773A ALSC-ASM5I9773A Datasheet
624Kb / 16P
   2.5V or 3.3V, 200-MHz, 12-Output Zero Delay Buffer
logo
Cypress Semiconductor
CY29774 CYPRESS-CY29774 Datasheet
81Kb / 9P
   2.5V or 3.3V, 125-MHz, 14 Output Zero Delay Buffer
logo
PulseCore Semiconductor
PCS5I9772 PULSECORE-PCS5I9772 Datasheet
584Kb / 15P
   2.5V or 3.3V, 200-MHz, 12-Output Zero Delay Buffer
logo
Alliance Semiconductor ...
ASM5I9772A ALSC-ASM5I9772A Datasheet
583Kb / 15P
   2.5V or 3.3V, 200-MHz, 12-Output Zero Delay Buffer
logo
Cypress Semiconductor
CY29773 CYPRESS-CY29773 Datasheet
102Kb / 12P
   2.5V or 3.3V, 200-MHz, 12-Output Zero Delay Buffer
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com