Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

FGH80N60FD Datasheet(PDF) 1 Page - Fairchild Semiconductor

Part # FGH80N60FD
Description  600V, 80A Field Stop IGBT
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FAIRCHILD [Fairchild Semiconductor]
Direct Link  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

FGH80N60FD Datasheet(HTML) 1 Page - Fairchild Semiconductor

  FGH80N60FD Datasheet HTML 1Page - Fairchild Semiconductor FGH80N60FD Datasheet HTML 2Page - Fairchild Semiconductor FGH80N60FD Datasheet HTML 3Page - Fairchild Semiconductor FGH80N60FD Datasheet HTML 4Page - Fairchild Semiconductor FGH80N60FD Datasheet HTML 5Page - Fairchild Semiconductor FGH80N60FD Datasheet HTML 6Page - Fairchild Semiconductor FGH80N60FD Datasheet HTML 7Page - Fairchild Semiconductor FGH80N60FD Datasheet HTML 8Page - Fairchild Semiconductor FGH80N60FD Datasheet HTML 9Page - Fairchild Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 9 page
background image
tm
©2007 Fairchild Semiconductor Corporation
1
www.fairchildsemi.com
FGH80N60FD Rev. A
December 2007
Absolute Maximum Ratings
Notes :
(1) Repetitive rating : Pulse width limited by max. junction temperature
Thermal Characteristics
Symbol
Description
Ratings
Units
VCES
Collector-Emitter Voltage
600
V
VGES
Gate-Emitter Voltage
± 20
V
IC
Collector Current
@ TC = 25°C80
A
Collector Current
@ TC = 100°C40
A
ICM (1)
Pulsed Collector Current
@ TC = 25°C
160
A
PD
Maximum Power Dissipation
@ TC = 25°C290
W
Maximum Power Dissipation
@ TC = 100°C116
W
TJ
Operating Junction Temperature
-55 to +150
°C
Tstg
Storage Temperature Range
-55 to +150
°C
TL
Maximum Lead Temp. for soldering
Purposes, 1/8” from case for 5 seconds
300
°C
Symbol
Parameter
Typ.
Max.
Units
RθJC(IGBT)
Thermal Resistance, Junction-to-Case
--
0.43
°C/W
RθJC(Diode)
Thermal Resistance, Junction-to-Case
1.5
°C/W
RθJA
Thermal Resistance, Junction-to-Ambient
--
40
°C/W
G
C
E
E
C
G
COLLECTOR
(FLANGE)
FGH80N60FD
600V, 80A Field Stop IGBT
Features
• High current capability
• Low saturation voltage: VCE(sat) =1.8V @ IC = 40A
• High input impedance
• Fast switching
•RoHS complaint
Applications
• Induction Heating Application
General Description
Using Novel Field Stop IGBT Technology, Fairchild’s new ses-
ries of Field Stop IGBTs offer the optimum performance for
Induction Heating applications where low conduction and
switching losses are essential.


Similar Part No. - FGH80N60FD

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
FGH80N60FD2 FAIRCHILD-FGH80N60FD2 Datasheet
650Kb / 9P
   600V, 80A Field Stop IGBT
FGH80N60FD2TU FAIRCHILD-FGH80N60FD2TU Datasheet
650Kb / 9P
   600V, 80A Field Stop IGBT
FGH80N60FD2TU FAIRCHILD-FGH80N60FD2TU Datasheet
298Kb / 14P
   DESIGN/PROCESS CHANGE NOTIFICATION
FGH80N60FDTU FAIRCHILD-FGH80N60FDTU Datasheet
298Kb / 14P
   DESIGN/PROCESS CHANGE NOTIFICATION
More results

Similar Description - FGH80N60FD

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
FGH80N60FD2 FAIRCHILD-FGH80N60FD2 Datasheet
650Kb / 9P
   600V, 80A Field Stop IGBT
logo
Rohm
RGTVX6TS65D ROHM-RGTVX6TS65D Datasheet
1Mb / 12P
   650V 80A Field Stop Trench IGBT
2019.01 - Rev.A
RGTVX6TS65 ROHM-RGTVX6TS65 Datasheet
1Mb / 11P
   650V 80A Field Stop Trench IGBT
logo
Fairchild Semiconductor
FGH75N60SF FAIRCHILD-FGH75N60SF Datasheet
686Kb / 8P
   600V, 75A Field Stop IGBT
FGA60N60UFD FAIRCHILD-FGA60N60UFD Datasheet
782Kb / 9P
   600V, 60A Field Stop IGBT
FGH40N60SF FAIRCHILD-FGH40N60SF Datasheet
683Kb / 8P
   600V, 40A Field Stop IGBT
FGB20N60SF FAIRCHILD-FGB20N60SF Datasheet
387Kb / 8P
   600V, 20A Field Stop IGBT
FGB40N60SM FAIRCHILD-FGB40N60SM Datasheet
850Kb / 9P
   600V, 40A Field Stop IGBT
FGH60N60SF FAIRCHILD-FGH60N60SF Datasheet
647Kb / 8P
   600V, 60A Field Stop IGBT
FGI40N60SF FAIRCHILD-FGI40N60SF Datasheet
728Kb / 8P
   600V, 40A Field Stop IGBT
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com