Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

NCP603SN130T1G Datasheet(PDF) 10 Page - ON Semiconductor

Part # NCP603SN130T1G
Description  300 mA High Performance CMOS LDO Regulator with Enable and Enhanced ESD Protection
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

NCP603SN130T1G Datasheet(HTML) 10 Page - ON Semiconductor

Back Button NCP603SN130T1G Datasheet HTML 5Page - ON Semiconductor NCP603SN130T1G Datasheet HTML 6Page - ON Semiconductor NCP603SN130T1G Datasheet HTML 7Page - ON Semiconductor NCP603SN130T1G Datasheet HTML 8Page - ON Semiconductor NCP603SN130T1G Datasheet HTML 9Page - ON Semiconductor NCP603SN130T1G Datasheet HTML 10Page - ON Semiconductor NCP603SN130T1G Datasheet HTML 11Page - ON Semiconductor NCP603SN130T1G Datasheet HTML 12Page - ON Semiconductor NCP603SN130T1G Datasheet HTML 13Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 10 / 13 page
background image
NCP603
http://onsemi.com
10
TYPICAL CHARACTERISTICS
Figure 28. Output Stability with Output
Capacitor ESR over Output Current
Iout, OUTPUT CURRENT (mA)
125
100
75
50
25
0
0.01
0.1
1.0
10
150
Cout = 1.0 mF to 10 mF
TA = -40°C to 125°C
Vin = up to 6.0 V
Unstable Region
Stable Region
Vout = 5.0 V
Vout = 1.25 V
Figure 29. Load Transient Response (1.0
mF)
Figure 30. Load Transient Response (10
mF)
Vout = 1.25 V
Vout = 1.25 V


Similar Part No. - NCP603SN130T1G

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NCP603SN130T1G ONSEMI-NCP603SN130T1G Datasheet
153Kb / 13P
   300 mA High Performance CMOS LDO Regulator
January, 2013 ??Rev. 3
More results

Similar Description - NCP603SN130T1G

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NCV8603SN33T1G ONSEMI-NCV8603SN33T1G Datasheet
168Kb / 10P
   300 mA High Performance CMOS LDO Regulator with Enable and Enhanced ESD
July, 2013 ??Rev. 2
NCV8605 ONSEMI-NCV8605 Datasheet
170Kb / 13P
   500 mA, Low IGND, CMOS LDO Regulator with/without Enable and with Enhanced ESD Protection
May, 2010 ??Rev. 0
NCP629 ONSEMI-NCP629 Datasheet
125Kb / 11P
   High Performance CMOS LDO Regulator with Enable and Enhanced ESD Protection in Chip Scale Package (CSP)
February, 2008 - Rev. 1
NCP603 ONSEMI-NCP603_13 Datasheet
153Kb / 13P
   300 mA High Performance CMOS LDO Regulator
January, 2013 ??Rev. 3
NCP585DSN33T1G ONSEMI-NCP585DSN33T1G Datasheet
162Kb / 13P
   Tri-Mode 300 mA CMOS LDO Regulator with Enable
July, 2009 ??Rev. 14
NCP605 ONSEMI-NCP605 Datasheet
147Kb / 13P
   500mA, Low IGND, CMOS LDO Regulator with/without Enable and with Enhanced ESD Protection
May, 2008 ??Rev. 1
NCP585 ONSEMI-NCP585 Datasheet
86Kb / 14P
   Tri-Mode 300 mA CMOS LDO Regulator with Enable
March, 2005 ??Rev. 3
NCP585HSN10T1G ONSEMI-NCP585HSN10T1G Datasheet
162Kb / 13P
   Tri-Mode 300 mA CMOS LDO Regulator with Enable
July, 2009 ??Rev. 14
NCP605 ONSEMI-NCP605_V01 Datasheet
219Kb / 14P
   LDO Regulator - Low IGND, CMOS with/without Enable and with Enhanced 500 mA
May, 2022 - Rev. 4
CAT6218 ONSEMI-CAT6218 Datasheet
166Kb / 9P
   300 mA CMOS LDO Regulator
December, 2009 ??Rev. 4
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com