Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

83CNQ100ASMPBF Datasheet(PDF) 8 Page - International Rectifier

Part # 83CNQ100ASMPBF
Description  SCHOTTKY RECTIFIER New GenIII D-61 Package
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

83CNQ100ASMPBF Datasheet(HTML) 8 Page - International Rectifier

  83CNQ100ASMPBF Datasheet HTML 1Page - International Rectifier 83CNQ100ASMPBF Datasheet HTML 2Page - International Rectifier 83CNQ100ASMPBF Datasheet HTML 3Page - International Rectifier 83CNQ100ASMPBF Datasheet HTML 4Page - International Rectifier 83CNQ100ASMPBF Datasheet HTML 5Page - International Rectifier 83CNQ100ASMPBF Datasheet HTML 6Page - International Rectifier 83CNQ100ASMPBF Datasheet HTML 7Page - International Rectifier 83CNQ100ASMPBF Datasheet HTML 8Page - International Rectifier  
Zoom Inzoom in Zoom Outzoom out
 8 / 8 page
background image
83CNQ...APbF, 83CNQ...ASMPbF Series
8
Bulletin PD-21007 01/05
www.irf.com
IR WORLD HEADQUARTERS: 233 Kansas St., El Segundo, California 90245, USA Tel: (310) 252-7105
TAC Fax: (310) 252-7309
Visit us at www.irf.com for sales contact information. 01/05
Data and specifications subject to change without notice.
This product has been designed and qualified for Industrial Level and Lead-Free.
Qualification Standards can be found on IR's Web site.
Ordering Information Table
83
C
N
Q
100
A
PbF
Device Code
1
5
2
4
3
6
1
-
Current Rating (80A)
2
-
Circuit Configuration
C = Common Cathode
3
-
Package
N = D-61
4
-
Schottky "Q" Series
5
-
Voltage Ratings
6
-
A
= D-61-8 package style
ASM = D-61-8-SM package style
7
-
none = Standard Production
PbF = Lead-Free
Standard pack quantity: A
= 10 pieces
ASM = 20 pieces
7
080 = 80V
100 = 100V


Similar Part No. - 83CNQ100ASMPBF

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
83CNQ100ASMPBF VISHAY-83CNQ100ASMPBF Datasheet
159Kb / 9P
   Schottky Rectifier New Generation 3 D-61 Package, 2 x 40 A
Revision: 16-Apr-10
More results

Similar Description - 83CNQ100ASMPBF

ManufacturerPart #DatasheetDescription
logo
International Rectifier
110CNQ045A IRF-110CNQ045A Datasheet
193Kb / 7P
   SCHOTTKY RECTIFIER New GenIII D-61 Package
80CNQ35APBF IRF-80CNQ35APBF Datasheet
175Kb / 7P
   SCHOTTKY RECTIFIER New GenIII D-61 Package
110CNQ045APBF IRF-110CNQ045APBF Datasheet
173Kb / 7P
   SCHOTTKY RECTIFIER New GenIII D-61 Package
111CNQ045A IRF-111CNQ045A Datasheet
201Kb / 7P
   SCHOTTKY RECTIFIER New GenIII D-61 Package
85CNQ015APBF IRF-85CNQ015APBF Datasheet
176Kb / 7P
   SCHOTTKY RECTIFIER New GenIII D-61 Package
113CNQ080A IRF-113CNQ080A Datasheet
193Kb / 7P
   SCHOTTKY RECTIFIER New GenIII D-61 Package
logo
InterFET Corporation
81CNQ035A INTERFET-81CNQ035A Datasheet
235Kb / 8P
   SCHOTTKY RECTIFIER New GenIII D-61 Package
logo
International Rectifier
83CNQ080GA IRF-83CNQ080GA Datasheet
216Kb / 9P
   SCHOTTKY RECTIFIER 80 Amp New GenIII D-61 Package
82CNQ030APBF IRF-82CNQ030APBF Datasheet
174Kb / 7P
   SCHOTTKY RECTIFIER 80 Amp New GenIII D-61 Package
logo
Vishay Siliconix
85CNQ015APBF VISHAY-85CNQ015APBF_10 Datasheet
159Kb / 9P
   Schottky Rectifier New Generation 3 D-61 Package, 2 x 40 A
Revision: 16-Apr-10
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com