Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

AME7739 Datasheet(PDF) 1 Page - Analog Microelectronics

Part # AME7739
Description  Step-Up / Step-Down 60mA Regulated Charge Pump
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AME [Analog Microelectronics]
Direct Link  http://www.ame.com.tw/
Logo AME - Analog Microelectronics

AME7739 Datasheet(HTML) 1 Page - Analog Microelectronics

  AME7739 Datasheet HTML 1Page - Analog Microelectronics AME7739 Datasheet HTML 2Page - Analog Microelectronics AME7739 Datasheet HTML 3Page - Analog Microelectronics AME7739 Datasheet HTML 4Page - Analog Microelectronics AME7739 Datasheet HTML 5Page - Analog Microelectronics AME7739 Datasheet HTML 6Page - Analog Microelectronics AME7739 Datasheet HTML 7Page - Analog Microelectronics AME7739 Datasheet HTML 8Page - Analog Microelectronics AME7739 Datasheet HTML 9Page - Analog Microelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 11 page
background image
AME, Inc.
1
Rev.A.02
AME7739
Step-Up / Step-Down
60mA Regulated Charge Pump
n General Description
n Features
n Applications
The AME7739 is a charge pump voltage converter that
delivers a regulated output. No external inductor is re-
quired for operation. Using three small capacitors, the
AME7739 can deliver up to 60mA to the voltage regu-
lated output. The AME7739 features very low output ripple
and high efficiency over a large portion of its load range
making this device ideal for battery-powered applications.
Furthermore, the combination of few external components
and small package size keep the total converter board
area to a minimum in space restricted applications.
The AME7739 contains a thermal management circuit
to protect the device under continuous output short cir-
cuit conditions.
The AME7739 is available in SOT-26 package and is
rated from -40OC to 85OC.
l Output Voltage Range:
5.5V, 5V, 3.3V, 3.0V, 2.7V, 2.5V
l Accurate to with
±5%
l 1MH
Z Switching Frequency
l Shutdown Supply Current < 1
µA
l Short Circuit Protection:Typ. 80mA
l Over Temperature Protection
l All AME's Lead Free Product Meet RoHS
Standards
l Cellular Phone
l Digital Camera
l PDAs LCD display
l LED/Display Back Light Driver
l Smart Card Reader
l SIM Card Supply
l PCMCIA Card
l LCD Display
n Functional Block Diagram
n Typical Application
Control
EA
φ2
EN
C-
C+
V
IN
V
OUT
GND
φ1
φ1
φ2
φ2
φ1
+
-
AME
7739
OUT
C+
EN
C-
GND
IN
ON OFF
V
IN
V
OUT
3.0V to 5.5V
5V / 60mA
C
PUMP = 0.22µF
C
IN = 2.2µF
C
OUT = 2.2µF


Similar Part No. - AME7739

ManufacturerPart #DatasheetDescription
logo
Analog Microelectronics
AME7730 AME-AME7730 Datasheet
163Kb / 12P
   100mA Regulated Charge Pump
AME7730AEEY500Y AME-AME7730AEEY500Y Datasheet
163Kb / 12P
   100mA Regulated Charge Pump
AME7730AEEY500Z AME-AME7730AEEY500Z Datasheet
163Kb / 12P
   100mA Regulated Charge Pump
More results

Similar Description - AME7739

ManufacturerPart #DatasheetDescription
logo
Asahi Kasei Microsystem...
AME7720 AKM-AME7720 Datasheet
267Kb / 16P
   Step-Up/Step-Down 60mA Regulated Charge Pump
logo
Maxim Integrated Produc...
MAX1595 MAXIM-MAX1595_11 Datasheet
180Kb / 7P
   Regulated 3.3V/5.0V Step-Up/Step-Down Charge Pump
Rev 3; 10/11
MAX1595 MAXIM-MAX1595_09 Datasheet
492Kb / 7P
   Regulated 3.3V/5.0V Step-Up/Step-Down Charge Pump
Rev 2; 6/09
MAX1595 MAXIM-MAX1595 Datasheet
350Kb / 8P
   Regulated 3.3V/5.0V Step-Up/Step-Down Charge Pump
19-2107; Rev 1; 8/02
logo
Fairchild Semiconductor
FAN5602 FAIRCHILD-FAN5602 Datasheet
616Kb / 16P
   Universal (Step-Up/Step-Down) Charge Pump Regulated DC/DC Converter
FAN5602 FAIRCHILD-FAN5602_07 Datasheet
840Kb / 14P
   Universal (Step-Up/Step-Down) Charge Pump Regulated DC/DC Converter
FAN5602_0705 FAIRCHILD-FAN5602_0705 Datasheet
843Kb / 14P
   Universal (Step-Up/Step-Down) Charge Pump Regulated DC/DC Converter
logo
ON Semiconductor
FAN5602 ONSEMI-FAN5602 Datasheet
203Kb / 12P
   Universal (Step-Up/Step-Down) Charge Pump Regulated DC/DC Converter
July, 2019 ??Rev. 0
logo
Fairchild Semiconductor
FAN5602 FAIRCHILD-FAN5602_09 Datasheet
1Mb / 13P
   Universal (Step-Up/Step-Down) Charge Pump Regulated DC/DC Converter
logo
Torex Semiconductor
XC9801 TOREX-XC9801_1 Datasheet
824Kb / 12P
   Regulated Voltage Step-Up Charge Pump ICs
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com