Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

BYV54V Datasheet(PDF) 3 Page - STMicroelectronics

Part # BYV54V
Description  HIGH EFFICIENCY FAST RECOVERY RECTIFIER DIODES
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

BYV54V Datasheet(HTML) 3 Page - STMicroelectronics

  BYV54V Datasheet HTML 1Page - STMicroelectronics BYV54V Datasheet HTML 2Page - STMicroelectronics BYV54V Datasheet HTML 3Page - STMicroelectronics BYV54V Datasheet HTML 4Page - STMicroelectronics BYV54V Datasheet HTML 5Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image
BYV54V / BYV541V
3/5
0.0 0.1 0.2 0.3 0.4 0.5 0.6 0.7 0.8 0.9 1.0
0
200
400
600
800
1000
T
I
M
=tp/T
tp
IM(A)
P=15W
P=60W
P=45W
P=30W
Fig.2 : Peak current versus form factor.
Tj=125 C
o
IFM(A)
110
100
500
VFM(V)
0.0
0.2
0.4
0.6
0.8
1.0
1.2
1.4
1.6
1.8
Fig.3 : Forward voltage drop versus forward
current (maximum values).
0.1
1.0
0.2
0.5
Zth(j-c) (tp.
)
K=
Rth(j-c)
=0 . 5
=0 . 2
=0 . 1
Single pulse
tp(s)
T
=t p/T
tp
1.0E-03
1.0E-02
1.0E-01
1. 0E+0 0
K
Fig.4 : Relative variation of thermal impedance
junction to case versus pulse duration.
0
5
10
15
20
25
30
35
40
45
50
0
5
10
15
20
25
30
35
40
45
=0.05
=0.1
=0.2
=0.5
T
=tp/ T
tp
IF(av)(A)
PF(av)(W)
=1
Fig.1 : Average forward power dissipation versus
average forward current.
0
20
40
60
80
100
120
140
160
0
10
20
30
40
50
60
T
=tp/T
tp
=0.5
F(av)(A )
I
o
Tamb( C)
Rth(j-a)=Rth(j-c)
Fig.6
:
Average
current
versus
ambient
temperature. (duty cycle : 0.5)
0.001
0.01
0.1
1
0
100
200
300
400
IM
t
=0.5
t(s)
IM(A)
Tc=25 C
o
Tc=50 C
o
Tc=90 C
o
Fig.5 : Non repetitive surge peak forward current
versus overload duration.


Similar Part No. - BYV54V

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
BYV54HR STMICROELECTRONICS-BYV54HR Datasheet
82Kb / 8P
   Aerospace 40 A - 200 V fast recovery rectifier
More results

Similar Description - BYV54V

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
BYW77P-200 STMICROELECTRONICS-BYW77P-200 Datasheet
68Kb / 6P
   HIGH EFFICIENCY FAST RECOVERY RECTIFIER DIODES
BYW99P STMICROELECTRONICS-BYW99P Datasheet
78Kb / 6P
   HIGH EFFICIENCY FAST RECOVERY RECTIFIER DIODES
BYW51-200 STMICROELECTRONICS-BYW51-200 Datasheet
160Kb / 9P
   HIGH EFFICIENCY FAST RECOVERY RECTIFIER DIODES
logo
Shenzhen Taychipst Elec...
BYW98-200 TAYCHIPST-BYW98-200 Datasheet
965Kb / 2P
   HIGH EFFICIENCY FAST RECOVERY RECTIFIER DIODES
BYW100-200 TAYCHIPST-BYW100-200 Datasheet
978Kb / 2P
   HIGH EFFICIENCY FAST RECOVERY RECTIFIER DIODES
logo
STMicroelectronics
BYW99W-200 STMICROELECTRONICS-BYW99W-200 Datasheet
307Kb / 6P
   HIGH EFFICIENCY FAST RECOVERY RECTIFIER DIODES
BYV255V STMICROELECTRONICS-BYV255V Datasheet
56Kb / 5P
   HIGH EFFICIENCY FAST RECOVERY RECTIFIER DIODES
BYW80PI-200 STMICROELECTRONICS-BYW80PI-200 Datasheet
55Kb / 5P
   HIGH EFFICIENCY FAST RECOVERY RECTIFIER DIODES
BYV52 STMICROELECTRONICS-BYV52 Datasheet
70Kb / 6P
   HIGH EFFICIENCY FAST RECOVERY RECTIFIER DIODES
BYW80-200 STMICROELECTRONICS-BYW80-200 Datasheet
73Kb / 6P
   HIGH EFFICIENCY FAST RECOVERY RECTIFIER DIODES
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com