Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF HTML

AB-9Y3-24V-E12 Datasheet(PDF) 2 Page - A-BRIGHT Inc

Part No. AB-9Y3-24V-E12
Description  SINGLE LAMP LED BULB
Download  3 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  A-BRIGHT [A-BRIGHT Inc]
Homepage  http://www.a-bright.com.tw
Logo 

AB-9Y3-24V-E12 Datasheet(HTML) 2 Page - A-BRIGHT Inc

   
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
A
A
A---B
B
BR
R
RIIIG
G
GH
H
HT
TT A-BRIGHT INDUSTRIAL CO., LTD.
A-BRIGHT
10/30/2006
2
Part No.: AB-9Y3-24V-E12
Single Lamp LED Bulb
PACKAGE DIMENSIONS:
NOTE:
1.All dimensions are in millimeter.
2.Bulb base : E12.
3.All tolerance are ±0.25mm.


Html Pages

1  2  3 


Datasheet Download



Related Electronics Part Number

Part NumberComponents DescriptionHtml ViewManufacturer
AB-9R1-12V-ESingle Lamp LED Bulb 1 2 3 A-BRIGHT Inc
AB-9TY-6VD-T10Single Lamp LED Bulb 1 2 3 A-BRIGHT Inc
AB-9B5-24V-ESingle Lamp LED Bulb 1 2 3 A-BRIGHT Inc
AB-9B5-5VD-T10SINGLE LAMP LED BULB 1 2 3 A-BRIGHT Inc
AB-9W2-12V-ESingle Lamp LED Bulb 1 2 3 4 A-BRIGHT Inc
AB-9R1-12V-E12Single Lamp LED Bulb 1 2 3 A-BRIGHT Inc
AB-9TY-12VD-T10Single Lamp LED Bulb 1 2 3 A-BRIGHT Inc
AB-9B5-24V-E12Single Lamp LED Bulb 1 2 3 A-BRIGHT Inc
AB-9B5-6V-BSINGLE LAMP LED BULB 1 2 3 A-BRIGHT Inc
AB-9W2-12V-E12Single Lamp LED Bulb 1 2 3 4 A-BRIGHT Inc

Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn