Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

EMC2103-2-AP Datasheet(PDF) 54 Page - SMSC Corporation

Part # EMC2103-2-AP
Description  RPM-Based Fan Controller with HW Thermal Shutdown
Download  84 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SMSC [SMSC Corporation]
Direct Link  http://www.smsc.com
Logo SMSC - SMSC Corporation

EMC2103-2-AP Datasheet(HTML) 54 Page - SMSC Corporation

Back Button EMC2103-2-AP Datasheet HTML 50Page - SMSC Corporation EMC2103-2-AP Datasheet HTML 51Page - SMSC Corporation EMC2103-2-AP Datasheet HTML 52Page - SMSC Corporation EMC2103-2-AP Datasheet HTML 53Page - SMSC Corporation EMC2103-2-AP Datasheet HTML 54Page - SMSC Corporation EMC2103-2-AP Datasheet HTML 55Page - SMSC Corporation EMC2103-2-AP Datasheet HTML 56Page - SMSC Corporation EMC2103-2-AP Datasheet HTML 57Page - SMSC Corporation EMC2103-2-AP Datasheet HTML 58Page - SMSC Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 54 / 84 page
background image
RPM-Based Fan Controller with HW Thermal Shutdown
Datasheet
Revision 0.85 (01-29-08)
54
SMSC EMC2103
DATASHEET
The EMC2103 contains high limits for all temperature channels. If any measurement meets or exceeds
the high limit then the appropriate status bit is set and the ALERT pin is asserted (if enabled).
Additionally, the EMC2103 contains low limits for all temperature channels. If the temperature channel
drops below the low limit, then the appropriate status bit is set and the ALERT pin is asserted (if
enabled).
All Limit Registers are Software Locked.
6.20
Fan Setting Registers
The Fan Setting Register always displays the current setting of the Fan Driver. Reading from the
register will report the current fan speed setting of the fan driver regardless of the operating mode.
Therefore it is possible that reading from this register will not report data that was previously written
into this register.
While the RPM based Fan Speed Control Algorithm or the Look Up Table are active (or both), then
the register is read only. Writing to the register will have no affect and the data will not be stored.
If both the RPM based Fan Control Algorithm and the Look Up Table are disabled, then the register
will be set with the previous value that was used. The register is read / write and writing to this register
will affect the fan speed.
The contents of the register represent the weighting of each bit in determining the final duty cycle. The
output drive for a PWM output is given by Equation [1].
6.21
PWM Divide Register
39h **
R/W
External Diode
2 Low Limit **
Sign
64
32
16
8
4
2
1
00h
(0°C)
3Ah **
R/W
External Diode
3 Low Limit **
Sign
64
32
16
8
4
2
1
00h
(0°C)
3Ch
R/W
Internal Diode
Low Limit
Sign
64
32
16
8
4
2
1
00h
(0°C)
Table 6.27 Fan Driver Setting Register
ADDR
R/W
REGISTER
B7
B6
B5
B4
B3
B2
B1
B0
DEFAULT
40h
R/W
Fan Setting
128
64
32
16
8
4
2
1
00h
[1]
Table 6.28 PWM Divide Register
ADDR
R/W
REGISTER
B7B6B5B4
B3B2
B1
B0
DEFAULT
41h
R/W
PWM Divide
128
64
32
16
8
4
2
1
01h
Table 6.26 Limit Registers (continued)
ADDR
R/W
REGISTER
B7
B6
B5
B4
B3
B2
B1
B0
DEFAULT
Drive
VALUE
255
---------------------
⎝⎠
⎛⎞
100%
×
=


Similar Part No. - EMC2103-2-AP

ManufacturerPart #DatasheetDescription
logo
Microchip Technology
EMC2103-2-AP-TR MICROCHIP-EMC2103-2-AP-TR Datasheet
874Kb / 85P
   RPM-Based Fan Controller with Hardware Thermal Shutdown
10/28/13
logo
SMSC Corporation
EMC2103-2-AP-TR SMSC-EMC2103-2-AP-TR Datasheet
293Kb / 9P
   RPM-Based Fan Controller with Hardware Thermal Shutdown
More results

Similar Description - EMC2103-2-AP

ManufacturerPart #DatasheetDescription
logo
SMSC Corporation
EMC2102 SMSC-EMC2102 Datasheet
1Mb / 52P
   RPM-Based Fan Controller with HW Thermal Shutdown
EMC2103DB SMSC-EMC2103DB Datasheet
293Kb / 9P
   RPM-Based Fan Controller with Hardware Thermal Shutdown
logo
Microchip Technology
EMC2103 MICROCHIP-EMC2103 Datasheet
874Kb / 85P
   RPM-Based Fan Controller with Hardware Thermal Shutdown
10/28/13
logo
SMSC Corporation
EMC2112 SMSC-EMC2112 Datasheet
930Kb / 65P
   RPM-Based Linear Fan Controller with Hardware Thermal Shutdown
EMC2106 SMSC-EMC2106 Datasheet
1Mb / 106P
   Dual RPM-Based Linear Fan Controller with Hardware Thermal Shutdown
EMC2105 SMSC-EMC2105_09 Datasheet
1Mb / 89P
   RPM-Based High Side Fan Controller with Hardware Thermal Shutdown
EMC2104 SMSC-EMC2104 Datasheet
1Mb / 101P
   Dual RPM-Based PWM Fan Controller with Hardware Thermal Shutdown
EMC2105 SMSC-EMC2105 Datasheet
1Mb / 90P
   RPM-Based High Side Fan Controller with Hardware Thermal Shutdown
EMC2106 SMSC-EMC2106_09 Datasheet
2Mb / 106P
   Dual RPM-Based Linear Fan Controller with Hardware Thermal Shutdown
EMC2104 SMSC-EMC2104_11 Datasheet
1Mb / 99P
   Dual RPM-Based PWM Fan Controller with Hardware Thermal Shutdown
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com