Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

BYT230Y-400 Datasheet(PDF) 4 Page - STMicroelectronics

Part # BYT230Y-400
Description  FAST RECOVERY RECTIFIER DIODES
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

BYT230Y-400 Datasheet(HTML) 4 Page - STMicroelectronics

  BYT230Y-400 Datasheet HTML 1Page - STMicroelectronics BYT230Y-400 Datasheet HTML 2Page - STMicroelectronics BYT230Y-400 Datasheet HTML 3Page - STMicroelectronics BYT230Y-400 Datasheet HTML 4Page - STMicroelectronics BYT230Y-400 Datasheet HTML 5Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 4 / 5 page
background image
10
20
50
100
200
500
1
10
50
IRM(A)
dIF/dt(A/
µs)
IF=IF(av)
90% confidence
Tj=100
°C
Fig. 9: Recovery current versus dIF/dt (per diode).
1
10
100
200
10
20
50
100
VR(V)
C(pF)
F=1MHz
Tj=25
°C
Fig. 7: Junction capacitance versus reverse
voltage applied (typical values, per diode).
10
20
50
100
200
500
10
100
1000
Qrr(nC)
IF=IF(av)
90% confidence
Tj=100
°C
dIF/dt(A/
µs)
Fig. 8: Recoverycharges versus dIF/dt (per diode).
0
100
200
300
400
500
0
5
10
15
20
25
30
VFP(V)
IF=IF(av)
90% confidence
Tj=100
°C
dIF/dt(A/
µs)
Fig. 10: Transient peak forward versus dIF/dt (per
diode).
0
100
200
300
400
500
0.00
0.25
0.50
0.75
1.00
1.25
1.50
tfr(
µs)
dIF/dt(A/
µs)
IF=IF(av)
90% confidence
Tj=100
°C
Fig. 11: Forward recovery time versus dIF/dt (per
diode).
0
25
50
75
100
125
150
0.25
0.50
0.75
1.00
1.25
1.50
Qrr;IRM[Tj] / Qrr;IRM[Tj=100
°C]
IRM
Qrr
Tj(
°C)
Fig. 12:
Dynamic parameters versus junction
temperature.
BYT230Y-400
4/5


Similar Part No. - BYT230Y-400

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
BYT230PIV-1000 STMICROELECTRONICS-BYT230PIV-1000 Datasheet
74Kb / 5P
   FAST RECOVERY RECTIFIER DIODES
logo
Motorola, Inc
BYT230PIV-1000M MOTOROLA-BYT230PIV-1000M Datasheet
279Kb / 5P
   Ultrafast Power Rectifiers
logo
STMicroelectronics
BYT230PIV-400 STMICROELECTRONICS-BYT230PIV-400 Datasheet
66Kb / 6P
   FAST RECOVERY RECTIFIER DIODES
More results

Similar Description - BYT230Y-400

ManufacturerPart #DatasheetDescription
logo
EIC discrete Semiconduc...
FR201 EIC-FR201 Datasheet
47Kb / 2P
   FAST RECOVERY RECTIFIER DIODES
MR850 EIC-MR850 Datasheet
47Kb / 2P
   FAST RECOVERY RECTIFIER DIODES
RU2 EIC-RU2 Datasheet
39Kb / 2P
   FAST RECOVERY RECTIFIER DIODES
RU3 EIC-RU3 Datasheet
39Kb / 2P
   FAST RECOVERY RECTIFIER DIODES
logo
Sanken electric
RC2 SANKEN-RC2 Datasheet
19Kb / 1P
   Fast-Recovery Rectifier Diodes
RS1A SANKEN-RS1A Datasheet
22Kb / 1P
   Fast-Recovery Rectifier Diodes
RU3M SANKEN-RU3M Datasheet
23Kb / 1P
   Fast-Recovery Rectifier Diodes
logo
EIC discrete Semiconduc...
FR301 EIC-FR301 Datasheet
47Kb / 2P
   FAST RECOVERY RECTIFIER DIODES
logo
Sanken electric
AS01Z SANKEN-AS01Z Datasheet
26Kb / 1P
   Fast-Recovery Rectifier Diodes
FMU-G16S SANKEN-FMU-G16S Datasheet
21Kb / 1P
   Fast-Recovery Rectifier Diodes
logo
STMicroelectronics
BYT60P-1000 STMICROELECTRONICS-BYT60P-1000 Datasheet
89Kb / 7P
   FAST RECOVERY RECTIFIER DIODES
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com