Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

42-21A-BHC-ZTW-1T Datasheet(PDF) 5 Page - A-BRIGHT Inc

Part # 42-21A-BHC-ZTW-1T
Description  1.8mm Round Subminiature SMD Chip LED Lamps
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  A-BRIGHT [A-BRIGHT Inc]
Direct Link  http://www.a-bright.com.tw
Logo A-BRIGHT - A-BRIGHT Inc

42-21A-BHC-ZTW-1T Datasheet(HTML) 5 Page - A-BRIGHT Inc

  42-21A-BHC-ZTW-1T Datasheet HTML 1Page - A-BRIGHT Inc 42-21A-BHC-ZTW-1T Datasheet HTML 2Page - A-BRIGHT Inc 42-21A-BHC-ZTW-1T Datasheet HTML 3Page - A-BRIGHT Inc 42-21A-BHC-ZTW-1T Datasheet HTML 4Page - A-BRIGHT Inc 42-21A-BHC-ZTW-1T Datasheet HTML 5Page - A-BRIGHT Inc  
Zoom Inzoom in Zoom Outzoom out
 5 / 5 page
background image
2006/10/11
A
A
A---B
B
BR
R
RIIIG
G
GH
H
HT
TT A-BRIGHT INDUSTRIAL CO., LTD.
SURFACE MOUNT CHIP LED LAMPS
Part Number: 42-21A/BHC-ZTW/1T
Typical Electro-Optical Characteristics


Similar Part No. - 42-21A-BHC-ZTW-1T

ManufacturerPart #DatasheetDescription
logo
A-BRIGHT Inc
42-21A-BHC-ZTW-1T A-BRIGHT-42-21A-BHC-ZTW-1T Datasheet
327Kb / 5P
   1.8mm Round Subminiature SMD Chip LED Lamps
2006/10/11
42-21A-BHC-ZTW-1T A-BRIGHT-42-21A-BHC-ZTW-1T_15 Datasheet
327Kb / 5P
   1.8mm Round Subminiature SMD Chip LED Lamps
2006/10/11
More results

Similar Description - 42-21A-BHC-ZTW-1T

ManufacturerPart #DatasheetDescription
logo
A-BRIGHT Inc
42-21A-BHC-ZTW-1T A-BRIGHT-42-21A-BHC-ZTW-1T_15 Datasheet
327Kb / 5P
   1.8mm Round Subminiature SMD Chip LED Lamps
2006/10/11
42-21A-BHC-ZTW-1T A-BRIGHT-42-21A-BHC-ZTW-1T Datasheet
327Kb / 5P
   1.8mm Round Subminiature SMD Chip LED Lamps
2006/10/11
42-21SURC-S530-A4 A-BRIGHT-42-21SURC-S530-A4 Datasheet
316Kb / 5P
   1.8mm Round Subminiature SMD Chip LED Lamps
2006/10/11
42-21UYC-S530-A4 A-BRIGHT-42-21UYC-S530-A4 Datasheet
316Kb / 5P
   1.8mm Round Subminiature SMD Chip LED Lamps
2006/10/18
logo
Everlight Electronics C...
BHC-AUW EVERLIGHT-BHC-AUW Datasheet
150Kb / 10P
   1.8mm round Subminiature Chip LED
42-21SYGC EVERLIGHT-42-21SYGC Datasheet
152Kb / 10P
   1.8mm round Subminiature Chip LED
logo
HK TO-GRACE TECHNOLOGY ...
42-21-BHC-AUW-1T TO-GRACE-42-21-BHC-AUW-1T Datasheet
799Kb / 10P
   1.8mm round Subminiature Chip LED
logo
Everlight Electronics C...
42-21A-GHC-YX1Y2N-1T EVERLIGHT-42-21A-GHC-YX1Y2N-1T_11 Datasheet
145Kb / 10P
   1.8mm round Subminiature Chip LED
42-21-BHC-AUW-1T EVERLIGHT-42-21-BHC-AUW-1T Datasheet
158Kb / 10P
   1.8mm round Subminiature Chip LED
logo
HK TO-GRACE TECHNOLOGY ...
42-21A-BHC-ZV1W2N-1T TO-GRACE-42-21A-BHC-ZV1W2N-1T Datasheet
716Kb / 10P
   1.8mm round Subminiature Chip LED
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com