Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

BWL-2B1B01-H1 Datasheet(PDF) 4 Page - BRIGHT LED ELECTRONICS CORP

Part # BWL-2B1B01-H1
Description  1W AlInGaN Blue Low power consumption Efficient heat transfer.
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BRIGHT [BRIGHT LED ELECTRONICS CORP]
Direct Link  http://www.brightled.co.kr
Logo BRIGHT - BRIGHT LED ELECTRONICS CORP

BWL-2B1B01-H1 Datasheet(HTML) 4 Page - BRIGHT LED ELECTRONICS CORP

  BWL-2B1B01-H1 Datasheet HTML 1Page - BRIGHT LED ELECTRONICS CORP BWL-2B1B01-H1 Datasheet HTML 2Page - BRIGHT LED ELECTRONICS CORP BWL-2B1B01-H1 Datasheet HTML 3Page - BRIGHT LED ELECTRONICS CORP BWL-2B1B01-H1 Datasheet HTML 4Page - BRIGHT LED ELECTRONICS CORP  
Zoom Inzoom in Zoom Outzoom out
 4 / 4 page
background image
B
BR
RIIG
GH
HT
T L
LE
ED
D E
EL
LE
EC
CT
TR
RO
ON
NIIC
CS
S C
CO
OR
RP
P..
B
BW
WL
L--2
2B
B1
1B
B0
01
1--H
H1
1
Ver.1.0 Page: 4 of 4
SINCE 1981
● Package Method : (unit:mm)
Carton
300 [11.81]
80 pcs/tray
10 tray / carton
120 [4.73]
11 [0.43]
310 [12.21]
Tray
370 [14.57]
360 [14.17]
NOTES : Tray : Tolerance is ± 5 mm unless otherwise noted.
Carton : Tolerance is ± 10 mm unless otherwise noted.


Similar Part No. - BWL-2B1B01-H1

ManufacturerPart #DatasheetDescription
logo
BRIGHT LED ELECTRONICS ...
BWL-2B1B01 BRIGHT-BWL-2B1B01 Datasheet
183Kb / 4P
   1W AlInGaN Blue High lumen output Efficient heat transfer.
More results

Similar Description - BWL-2B1B01-H1

ManufacturerPart #DatasheetDescription
logo
BRIGHT LED ELECTRONICS ...
BWL-2B1B01 BRIGHT-BWL-2B1B01 Datasheet
183Kb / 4P
   1W AlInGaN Blue High lumen output Efficient heat transfer.
BWL-2B1A01-H1 BRIGHT-BWL-2B1A01-H1 Datasheet
223Kb / 4P
   1W AlInGaN White High lumen output Efficient heat transfer.
BWL-2B1G01-H1 BRIGHT-BWL-2B1G01-H1 Datasheet
219Kb / 4P
   1W AlInGaN Green Low power consumption.
BWL-3A4A01H BRIGHT-BWL-3A4A01H Datasheet
229Kb / 5P
   12VDC 4W AlInGaN White Low power consumption.
BWL-3A4A01H-H1 BRIGHT-BWL-3A4A01H-H1 Datasheet
244Kb / 5P
   12VDC 4W AlInGaN White Low power consumption.
BWL-2B1R01-H1 BRIGHT-BWL-2B1R01-H1 Datasheet
220Kb / 4P
   1W AlGaInP Red Low power consumption.
BWL-2B1K01 BRIGHT-BWL-2B1K01 Datasheet
184Kb / 4P
   1W AlGaInP Yellow Low power consumption.
BWL-2B1K01-H1 BRIGHT-BWL-2B1K01-H1 Datasheet
218Kb / 4P
   1W AlGaInP Yellow Low power consumption.
BWL-2B1A01 BRIGHT-BWL-2B1A01 Datasheet
205Kb / 5P
   InGaN Flip chip White Efficient heat transfer.
logo
List of Unclassifed Man...
AN7117 ETC-AN7117 Datasheet
291Kb / 3P
   LOW POWER CONSUMPTION 1W AUDIO PAWER AMPLIFIER
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com