Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF HTML

BWL-2B1B01 Datasheet(PDF) 2 Page - BRIGHT LED ELECTRONICS CORP

Part No. BWL-2B1B01
Description  1W AlInGaN Blue High lumen output Efficient heat transfer.
Download  4 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  BRIGHT [BRIGHT LED ELECTRONICS CORP]
Homepage  http://www.brightled.co.kr
Logo 

BWL-2B1B01 Datasheet(HTML) 2 Page - BRIGHT LED ELECTRONICS CORP

   
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
B
BR
RIIG
GH
HT
T L
LE
ED
D E
EL
LE
EC
CT
TR
RO
ON
NIIC
CS
S C
CO
OR
RP
P..
B
BW
WL
L--2
2B
B1
1B
B0
01
1
Ver.1.0 Page: 2 of 4
SINCE 1981
● Absolute maximum ratings(Ta=25℃)
Parameter
Symbol
Rating
Unit
Power Dissipation
PD
1.0
W
DC Forward Current*1
IF
350
mA
Peak Pulsed Forward Current*2
IFP
1.0
A
LED Junction Temperature
Tj
130
oC
Operating Temperature
Topr
-30~120
oC
Storage Temperature
Tstg
-40~120
oC
Reverse Voltage
VR
5
V
Soldering Temperature (T=5 sec)
Tsol
300 ± 5
oC
*1Proper current derating must be followed to keep LED junction temperature (Tj) below the maximum.
*2Condition for IFP is pulsed with 1/10 duty and 0.1msec width.
● Electrical & Optical Characteristics LED (Ta=25℃)
Parameter
Symbol
Condition
Min.
Typ.
Max.
Unit
Forward Voltage
VF
IF =350mA
-
3.5
4.0
V
Total Flux
Φv
IF =350mA
5
7
-
lm
Peak Wavelength
λ
p
IF =350mA
-
460
-
nm
Dominant Wavelength
λ
d
IF =350mA
460
-
470
nm
Spectral Line Half-width
Δλ
IF =350mA
-
25
-
nm
Reverse Current
IR
VR=5V
-
-
50
µA
Thermal Resistance, Junction To Case
J-C TJ = 25℃,IF = 350mA
-
15
-
/W
Viewing Angle
1/2
IF = 350mA
-
120
-
degree


Html Pages

1  2  3  4 


Datasheet Download




Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn