Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TXS0101DRLT Datasheet(PDF) 5 Page - Texas Instruments

Part # TXS0101DRLT
Description  1-BIT BIDIRECTIONAL VOLTAGE-LEVEL TRANSLATOR FOR OPEN-DRAIN APPLICATIONS
Download  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TXS0101DRLT Datasheet(HTML) 5 Page - Texas Instruments

  TXS0101DRLT Datasheet HTML 1Page - Texas Instruments TXS0101DRLT Datasheet HTML 2Page - Texas Instruments TXS0101DRLT Datasheet HTML 3Page - Texas Instruments TXS0101DRLT Datasheet HTML 4Page - Texas Instruments TXS0101DRLT Datasheet HTML 5Page - Texas Instruments TXS0101DRLT Datasheet HTML 6Page - Texas Instruments TXS0101DRLT Datasheet HTML 7Page - Texas Instruments TXS0101DRLT Datasheet HTML 8Page - Texas Instruments TXS0101DRLT Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 18 page
background image
www.ti.com
Timing Requirements
Switching Characteristics
TXS0101
1-BIT BIDIRECTIONAL VOLTAGE-LEVEL TRANSLATOR
FOR OPEN-DRAIN APPLICATIONS
SCES638 – OCTOBER 2007
over recommended operating free-air temperature range, VCCA = 3.3 V ± 0.3 V (unless otherwise noted)
VCCB = 3.3 V
VCCB = 5 V
± 0.3 V
± 0.5 V
UNIT
MIN
MAX
MIN
MAX
Push-pull driving
23
24
Data rate
Mbps
Open-drain driving
1
1D
Push-pull driving
43
41
tw
Pulse duration
Data inputs
ns
Open-drain driving
500
500
over recommended operating free-air temperature range, VCCA = 1.8 V ± 0.15 V (unless otherwise noted)
VCCB = 2.5 V VCCB = 3.3 V
VCCB = 5 V
FROM
TO
TEST
± 0.2 V
± 0.3 V
± 0.5 V
PARAMETER
UNIT
(INPUT)
(OUTPUT)
CONDITIONS
MIN
MAX
MIN
MAX
MIN MAX
Push-pull driving
5.3
5.4
6.8
tPHL
Open-drain driving
2.3
8.8
2.4
9.6
2.6
10
A
B
ns
Push-pull driving
6.8
7.1
7.5
tPLH
Open-drain driving
45
260
36
208
27
198
Push-pull driving
4.4
4.5
4.7
tPHL
Open-drain driving
1.9
5.3
1.1
4.4
1.2
4
B
A
ns
Push-pull driving
5.3
4.5
0.5
tPLH
Open-drain driving
45
175
36
140
27
102
ten
OE
A or B
200
200
200
ns
tdis
OE
A or B
50
40
35
ns
Push-pull driving
3.2
9.5
2.3
9.3
2
7.6
trA
A-port rise time
ns
Open-drain driving
38
165
30
132
22
95
Push-pull driving
1.1
10.8
1
9.1
1
7.6
trB
B-port rise time
ns
Open-drain driving
34
145
23
106
10
76
Push-pull driving
1.9
5.9
1.9
6
1.4
13.3
tfA
A-port fall time
Open-drain driving
4.4
6.9
4.3
6.4
4.2
6.1
ns
Push-pull driving
2.2
13.8
2.2
16.2
2.6
16.2
tfB
B-port fall time
Open-drain driving
6.9
13.8
7.5
16.2
7
16.2
Push-pull driving
21
22
24
Max data rate
Mbps
Open-drain driving
1
1
1
Copyright © 2007, Texas Instruments Incorporated
Submit Documentation Feedback
5
Product Folder Link(s): TXS0101


Similar Part No. - TXS0101DRLT

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TXS0101DRLT TI-TXS0101DRLT Datasheet
615Kb / 19P
[Old version datasheet]   1-BIT BIDIRECTIONAL VOLTAGE-LEVEL TRANSLATOR FOR OPEN-DRAIN AND PUSH-PULL APPLICATIONS
TXS0101DRLT TI-TXS0101DRLT Datasheet
840Kb / 21P
[Old version datasheet]   1-BIT BIDIRECTIONAL VOLTAGE-LEVEL TRANSLATOR FOR OPEN-DRAIN AND PUSH-PULL APPLICATIONS
More results

Similar Description - TXS0101DRLT

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TXS0102 TI-TXS0102 Datasheet
261Kb / 13P
[Old version datasheet]   2-BIT BIDIRECTIONAL VOLTAGE-LEVEL TRANSLATOR FOR OPEN-DRAIN APPLICATIONS
TXS0104E TI-TXS0104E Datasheet
729Kb / 21P
[Old version datasheet]   4-BIT BIDIRECTIONAL VOLTAGE-LEVEL TRANSLATOR FOR OPEN-DRAIN APPLICATIONS
TXS0101 TI-TXS0101_10 Datasheet
840Kb / 21P
[Old version datasheet]   1-BIT BIDIRECTIONAL VOLTAGE-LEVEL TRANSLATOR FOR OPEN-DRAIN AND PUSH-PULL APPLICATIONS
TXS0101 TI-TXS0101_08 Datasheet
615Kb / 19P
[Old version datasheet]   1-BIT BIDIRECTIONAL VOLTAGE-LEVEL TRANSLATOR FOR OPEN-DRAIN AND PUSH-PULL APPLICATIONS
TXS0102 TI-TXS0102_11 Datasheet
718Kb / 23P
[Old version datasheet]   2-BIT BIDIRECTIONAL VOLTAGE-LEVEL TRANSLATOR FOR OPEN-DRAIN AND PUSH-PULL APPLICATIONS
logo
Global Mixed-mode Techn...
G3402 GMT-G3402 Datasheet
63Kb / 1P
   4-Bit Bidirectional Voltage Level Translator for Open Drain and Push-Pull Applications
logo
Texas Instruments
TXS0102-Q1 TI1-TXS0102-Q1 Datasheet
878Kb / 24P
[Old version datasheet]   2-Bit Bidirectional Voltage-Level Translator for Open-Drain and Push-Pull Applications
logo
Nexperia B.V. All right...
LSF0101-Q100 NEXPERIA-LSF0101-Q100 Datasheet
198Kb / 11P
   1-bit bidirectional multi-voltage level translator; open-drain; push-pull
Rev. 1 - 3 October 2022
logo
Texas Instruments
TXS0104E_101 TI-TXS0104E_101 Datasheet
814Kb / 24P
[Old version datasheet]   4-BIT BIDIRECTIONAL VOLTAGE-LEVEL TRANSLATOR FOR OPEN-DRAIN AND PUSH-PULL APPLICATIONS
TXS0108E_101 TI-TXS0108E_101 Datasheet
677Kb / 23P
[Old version datasheet]   8-BIT BIDIRECTIONAL VOLTAGE-LEVEL TRANSLATOR FOR OPEN-DRAIN AND PUSH-PULL APPLICATIONS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com