Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

STMPE1601 Datasheet(PDF) 32 Page - STMicroelectronics

Part # STMPE1601
Description  16-bit enhanced port expander with keypad and PWM controller Xpander Logic
Download  58 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STMPE1601 Datasheet(HTML) 32 Page - STMicroelectronics

Back Button STMPE1601 Datasheet HTML 28Page - STMicroelectronics STMPE1601 Datasheet HTML 29Page - STMicroelectronics STMPE1601 Datasheet HTML 30Page - STMicroelectronics STMPE1601 Datasheet HTML 31Page - STMicroelectronics STMPE1601 Datasheet HTML 32Page - STMicroelectronics STMPE1601 Datasheet HTML 33Page - STMicroelectronics STMPE1601 Datasheet HTML 34Page - STMicroelectronics STMPE1601 Datasheet HTML 35Page - STMicroelectronics STMPE1601 Datasheet HTML 36Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 32 / 58 page
background image
GPIO controller
STMPE1601
32/58
10.3
Level translator feature
Figure 7.
Level translator feature
When enabled, the GPIO 0-7 bits are internally mapped to GPIO 8-15 bits. The
STMPE1601 becomes an 8-channel level translator where each of the channels may have
its direction set individually. As GPIO 0-7 operates from Vcc, and GPIO 8-15 operates from
Vio, this allows the 2 groups of GPIO to work as a level translator.
Warning:
When the level translator feature is enabled, the “Set pin”,
“Clear pin” and “Set direction” bits in the corresponding
registers will be ignored. However, the “Monitor pin”, “Edge
detect”, “Pull-up” features are still available in the GPIOs
used as level translator.
GPIO
0-7
GPIO
8-15
Direction
&
enable


Similar Part No. - STMPE1601

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STMPE1601 STMICROELECTRONICS-STMPE1601 Datasheet
583Kb / 61P
   16-bit enhanced port expander with keypad and PWM controller Xpander Logic
STMPE1601TBR STMICROELECTRONICS-STMPE1601TBR Datasheet
583Kb / 61P
   16-bit enhanced port expander with keypad and PWM controller Xpander Logic
STMPE1601 STMICROELECTRONICS-STMPE1601_1 Datasheet
583Kb / 61P
   16-bit enhanced port expander with keypad and PWM controller Xpander Logic
More results

Similar Description - STMPE1601

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STMPE1601 STMICROELECTRONICS-STMPE1601_1 Datasheet
583Kb / 61P
   16-bit enhanced port expander with keypad and PWM controller Xpander Logic
STMPE2403 STMICROELECTRONICS-STMPE2403 Datasheet
890Kb / 63P
   24-bit Enhanced port expander with Keypad and PWM controller Xpander logic
STMPE2401 STMICROELECTRONICS-STMPE2401 Datasheet
946Kb / 55P
   24-bit Enhanced port expander with Keypad and PWM controller Xpander logic
STMPE1801BJR STMICROELECTRONICS-STMPE1801BJR Datasheet
666Kb / 60P
   Xpander Logic??18-bit enhanced port expander with keypad controller
March 2011 Rev 3
STMPE801 STMICROELECTRONICS-STMPE801 Datasheet
393Kb / 26P
   8-bit port expander Xpander logic
STMPE1600 STMICROELECTRONICS-STMPE1600 Datasheet
280Kb / 27P
   16-bit port expander with ultra-low power consumption Xpander Logic?
February 2013 Rev 3
STEVAL-TCS004V1 STMICROELECTRONICS-STEVAL-TCS004V1 Datasheet
147Kb / 4P
   16-bit port expander demonstration board with keypad and PWM controller based on the STMPE1601
STMPE821 STMICROELECTRONICS-STMPE821 Datasheet
646Kb / 55P
   8-bit Xpander Logic??with touchkey controller
STEVAL-TCS001V1 STMICROELECTRONICS-STEVAL-TCS001V1 Datasheet
228Kb / 4P
   24 bit port expander demonstation board with LCD, keypad, and PWM interfaces based on the STMPE2401
December 2008 Rev 1
STEVAL-TCS003V1 STMICROELECTRONICS-STEVAL-TCS003V1 Datasheet
304Kb / 5P
   24-bit port expander demonstration board with LCD, keypad, and PWM interfaces based on the STMPE2403
October 2009 Rev 1
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com