Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF HTML

BYT01-400 Datasheet(PDF) 5 Page - STMicroelectronics

Part No. BYT01-400
Description  FAST RECOVERY RECTIFIER DIODES
Download  5 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  STMICROELECTRONICS [STMicroelectronics]
Homepage  http://www.st.com
Logo 

BYT01-400 Datasheet(HTML) 5 Page - STMicroelectronics

   
Zoom Inzoom in Zoom Outzoom out
 5 / 5 page
background image
F 126 (Plastic)
PACKAGE MECHANICAL DATA
Marking: type number
Cooling method: by convection (method A)
Weight: 0.393g
REF.
DIMENSIONS
Millimeters
Inches
Min.
Typ.
Max.
Min.
Typ.
Max.
A
6.05
6.20
6.35 0.238 0.244 0.250
B
2.95
3.00
3.05
0.116 0.118 0.120
C
26
31
1.024
1.220
D
0.76
0.81
0.86 0.030 0.032 0.034
A
C
C
D
D
B
Information furnished is believed to be accurate and reliable. However, STMicroelectronics assumes no responsibility for the consequences
of use of such information nor for any infringement of patents or other rights of third parties which may result from its use. No license is granted
by implication or otherwise under any patent or patent rights of STMicroelectronics. Specifications mentioned in this publication are subject to
change without notice. This publication supersedes and replaces all information previously supplied.
STMicroelectronics products are not authorized for use as critical components in life support devices or systems without express written approval
of STMicroelectronics.
The ST logo is a registered trademark of STMicroelectronics
© 1999 STMicroelectronics - Printed in Italy - All rights reserved.
STMicroelectronics GROUP OF COMPANIES
Australia - Brazil - China - Finland - France - Germany - Hong Kong - India - Italy - Japan - Malaysia
Malta - Morocco - Singapore - Spain - Sweden - Switzerland - United Kingdom - U.S.A.
http://www.st.com
5/5
BYT 01-400


Html Pages

1  2  3  4  5 


Datasheet Download



Related Electronics Part Number

Part NumberComponents DescriptionHtml ViewManufacturer
BYT08P-400FAST RECOVERY RECTIFIER DIODES 1 2 3 4 5 MoreSTMicroelectronics
BYV54VHIGH EFFICIENCY FAST RECOVERY RECTIFIER DIODES 1 2 3 4 5 STMicroelectronics
RG2ULTRA FAST RECOVERY RECTIFIER DIODES 1 2 EIC discrete Semiconductors
BYT11-600FAST RECOVERY RECTIFIER DIODES 1 2 3 4 STMicroelectronics
BYW29HIGH EFFICIENCY FAST RECOVERY RECTIFIER DIODES 1 2 3 4 5 MoreSTMicroelectronics
PFR850SFAST RECOVERY RECTIFIER DIODES 1 2 3 STMicroelectronics
BYW80FP-200HIGH EFFICIENCY FAST RECOVERY RECTIFIER DIODES 1 2 3 4 5 MoreSTMicroelectronics
BYT13-600FAST RECOVERY RECTIFIER DIODES 1 2 3 4 STMicroelectronics
PLQ08FAST RECOVERY RECTIFIER DIODES 1 2 3 4 5 STMicroelectronics
TVR1BFAST RECOVERY RECTIFIER DIODES 1 2 EIC discrete Semiconductors

Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn