Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF HTML

BYT01-400 Datasheet(PDF) 2 Page - STMicroelectronics

Part No. BYT01-400
Description  FAST RECOVERY RECTIFIER DIODES
Download  5 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  STMICROELECTRONICS [STMicroelectronics]
Homepage  http://www.st.com
Logo 

BYT01-400 Datasheet(HTML) 2 Page - STMicroelectronics

   
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
2/5
Symbol
Test Conditions
Min.
Typ.
Max.
Unit
IR
Tj = 25
°C
VR = VRRM
20
µA
Tj = 100
°C
0.5
mA
VF
Tj = 25
°C
IF = 1A
1.5
V
Tj = 100
°C
1.4
STATIC CHARACTERISTICS
ELECTRICAL CHARACTERISTICS
Symbol
Test Conditions
Min.
Typ.
Max.
Unit
trr
Tj = 25
°CIF = 1A
diF/dt = - 15A/
µs
VR = 30V
55
ns
Tj = 25
°C
IF = 0.5A
IR = 1A
Irr = 0.25A
25
RECOVERY CHARACTERISTICS
To evaluate the conduction losses use the following equations:
VF = 1.05 + 0.145 IF
P = 1.05 x IF(AV) + 0.145 IF2(RMS)
Symbol
Test Conditions
Min.
Typ.
Max.
Unit
tIRM
diF/dt = - 50A/
µsTj = 100°C
VCC = 200 V
IF = 1A
35
50
ns
IRM
diF/dt = - 50A/
µsLp ≤ 0.05 µA
See figure 12
1.5
2
A
TURN-OFF SWITCHING CHARACTERISTICS (Without Series inductance)
BYT 01-400


Html Pages

1  2  3  4  5 


Datasheet Download



Related Electronics Part Number

Part NumberComponents DescriptionHtml ViewManufacturer
BYT08P-400FAST RECOVERY RECTIFIER DIODES 1 2 3 4 5 MoreSTMicroelectronics
BYV54VHIGH EFFICIENCY FAST RECOVERY RECTIFIER DIODES 1 2 3 4 5 STMicroelectronics
RG2ULTRA FAST RECOVERY RECTIFIER DIODES 1 2 EIC discrete Semiconductors
BYT11-600FAST RECOVERY RECTIFIER DIODES 1 2 3 4 STMicroelectronics
BYW29HIGH EFFICIENCY FAST RECOVERY RECTIFIER DIODES 1 2 3 4 5 MoreSTMicroelectronics
PFR850SFAST RECOVERY RECTIFIER DIODES 1 2 3 STMicroelectronics
BYW80FP-200HIGH EFFICIENCY FAST RECOVERY RECTIFIER DIODES 1 2 3 4 5 MoreSTMicroelectronics
BYT13-600FAST RECOVERY RECTIFIER DIODES 1 2 3 4 STMicroelectronics
PLQ08FAST RECOVERY RECTIFIER DIODES 1 2 3 4 5 STMicroelectronics
TVR1BFAST RECOVERY RECTIFIER DIODES 1 2 EIC discrete Semiconductors

Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn