Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

BYT01-400 Datasheet(PDF) 1 Page - STMicroelectronics

Part No. BYT01-400
Description  FAST RECOVERY RECTIFIER DIODES
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

BYT01-400 Datasheet(HTML) 1 Page - STMicroelectronics

  BYT01-400 Datasheet HTML 1Page - STMicroelectronics BYT01-400 Datasheet HTML 2Page - STMicroelectronics BYT01-400 Datasheet HTML 3Page - STMicroelectronics BYT01-400 Datasheet HTML 4Page - STMicroelectronics BYT01-400 Datasheet HTML 5Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
®
BYT 01-400
FAST RECOVERY RECTIFIER DIODES
FAST RECOVERY RECTIFIER
VERY LOW REVERSE RECOVERY TIME
VERY LOW SWITCHING LOSSES
LOW NOISE TURN-OFF SWITCHING
SUITABLE APPLICATION
FREE WHEELING DIODE IN CONVERTERS
AND MOTORS CIRCUITS
RECTIFIER IN S.M.P.S.
October 1999 Ed : 1A
F 126
(Plastic)
Symbol
Parameter
Value
Unit
IFRM
Repetive Peak Forward Current
tp
≤ 10µs
30
A
IF (AV)
Average Forward Current*
Ta = 70
°C
δ = 0.5
1A
IFSM
Surge non Repetitive Forward Current
tp = 10ms
Sinusoidal
30
A
P
Power Dissipation*
Ta = 70
°C
1.33
W
Tstg
Tj
Storage and Junction Temperature Range
- 40 to +150
- 40 to + 150
°C
ABSOLUTE RATINGS (limiting values)
Symbol
Parameter
Value
Unit
Rth (j - a)
Junction-ambient*
60
°C/W
THERMAL RESISTANCE
Symbol
Parameter
Value
Unit
VRRM
Repetitive Peak Reverse Voltage
400
V
VRSM
Non Repetitive Peak Reverse Voltage
440
V
* On infinite heatsink with 10mm lead length.
1/5


Html Pages

1  2  3  4  5 


Datasheet Download

Go To PDF Page

Related Electronics Part Number

Part No.DescriptionHtml ViewManufacturer
BYT08P-400 FAST RECOVERY RECTIFIER DIODES 1  2  3  4  5  More STMicroelectronics
BYV54V HIGH EFFICIENCY FAST RECOVERY RECTIFIER DIODES 1  2  3  4  5  STMicroelectronics
RG2 ULTRA FAST RECOVERY RECTIFIER DIODES 1  2  EIC discrete Semiconductors
BYT11-600 FAST RECOVERY RECTIFIER DIODES 1  2  3  4  STMicroelectronics
BYW29 HIGH EFFICIENCY FAST RECOVERY RECTIFIER DIODES 1  2  3  4  5  More STMicroelectronics
PFR850S FAST RECOVERY RECTIFIER DIODES 1  2  3  STMicroelectronics
BYW80FP-200 HIGH EFFICIENCY FAST RECOVERY RECTIFIER DIODES 1  2  3  4  5  More STMicroelectronics
BYT13-600 FAST RECOVERY RECTIFIER DIODES 1  2  3  4  STMicroelectronics
PLQ08 FAST RECOVERY RECTIFIER DIODES 1  2  3  4  5  STMicroelectronics
TVR1B FAST RECOVERY RECTIFIER DIODES 1  2  EIC discrete Semiconductors

Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn