Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SN65HVD3088ED Datasheet(PDF) 1 Page - Texas Instruments

Click here to check the latest version.
Part # SN65HVD3088ED
Description  LOW-POWER RS-485 TRANSCEIVER
Download  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

SN65HVD3088ED Datasheet(HTML) 1 Page - Texas Instruments

  SN65HVD3088ED Datasheet HTML 1Page - Texas Instruments SN65HVD3088ED Datasheet HTML 2Page - Texas Instruments SN65HVD3088ED Datasheet HTML 3Page - Texas Instruments SN65HVD3088ED Datasheet HTML 4Page - Texas Instruments SN65HVD3088ED Datasheet HTML 5Page - Texas Instruments SN65HVD3088ED Datasheet HTML 6Page - Texas Instruments SN65HVD3088ED Datasheet HTML 7Page - Texas Instruments SN65HVD3088ED Datasheet HTML 8Page - Texas Instruments SN65HVD3088ED Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 23 page
background image
SN65HVD3082E,SN75HVD3082E
SN65HVD3085E,SN65HVD3088E
SLLS562D − MARCH 2003 − REVISED SEPTEMBER 2005
LOW POWER RS485 TRANSCEIVER
Available in Small MSOP-8 Package
DGK
D
P
FEATURES
D Available in Small MSOP-8 Package
D Meets or Exceeds the Requirements of the
TIA/EIA−485A Standard
D Low Quiescent Power
− 0.3 mA Active Mode
− 1 nA Shutdown Mode
D 1/8 Unit Load—Up to 256 Nodes on a Bus
D Bus-Pin ESD Protection Up to 15 kV
D Industry-Standard SN75176 Footprint
D Failsafe Receiver
(Bus Open, Bus Shorted, Bus Idle)
D Glitch−Free Power−Up/Down Bus Inputs and
Outputs
APPLICATIONS
D Energy Meter Networks
D Motor Control
D Power Inverters
D Industrial Automation
D Building Automation Networks
D Battery-Powered Applications
D Telecommunications Equipment
DESCRIPTION
These devices are half-duplex transceivers designed for
RS-485 data bus networks. Powered by a 5-V supply, they
are fully compliant with TIA/EIA-485A standard. With
controlled transition times, these devices are suitable for
transmitting
data
over
long
twisted-pair
cables.
SN65HVD3082E
and SN75HVD3082E devices are
optimized
for
signaling
rates
up
to
200
kbps.
SN65HVD3085E is suitable for data transmission up to 1
Mbps,
whereas
SN65HVD3088E
is
suitable
for
applications requiring signaling rates up to 20 Mbps.
These devices are designed to operate with very low
supply current, typically 0.3 mA, exclusive of the load.
When in the inactive shutdown mode, the supply current
drops to a few nanoamps, making these devices ideal for
power-sensitive applications.
The wide common-mode range and high ESD protection
levels of these devices make them suitable for demanding
applications such as energy meter networks, electrical
inverters, status/command signals across telecom racks,
cabled chassis interconnects, and industrial automation
networks where noise tolerance is essential. These
devices match the industry-standard footprint of SN75176.
Power-on reset circuits keep the outputs in a high-
impedance state until the supply voltage has stabilized. A
thermal shutdown function protects the device from
damage
due
to
system
fault
conditions.
The
SN75HVD3082E is characterized for operation from 0
°C
to 70
°C and SN65HVD308xE are characterized for
operation from −40
°C to 85°C air temperature.
ORDERING INFORMATION
TA
SIGNALING RATE
PACKAGE TYPE
TA
SIGNALING RATE
(Mbps)
P
D(1)
DGK(2)
0
°C to 70°C
0.2
SN75HVD3082EP
Marked as 75HVD3082
SN75HVD3082ED
Marked as VN3082
SN75HVD3082EDGK
Marked as NWM
0.2
SN65HVD3082EP
Marked as 65HVD3082
SN65HVD3082ED
Marked as VP3082
SN65HVD3082EDGK
Marked as NWN
−40
°C to 85°C
1
SN65HVD3085ED
Marked as VP3085
SN65HVD3085EDGK
Marked as NWK
20
SN65HVD3088ED
Marked as VP3088
SN65HVD3088EDGK
Marked as NWH
(1) The D package is available taped and reeled. Add an R suffix to the device type (i.e., SN65HVD3082EDR).
(2) The DGK package is available taped and reeled. Add an R suffix to the device type (i.e., SN65HVD3082EDGKR).
PRODUCTION DATA information is current as of publication date. Products
conform to specifications per the terms of Texas Instruments standard warranty.
Production processing does not necessarily include testing of all parameters.
Please be aware that an important notice concerning availability, standard warranty, and use in critical applications of Texas Instruments
semiconductor products and disclaimers thereto appears at the end of this data sheet.
www.ti.com
Copyright
 2004 − 2005, Texas Instruments Incorporated


Similar Part No. - SN65HVD3088ED

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN65HVD3088ED TI-SN65HVD3088ED Datasheet
370Kb / 21P
[Old version datasheet]   LOW-POWER RS-485 TRANSCEIVER
SN65HVD3088ED TI-SN65HVD3088ED Datasheet
692Kb / 24P
[Old version datasheet]   Low-Power RS-485 Transceivers, Available in a Small MSOP-8 Package
SN65HVD3088ED TI1-SN65HVD3088ED Datasheet
892Kb / 26P
[Old version datasheet]   Low-Power RS-485 Transceivers, Available in a Small MSOP-8Package
SN65HVD3088ED TI1-SN65HVD3088ED Datasheet
1Mb / 36P
[Old version datasheet]   Low-Power RS-485 Transceivers, Available in a Small MSOP-8 Package
SN65HVD3088EDG4 TI-SN65HVD3088EDG4 Datasheet
692Kb / 24P
[Old version datasheet]   Low-Power RS-485 Transceivers, Available in a Small MSOP-8 Package
More results

Similar Description - SN65HVD3088ED

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN65HVD3082E TI-SN65HVD3082E Datasheet
370Kb / 21P
[Old version datasheet]   LOW-POWER RS-485 TRANSCEIVER
logo
STMicroelectronics
ST485 STMICROELECTRONICS-ST485 Datasheet
545Kb / 19P
   Low power RS-485/RS-422 transceiver
ST485B STMICROELECTRONICS-ST485B Datasheet
730Kb / 19P
   Low power RS-485/RS-422 transceiver
ST75C176 STMICROELECTRONICS-ST75C176_06 Datasheet
260Kb / 18P
   LOW POWER RS-485/RS-422 TRANSCEIVER
ST75C176B STMICROELECTRONICS-ST75C176B Datasheet
326Kb / 17P
   Low power RS-485/RS-422 transceiver
November 2007 Rev 4
ST75C176 STMICROELECTRONICS-ST75C176 Datasheet
301Kb / 13P
   LOW POWER RS-485/RS-422 TRANSCEIVER
June 2003
ST485_068 STMICROELECTRONICS-ST485_068 Datasheet
306Kb / 19P
   Low power RS-485/RS-422 transceiver
logo
Texas Instruments
DS485 TI1-DS485_15 Datasheet
886Kb / 16P
[Old version datasheet]   Low Power RS-485/RS-422 Multipoint Transceiver
logo
National Semiconductor ...
DS485 NSC-DS485 Datasheet
140Kb / 10P
   Low Power RS-485/RS-422 Multipoint Transceiver
logo
Analog Devices
ADM1487 AD-ADM1487_15 Datasheet
384Kb / 8P
   Ultra-Low Power RS-485/RS-422 Transceiver
REV. PrC 08/02
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com