Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SN74CBTLV16235 Datasheet(PDF) 6 Page - Texas Instruments

Part # SN74CBTLV16235
Description  LOW-VOLTAGE 18-BIT 1-OF-2 FET MULTIPLEXER/DEMULTIPLEXER
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

SN74CBTLV16235 Datasheet(HTML) 6 Page - Texas Instruments

  SN74CBTLV16235 Datasheet HTML 1Page - Texas Instruments SN74CBTLV16235 Datasheet HTML 2Page - Texas Instruments SN74CBTLV16235 Datasheet HTML 3Page - Texas Instruments SN74CBTLV16235 Datasheet HTML 4Page - Texas Instruments SN74CBTLV16235 Datasheet HTML 5Page - Texas Instruments SN74CBTLV16235 Datasheet HTML 6Page - Texas Instruments SN74CBTLV16235 Datasheet HTML 7Page - Texas Instruments SN74CBTLV16235 Datasheet HTML 8Page - Texas Instruments  
Zoom Inzoom in Zoom Outzoom out
 6 / 8 page
background image
PACKAGING INFORMATION
Orderable Device
Status
(1)
Package
Type
Package
Drawing
Pins Package
Qty
Eco Plan
(2)
Lead/Ball Finish
MSL Peak Temp
(3)
SN74CBTLV16235GR
PREVIEW
TSSOP
DGG
64
2000
TBD
Call TI
Call TI
(1) The marketing status values are defined as follows:
ACTIVE: Product device recommended for new designs.
LIFEBUY: TI has announced that the device will be discontinued, and a lifetime-buy period is in effect.
NRND: Not recommended for new designs. Device is in production to support existing customers, but TI does not recommend using this part in
a new design.
PREVIEW: Device has been announced but is not in production. Samples may or may not be available.
OBSOLETE: TI has discontinued the production of the device.
(2) Eco Plan - The planned eco-friendly classification: Pb-Free (RoHS), Pb-Free (RoHS Exempt), or Green (RoHS & no Sb/Br) - please check
http://www.ti.com/productcontent for the latest availability information and additional product content details.
TBD: The Pb-Free/Green conversion plan has not been defined.
Pb-Free (RoHS): TI's terms "Lead-Free" or "Pb-Free" mean semiconductor products that are compatible with the current RoHS requirements
for all 6 substances, including the requirement that lead not exceed 0.1% by weight in homogeneous materials. Where designed to be soldered
at high temperatures, TI Pb-Free products are suitable for use in specified lead-free processes.
Pb-Free (RoHS Exempt): This component has a RoHS exemption for either 1) lead-based flip-chip solder bumps used between the die and
package, or 2) lead-based die adhesive used between the die and leadframe. The component is otherwise considered Pb-Free (RoHS
compatible) as defined above.
Green (RoHS & no Sb/Br): TI defines "Green" to mean Pb-Free (RoHS compatible), and free of Bromine (Br) and Antimony (Sb) based flame
retardants (Br or Sb do not exceed 0.1% by weight in homogeneous material)
(3) MSL, Peak Temp. -- The Moisture Sensitivity Level rating according to the JEDEC industry standard classifications, and peak solder
temperature.
Important Information and Disclaimer:The information provided on this page represents TI's knowledge and belief as of the date that it is
provided. TI bases its knowledge and belief on information provided by third parties, and makes no representation or warranty as to the
accuracy of such information. Efforts are underway to better integrate information from third parties. TI has taken and continues to take
reasonable steps to provide representative and accurate information but may not have conducted destructive testing or chemical analysis on
incoming materials and chemicals. TI and TI suppliers consider certain information to be proprietary, and thus CAS numbers and other limited
information may not be available for release.
In no event shall TI's liability arising out of such information exceed the total purchase price of the TI part(s) at issue in this document sold by TI
to Customer on an annual basis.
PACKAGE OPTION ADDENDUM
www.ti.com
11-Oct-2007
Addendum-Page 1


Similar Part No. - SN74CBTLV16235

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN74CBTLV16210 TI-SN74CBTLV16210 Datasheet
171Kb / 9P
[Old version datasheet]   LOW-VOLTAGE 20-BIT FET BUS SWITCH
SN74CBTLV16210 TI-SN74CBTLV16210 Datasheet
314Kb / 11P
[Old version datasheet]   LOW-VOLTAGE 20-BIT FET BUS SWITCH
SN74CBTLV16210 TI-SN74CBTLV16210 Datasheet
344Kb / 11P
[Old version datasheet]   LOW-VOLTAGE 20-BIT FET BUS SWITCH
SN74CBTLV16210 TI-SN74CBTLV16210 Datasheet
349Kb / 11P
[Old version datasheet]   LOW-VOLTAGE 20-BIT FET BUS SWITCH
SN74CBTLV16210DGG TI-SN74CBTLV16210DGG Datasheet
171Kb / 9P
[Old version datasheet]   LOW-VOLTAGE 20-BIT FET BUS SWITCH
More results

Similar Description - SN74CBTLV16235

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN74CBTLV3257RSVR TI1-SN74CBTLV3257RSVR Datasheet
1Mb / 23P
[Old version datasheet]   Low-Voltage 4-Bit 1-of-2 FET Multiplexer/Demultiplexer
SN74CBTLV3257 TI-SN74CBTLV3257_10 Datasheet
793Kb / 20P
[Old version datasheet]   LOW-VOLTAGE 4-BIT 1-OF-2 FET MULTIPLEXER/DEMULTIPLEXER
74CBTLV16292DLG4 TI1-74CBTLV16292DLG4 Datasheet
516Kb / 13P
[Old version datasheet]   LOW-VOLTAGE 12-BIT 1-OF-2 FET MULTIPLEXER/DEMULTIPLEXER
SN74CBTLV3257 TI-SN74CBTLV3257 Datasheet
94Kb / 6P
[Old version datasheet]   LOW-VOLTAGE 4-BIT 1-OF-2 FET MULTIPLEXER/DEMULTIPLEXER
SN74CBTLV3257 TI-SN74CBTLV3257_09 Datasheet
696Kb / 18P
[Old version datasheet]   LOW-VOLTAGE 4-BIT 1-OF-2 FET MULTIPLEXER/DEMULTIPLEXER
SN74CBTLV3257-EP TI1-SN74CBTLV3257-EP_16 Datasheet
495Kb / 10P
[Old version datasheet]   LOW-VOLTAGE 4-BIT 1-OF-2 FET MULTIPLEXER/DEMULTIPLEXER
CCBTLV3257MPWREP TI1-CCBTLV3257MPWREP Datasheet
506Kb / 10P
[Old version datasheet]   LOW-VOLTAGE 4-BIT 1-OF-2 FET MULTIPLEXER/DEMULTIPLEXER
SN74CBT16233 TI-SN74CBT16233_06 Datasheet
155Kb / 9P
[Old version datasheet]   16-BIT 1-OF-2 FET MULTIPLEXER/DEMULTIPLEXER
logo
Unisonic Technologies
U74CBT3257C UTC-U74CBT3257C Datasheet
195Kb / 6P
   4-BIT 1-OF-2 FET MULTIPLEXER / DEMULTIPLEXER
U74CBT3257 UTC-U74CBT3257 Datasheet
201Kb / 6P
   4-BIT 1-OF-2 FET MULTIPLEXER/ DEMULTIPLEXER
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com