Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SN65HVD3082EDGK Datasheet(PDF) 11 Page - Texas Instruments

Part # SN65HVD3082EDGK
Description  LOW-POWER RS-485 TRANSCEIVER
Download  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

SN65HVD3082EDGK Datasheet(HTML) 11 Page - Texas Instruments

Back Button SN65HVD3082EDGK Datasheet HTML 7Page - Texas Instruments SN65HVD3082EDGK Datasheet HTML 8Page - Texas Instruments SN65HVD3082EDGK Datasheet HTML 9Page - Texas Instruments SN65HVD3082EDGK Datasheet HTML 10Page - Texas Instruments SN65HVD3082EDGK Datasheet HTML 11Page - Texas Instruments SN65HVD3082EDGK Datasheet HTML 12Page - Texas Instruments SN65HVD3082EDGK Datasheet HTML 13Page - Texas Instruments SN65HVD3082EDGK Datasheet HTML 14Page - Texas Instruments SN65HVD3082EDGK Datasheet HTML 15Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 23 page
background image
SN65HVD3082E,SN75HVD3082E
SN65HVD3085E,SN65HVD3088E
SLLS562D − MARCH 2003 − REVISED SEPTEMBER 2005
www.ti.com
11
DGK Package
THERMAL CHARACTERISTICS
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
ΘJA
Junction-to-ambient thermal resistance(1)
Low-k(2) board, no air flow
266
°C/W
ΘJA
Junction-to-ambient thermal resistance(1)
High-k(3) board, no air flow
180
°C/W
ΘJB
Junction-to-board thermal resistance
High-k(3) board, no air flow
108
°C/W
ΘJC
Junction-to-case thermal resistance
66
°C/W
P(AVG) Average power dissipation
RL = 54 Ω, Input to D is a 200 kbps
50% duty cycle square wave
HVD3082E
203
mW
P(AVG) Average power dissipation
L
50% duty cycle square wave
Vcc at 5.5 V, TJ = 130°C
HVD3082E
203
mW
P(AVG) Average power dissipation
RL = 54 Ω, Input to D is a 1 Mbps
50% duty cycle square wave
Vcc at 5.5 V, TJ = 130°C
HVD3085E
205
mW
P(AVG) Average power dissipation
RL = 54 Ω, Input to D is a 20 Mbps
50% duty cycle square wave
Vcc at 5.5 V, TJ = 130°C
HVD3088E
276
mW
TA
Ambient air temperature
High k board model
−40
93
°C
TA
Ambient air temperature
Low k board model
−40
75
°C
TSD
Thermal shut-down junction temperature
165
°C
(1) See TI application note literature number SZZA003, Package Thermal Characterization Methodologies, for an explanation of this parameter.
(2) JESD51-3 Low Effective Thermal Conductivity Test Board for Leaded Surface Mount Packages
(3) JESD51-7 High Effective Thermal Conductivity Test Board for Leaded Surface Mount Packages


Similar Part No. - SN65HVD3082EDGK

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN65HVD3082EDGK TI-SN65HVD3082EDGK Datasheet
370Kb / 21P
[Old version datasheet]   LOW-POWER RS-485 TRANSCEIVER
SN65HVD3082EDGK TI-SN65HVD3082EDGK Datasheet
692Kb / 24P
[Old version datasheet]   Low-Power RS-485 Transceivers, Available in a Small MSOP-8 Package
SN65HVD3082EDGK TI1-SN65HVD3082EDGK Datasheet
892Kb / 26P
[Old version datasheet]   Low-Power RS-485 Transceivers, Available in a Small MSOP-8Package
SN65HVD3082EDGK TI1-SN65HVD3082EDGK Datasheet
1Mb / 36P
[Old version datasheet]   Low-Power RS-485 Transceivers, Available in a Small MSOP-8 Package
SN65HVD3082EDGKR TI-SN65HVD3082EDGKR Datasheet
692Kb / 24P
[Old version datasheet]   Low-Power RS-485 Transceivers, Available in a Small MSOP-8 Package
More results

Similar Description - SN65HVD3082EDGK

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN65HVD3082E TI-SN65HVD3082E Datasheet
370Kb / 21P
[Old version datasheet]   LOW-POWER RS-485 TRANSCEIVER
logo
STMicroelectronics
ST485 STMICROELECTRONICS-ST485 Datasheet
545Kb / 19P
   Low power RS-485/RS-422 transceiver
ST485B STMICROELECTRONICS-ST485B Datasheet
730Kb / 19P
   Low power RS-485/RS-422 transceiver
ST75C176 STMICROELECTRONICS-ST75C176_06 Datasheet
260Kb / 18P
   LOW POWER RS-485/RS-422 TRANSCEIVER
ST75C176B STMICROELECTRONICS-ST75C176B Datasheet
326Kb / 17P
   Low power RS-485/RS-422 transceiver
November 2007 Rev 4
ST75C176 STMICROELECTRONICS-ST75C176 Datasheet
301Kb / 13P
   LOW POWER RS-485/RS-422 TRANSCEIVER
June 2003
ST485_068 STMICROELECTRONICS-ST485_068 Datasheet
306Kb / 19P
   Low power RS-485/RS-422 transceiver
logo
Texas Instruments
DS485 TI1-DS485_15 Datasheet
886Kb / 16P
[Old version datasheet]   Low Power RS-485/RS-422 Multipoint Transceiver
logo
National Semiconductor ...
DS485 NSC-DS485 Datasheet
140Kb / 10P
   Low Power RS-485/RS-422 Multipoint Transceiver
logo
Analog Devices
ADM1487 AD-ADM1487_15 Datasheet
384Kb / 8P
   Ultra-Low Power RS-485/RS-422 Transceiver
REV. PrC 08/02
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com