Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

AB-9G3-110V-E Datasheet(PDF) 3 Page - A-BRIGHT Inc

Part No. AB-9G3-110V-E
Description  Single Lamp LED Bulb
Download  3 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  A-BRIGHT [A-BRIGHT Inc]
Homepage  http://www.a-bright.com.tw
Logo 

AB-9G3-110V-E Datasheet(HTML) 3 Page - A-BRIGHT Inc

   
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image
A
A
A---B
B
BR
R
RIIIG
G
GH
H
HT
TT A-BRIGHT INDUSTRIAL CO., LTD.
A-BRIGHT
10/30/2006
Part No.: AB-9G3-110V-E
Single Lamp LED Bulb
FEATURE:
SUPER LUMINOSITY GREEN LED (InGaN).
WATER CLEAR PACKAGE.
9mm ALL RESIN MOLD.
WIDE VIEWING ANGLE.
BASE MODEL E10.
ELECTRIC AC/DC BI-POLAR.
MATERIALS:
LED LENS: UV RESISTENT EPOXY.
COLOR HOLDER: NYLON 66 UL 94-V2.
BULB BASE:COPPER (CU).
ABSOLUTE MAXIMUM RATING: Ta = 25 ℃
PEAK OPERATE VOLTAGE........................
130 V
OPERATING TEMPERATURE...................... -25 TO +85℃
STORAGE TEMPERATURE......................... -35 TO +100℃
LED BULB LIFE……………………………….. 20000 HOURS
(LUMINANCE REDUCES to 50%)
ABSOLUTE OPTICAL CHARACTERISTIC Ta= 25℃
PARAMETER
SYMBOL
MIN
TYP
MAX
UNIT
Operate Voltage
V
-----
110
130
V
Luminous Intensity
IF = 5.0 mA
I V
300
400
-----
mcd
Dominant Wavelength
IF = 5.0 mA
λ d
-----
525
-----
nm
Spectrum Radiation Bandwidth
IF = 5.0 mA
λ
-----
30
-----
nm
Forward Current
VIN = 110V DC
IF
-----
5.0
-----
mA
Viewing Angle
2
θ1/2
-----
60
-----
deg


Html Pages

1  2  3 


Datasheet Download



Related Electronics Part Number

Part NumberComponents DescriptionHtml ViewManufacturer
AB-9G1-24V-BSingle Lamp LED Bulb 1 2 3 A-BRIGHT Inc
AB-9G1-24VD-T10Single Lamp LED Bulb 1 2 3 A-BRIGHT Inc
AB-9G1-24V-ESingle Lamp LED Bulb 1 2 3 A-BRIGHT Inc
AB-9G1-24V-E12Single Lamp LED Bulb 1 2 3 A-BRIGHT Inc
AB-9G3-110V-BSingle Lamp LED Bulb 1 2 3 A-BRIGHT Inc
AA3022EC3.0x2.2mm SINGLE COLOR SURFACE MOUNT LED LAMP 1 2 3 4 5 Kingbright Corporation
AA3022SGC3.0x2.2mm SINGLE COLOR SURFACE MOUNT LED LAMP 1 2 3 4 5 Kingbright Corporation
AA3022SRC3.0x2.2mm SINGLE COLOR SURFACE MOUNT LED LAMP 1 2 3 4 5 Kingbright Corporation
AA3022YC3.0x2.2mm SINGLE COLOR SURFACE MOUNT LED LAMP 1 2 3 4 5 Kingbright Corporation
APL3015CGCK3.0mmx1.5mm SMD CHIP LED LAMP 1 2 3 4 Kingbright Corporation

Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn