Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SDR1305-151K Datasheet(PDF) 1 Page - Bourns Electronic Solutions

Part # SDR1305-151K
Description  SMD Power Inductors
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BOURNS [Bourns Electronic Solutions]
Direct Link  http://www.bourns.com
Logo BOURNS - Bourns Electronic Solutions

SDR1305-151K Datasheet(HTML) 1 Page - Bourns Electronic Solutions

  SDR1305-151K Datasheet HTML 1Page - Bourns Electronic Solutions SDR1305-151K Datasheet HTML 2Page - Bourns Electronic Solutions  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Inductance 100 kHz
Q
Test
SRF
RDC
I rms
I sat
Bourns Part No.
(µH)
Tol. %
Typ.
Frequency
Min.
Max.
Max.
Typ.
(MHz)
(MHz)
(Ω)
(A)
(A)
SDR1305-2R5Y
2.5
± 25
19
7.96
61
0.0098
7.20
8.00
SDR1305-3R5Y
3.5
± 25
20
7.96
43
0.0105
6.00
7.00
SDR1305-4R6Y
4.6
± 25
18
7.96
35
0.0165
5.20
6.00
SDR1305-6R8Y
6.8
± 25
17
7.96
32
0.0240
4.30
5.20
SDR1305-100M
10.0
± 20
35
2.52
27
0.0370
3.60
4.40
SDR1305-150M
15.0
± 20
28
2.52
24
0.0460
3.30
3.70
SDR1305-220M
22.0
± 20
27
2.52
20
0.0620
2.90
3.00
SDR1305-330M
33.0
± 20
23
2.52
16
0.0850
2.50
2.60
SDR1305-470M
47.0
± 20
24
2.52
13
0.1300
1.90
2.00
SDR1305-680M
68.0
± 20
22
2.52
11
0.1650
1.65
1.80
SDR1305-101K
100.0
± 10
20
0.796
11
0.2550
1.40
1.40
SDR1305-151K
150.0
± 10
17
0.796
8
0.3800
1.20
1.15
SDR1305-221K
220.0
± 10
16
0.796
7
0.5000
1.00
0.95
SDR1305-331K
330.0
± 10
11
0.796
6
0.7000
0.85
0.80
SDR1305-471K
470.0
± 10
14
0.796
4
1.1500
0.67
0.70
SDR1305-681K
680.0
± 10
12
0.796
3.5
1.4000
0.60
0.58
SDR1305-102K
1000.0
± 10
41
0.252
2.7
2.3500
0.46
0.47
SDR1305 Series - SMD Power Inductors
Features
Available in E6 values
Current rating to 7.2 amps
Lead free
RoHS compliant*
Applications
Input/output of DC/DC converters
Power supplies for:
Portable communication equipment
Camcorders
LCD TVs
Car radios
Electrical Specifications
Product Dimensions
Recommended Layout
6R8
12.70 ± 0.3
(.500 ± .012)
3.00
(.118)
TYP.
12.70 ± 0.3
(.500 ± .012)
4.80 ± 0.3
(.189 ± .012)
8.60
(.339)
TYP.
2.0
(.079)
TYP.
2.0
(.079)
TYP.
General Specifications
Test Voltage...................................10 mV
Reflow Soldering ...230 °C, 50 sec. max.
Operating Temperature .-40 °C to +125 °C
(Temperature rise included)
Storage Temperature..-40 °C to +125 °C
Resistance to Soldering Heat
................................260 °C for 10 sec.
Materials
Core ........................................Ferrite DR
Wire ............Enamelled copper wire 130
Terminal .........................................Cu/Sn
Rated Current
....................Ind. drop 25 % typ. at Isat
Temperature Rise ..................40 °C max.
at rated Irms
Packaging ....................600 pcs. per reel
Electrical Schematic
DIMENSIONS:
MM
(INCHES)
3.60
(.142)
REF.
13.60
(.535)
2.60
(.102)
REF.
2.60
(.102)
REF.
8.40
(.331)
REF.
REF.
*RoHS Directive 2002/95/EC Jan 27 2003 including Annex
Specifications are subject to change without notice.
Customers should verify actual device performance in their specific applications.


Similar Part No. - SDR1305-151K

ManufacturerPart #DatasheetDescription
logo
Bourns Electronic Solut...
SDR1305-151K BOURNS-SDR1305-151K Datasheet
103Kb / 2P
   SMD Power Inductors
More results

Similar Description - SDR1305-151K

ManufacturerPart #DatasheetDescription
logo
Bourns Electronic Solut...
SDR1105 BOURNS-SDR1105 Datasheet
145Kb / 1P
   SMD Power Inductors
SDR1307 BOURNS-SDR1307 Datasheet
202Kb / 2P
   SMD Power Inductors
logo
Abracon Corporation
ASPI-0706HC ABRACON-ASPI-0706HC Datasheet
178Kb / 1P
   SMD POWER INDUCTORS
logo
Taiyo Yuden (U.S.A.), I...
NR5040T220M TAIYO-YUDEN-NR5040T220M Datasheet
148Kb / 1P
   SMD Power Inductors
NR10050T2R9N TAIYO-YUDEN-NR10050T2R9N Datasheet
151Kb / 1P
   SMD Power Inductors
NR10050T330M TAIYO-YUDEN-NR10050T330M Datasheet
151Kb / 1P
   SMD Power Inductors
NS10155T3R3NNA TAIYO-YUDEN-NS10155T3R3NNA Datasheet
168Kb / 2P
   SMD Power Inductors
NS12565T4R2NN TAIYO-YUDEN-NS12565T4R2NN Datasheet
168Kb / 2P
   SMD Power Inductors
NS12565T221MN TAIYO-YUDEN-NS12565T221MN Datasheet
167Kb / 2P
   SMD Power Inductors
NS12565T330MN TAIYO-YUDEN-NS12565T330MN Datasheet
167Kb / 2P
   SMD Power Inductors
NS12565T680MN TAIYO-YUDEN-NS12565T680MN Datasheet
167Kb / 2P
   SMD Power Inductors
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com