Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

S25FL016A0LNAI003 Datasheet(PDF) 11 Page - SPANSION

Part # S25FL016A0LNAI003
Description  16 Megabit CMOS 3.0 Volt Flash Memory with 50-MHz SPI (Serial Peripheral Interface) Bus
Download  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SPANSION [SPANSION]
Direct Link  http://www.spansion.com
Logo SPANSION - SPANSION

S25FL016A0LNAI003 Datasheet(HTML) 11 Page - SPANSION

Back Button S25FL016A0LNAI003 Datasheet HTML 7Page - SPANSION S25FL016A0LNAI003 Datasheet HTML 8Page - SPANSION S25FL016A0LNAI003 Datasheet HTML 9Page - SPANSION S25FL016A0LNAI003 Datasheet HTML 10Page - SPANSION S25FL016A0LNAI003 Datasheet HTML 11Page - SPANSION S25FL016A0LNAI003 Datasheet HTML 12Page - SPANSION S25FL016A0LNAI003 Datasheet HTML 13Page - SPANSION S25FL016A0LNAI003 Datasheet HTML 14Page - SPANSION S25FL016A0LNAI003 Datasheet HTML 15Page - SPANSION Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 36 page
background image
January 7, 2008 S25FL016A_00_C3
S25FL016A
11
Data
She e t
6.
Spansion SPI Modes
A microcontroller can use either of its two SPI modes to control Spansion SPI Flash memory devices:
CPOL = 0, CPHA = 0 (Mode 0)
CPOL = 1, CPHA = 1 (Mode 3)
Input data is latched in on the rising edge of SCK, and output data is available from the falling edge of SCK for
both modes.
When the bus master is in standby mode, SCK is as shown in Figure 6.2 for each of the two modes:
SCK remains at 0 for (CPOL = 0, CPHA = 0 Mode 0)
SCK remains at 1 for (CPOL = 1, CPHA = 1 Mode 3)
Figure 6.1 Bus Master and Memory Devices on the SPI Bus
Note
The Write Protect (W#) and Hold (HOLD#) signals should be driven high (logic level 1) or low (logic level 0) as appropriate.
Figure 6.2 SPI Modes Supported
SPI Interface with
(CPOL, CPHA) =
(0, 0) or (1, 1)
Bus Master
CS3
CS2CS1
SPI Memory
Device
SPI Memory
Device
SPI Memory
Device
CS#
W#
HOLD#
CS#
W#
HOLD#
CS#
W#
HOLD#
SCK SO SI
SCK SO SI
SCK SO SI
SO
SI
SCK
MSB
MSB
SCK
SCK
SI
SO
CPHA
CPOL
00
11
CS#
Mode 0
Mode 3


Similar Part No. - S25FL016A0LNAI003

ManufacturerPart #DatasheetDescription
logo
SPANSION
S25FL016A0LNAI003 SPANSION-S25FL016A0LNAI003 Datasheet
997Kb / 34P
   16 Megabit CMOS 3.0 Volt Flash Memory with 50MHz SPI (Serial Peripheral Interface) Bus
More results

Similar Description - S25FL016A0LNAI003

ManufacturerPart #DatasheetDescription
logo
SPANSION
S25FL008A SPANSION-S25FL008A Datasheet
960Kb / 32P
   8-Megabit CMOS 3.0 Volt Flash Memory with 50 MHz SPI (Serial Peripheral Interface) Bus
S25FL016A SPANSION-S25FL016A Datasheet
997Kb / 34P
   16 Megabit CMOS 3.0 Volt Flash Memory with 50MHz SPI (Serial Peripheral Interface) Bus
S25FL128P SPANSION-S25FL128P Datasheet
1Mb / 48P
   128 Megabit CMOS 3.0 Volt Flash Memory with 104-MHz SPI (Serial Peripheral Interface) Bus
S25FL128P SPANSION-S25FL128P_12 Datasheet
1Mb / 49P
   128 Megabit CMOS 3.0 Volt Flash Memory with 104-MHz SPI (Serial Peripheral Interface) Bus
S25FL064A SPANSION-S25FL064A Datasheet
949Kb / 32P
   64 Megabit CMOS 3.0 Volt Flash Memory with 50MHz SPI (Serial Peripheral Interface) Bus
S25FL032A SPANSION-S25FL032A Datasheet
941Kb / 36P
   32 Megabit CMOS 3.0 Volt Flash Memory with 50MHz SPI (Serial Peripheral Interface) Bus
S25FL004A SPANSION-S25FL004A Datasheet
945Kb / 39P
   4-Megabit CMOS 3.0 Volt Flash Memory with 50 Mhz SPI Bus Interface
S25FL004D SPANSION-S25FL004D Datasheet
724Kb / 36P
   4 Megabit CMOS 3.0 Volt Flash Memory with 50 Mhz SPI Bus Interface
S25FL002D SPANSION-S25FL002D Datasheet
892Kb / 38P
   2 Megabit, 1 Megabit CMOS 3.0 Volt Flash Memory with 25 MHz SPI Bus Interface
S25FL064P SPANSION-S25FL064P Datasheet
2Mb / 67P
   64-Mbit CMOS 3.0 Volt Flash Memory with 104-MHz SPI (Serial Peripheral Interface) Multi I/O Bus
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com