Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

S25FL016A0LNAI000 Datasheet(PDF) 7 Page - SPANSION

Part # S25FL016A0LNAI000
Description  16 Megabit CMOS 3.0 Volt Flash Memory with 50-MHz SPI (Serial Peripheral Interface) Bus
Download  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SPANSION [SPANSION]
Direct Link  http://www.spansion.com
Logo SPANSION - SPANSION

S25FL016A0LNAI000 Datasheet(HTML) 7 Page - SPANSION

Back Button S25FL016A0LNAI000 Datasheet HTML 3Page - SPANSION S25FL016A0LNAI000 Datasheet HTML 4Page - SPANSION S25FL016A0LNAI000 Datasheet HTML 5Page - SPANSION S25FL016A0LNAI000 Datasheet HTML 6Page - SPANSION S25FL016A0LNAI000 Datasheet HTML 7Page - SPANSION S25FL016A0LNAI000 Datasheet HTML 8Page - SPANSION S25FL016A0LNAI000 Datasheet HTML 9Page - SPANSION S25FL016A0LNAI000 Datasheet HTML 10Page - SPANSION S25FL016A0LNAI000 Datasheet HTML 11Page - SPANSION Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 36 page
background image
January 7, 2008 S25FL016A_00_C3
S25FL016A
7
Data
She e t
1.
Block Diagram
2.
Connection Diagrams
Figure 2.1 16-pin Plastic Small Outline Package (SO)
SRAM
PS
Logic
Array - L
Array - R
RD
DATA PATH
IO
X
D
E
C
1
2
3
4
16
15
14
13
HOLD#
VCC
NC
NC
NC
NC
SI
SCK
5
6
7
8
12
11
10
9
W#
GND
NC
NC
NC
NC
CS#
SO


Similar Part No. - S25FL016A0LNAI000

ManufacturerPart #DatasheetDescription
logo
SPANSION
S25FL016A0LNAI000 SPANSION-S25FL016A0LNAI000 Datasheet
997Kb / 34P
   16 Megabit CMOS 3.0 Volt Flash Memory with 50MHz SPI (Serial Peripheral Interface) Bus
More results

Similar Description - S25FL016A0LNAI000

ManufacturerPart #DatasheetDescription
logo
SPANSION
S25FL008A SPANSION-S25FL008A Datasheet
960Kb / 32P
   8-Megabit CMOS 3.0 Volt Flash Memory with 50 MHz SPI (Serial Peripheral Interface) Bus
S25FL016A SPANSION-S25FL016A Datasheet
997Kb / 34P
   16 Megabit CMOS 3.0 Volt Flash Memory with 50MHz SPI (Serial Peripheral Interface) Bus
S25FL128P SPANSION-S25FL128P Datasheet
1Mb / 48P
   128 Megabit CMOS 3.0 Volt Flash Memory with 104-MHz SPI (Serial Peripheral Interface) Bus
S25FL128P SPANSION-S25FL128P_12 Datasheet
1Mb / 49P
   128 Megabit CMOS 3.0 Volt Flash Memory with 104-MHz SPI (Serial Peripheral Interface) Bus
S25FL064A SPANSION-S25FL064A Datasheet
949Kb / 32P
   64 Megabit CMOS 3.0 Volt Flash Memory with 50MHz SPI (Serial Peripheral Interface) Bus
S25FL032A SPANSION-S25FL032A Datasheet
941Kb / 36P
   32 Megabit CMOS 3.0 Volt Flash Memory with 50MHz SPI (Serial Peripheral Interface) Bus
S25FL004A SPANSION-S25FL004A Datasheet
945Kb / 39P
   4-Megabit CMOS 3.0 Volt Flash Memory with 50 Mhz SPI Bus Interface
S25FL004D SPANSION-S25FL004D Datasheet
724Kb / 36P
   4 Megabit CMOS 3.0 Volt Flash Memory with 50 Mhz SPI Bus Interface
S25FL002D SPANSION-S25FL002D Datasheet
892Kb / 38P
   2 Megabit, 1 Megabit CMOS 3.0 Volt Flash Memory with 25 MHz SPI Bus Interface
S25FL064P SPANSION-S25FL064P Datasheet
2Mb / 67P
   64-Mbit CMOS 3.0 Volt Flash Memory with 104-MHz SPI (Serial Peripheral Interface) Multi I/O Bus
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com