Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

OPA2652U2K5G4 Datasheet(PDF) 3 Page - Burr-Brown (TI)

[Old version datasheet] Texas Instruments acquired Burr-Brown Corporation.
Part # OPA2652U2K5G4
Description  Dual, 700MHz, Voltage-Feedback OPERATIONAL AMPLIFIER
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BURR-BROWN [Burr-Brown (TI)]
Direct Link  http://www.burr-brown.com
Logo BURR-BROWN - Burr-Brown (TI)

OPA2652U2K5G4 Datasheet(HTML) 3 Page - Burr-Brown (TI)

  OPA2652U2K5G4 Datasheet HTML 1Page - Burr-Brown (TI) OPA2652U2K5G4 Datasheet HTML 2Page - Burr-Brown (TI) OPA2652U2K5G4 Datasheet HTML 3Page - Burr-Brown (TI) OPA2652U2K5G4 Datasheet HTML 4Page - Burr-Brown (TI) OPA2652U2K5G4 Datasheet HTML 5Page - Burr-Brown (TI) OPA2652U2K5G4 Datasheet HTML 6Page - Burr-Brown (TI) OPA2652U2K5G4 Datasheet HTML 7Page - Burr-Brown (TI) OPA2652U2K5G4 Datasheet HTML 8Page - Burr-Brown (TI) OPA2652U2K5G4 Datasheet HTML 9Page - Burr-Brown (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 20 page
background image
www.ti.com
ELECTRICAL CHARACTERISTICS: V
S = ±5V
OPA2652
SBOS125A – JUNE 2000 – REVISED MAY 2006
At T
A = +25°C, G = +2, RF = 402Ω, and RL = 100Ω, unless otherwise noted. See Figure 28 and Figure 29 for AC
performance only.
OPA2652U, E
MIN/MAX OVER
TYP
TEMPERATURE
0
°C to –40°C to
MIN/
TEST
PARAMETER
CONDITIONS
+25
°C
+25
°C(2) 70°C(3) +85°C(3)
UNITS
MAX
LEVEL(1)
AC PERFORMANCE
(Figure 28 and Figure 29)
Small-Signal Bandwidth
G = +1, RF = 25Ω, VO = 200mVPP
700
MHz
typ
C
G = +2,VO = 200mVPP
200
MHz
typ
C
G = +5,VO = 200mVPP
45
MHz
typ
C
Gain Bandwidth Product
G
≥ +10
200
MHz
typ
C
Bandwidth for 0.1dB Flatness
VO = 200mVPP
50
MHz
typ
C
Peaking at a Gain of +1
G = +1, RF = 25Ω, VO = 200mVPP
0
dB
typ
C
Slew Rate
4V step
335
V/
µs
typ
C
Rise-and-Fall Time
200mV step
2.0
ns
typ
C
4V step
10
ns
typ
C
Large-Signal Bandwidth
VO = 4VPP
50
MHz
typ
C
SFDR
VO = 2VPP, 5MHz
66
dB
typ
C
Input Voltage Noise
f > 1MHz
8
nV/
√Hz
typ
C
Input Current Noise
f > 1MHz
1.4
pA/
√Hz
typ
C
Differential Gain Error
NTSC, RL = 150Ω
0.05
%
typ
C
Differential Phase Error
NTSC, RL = 150Ω
0.03
degrees
typ
C
Channel-to-Channel Crosstalk
f = 5MHz
–100
dBc
typ
C
DC PERFORMANCE(4)
VCM = 0V
Open-Loop Voltage Gain (AOL)
63
56
55
54
dB
min
A
Input Offset Voltage
±1.5
±7
mV
max
A
Average Offset Drift
5
7
µV/°C
max
B
Input Bias Current
4
15
20
25
µA
max
A
Input Bias Current Drift
µA/°C
max
B
Input Offset Current
±0.3
±1.0
±1.4
±2.0
µA
max
A
Input Offset Current Drift
µA/°C
max
B
INPUT(4)
Common-Mode Input Range
±4.0
±3.0
±2.8
±2.7
V
min
A
Common-Mode Rejection Ratio
95
75
dB
min
A
Input Impedance
VCM = 0V
Differential
35 || 1
k
Ω || pF
typ
C
Common-Mode
18 || 1
M
Ω || pF
typ
C
(1)
Test levels: (A) 100% tested at +25
°C. Over temperature limits set by characterization and simulation. (B) Limits set by characterization
and simulation. (C) Typical value only for information.
(2)
Junction temperature = ambient for +25
°C tested specifications.
(3)
Junction temperature = ambient at low temperature limit; junction temperature = ambient +23
°C at high temperature limit for over
temperature specifications.
(4)
Current is considered positive-out-of node. VCM is the input common-mode voltage.
3
Submit Documentation Feedback


Similar Part No. - OPA2652U2K5G4

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
OPA2652U2K5G4 NSC-OPA2652U2K5G4 Datasheet
826Kb / 23P
   Dual, 700MHz, Voltage-Feedback OPERATIONAL AMPLIFIER
More results

Similar Description - OPA2652U2K5G4

ManufacturerPart #DatasheetDescription
logo
Burr-Brown (TI)
OPA2652 BURR-BROWN-OPA2652 Datasheet
154Kb / 15P
   Dual, 700MHz, Voltage-Feedback OPERATIONAL AMPLIFIER
logo
National Semiconductor ...
OPA2652 NSC-OPA2652 Datasheet
826Kb / 23P
   Dual, 700MHz, Voltage-Feedback OPERATIONAL AMPLIFIER
logo
Texas Instruments
OPA2652 TI1-OPA2652 Datasheet
833Kb / 23P
[Old version datasheet]   Dual, 700MHz, Voltage-Feedback OPERATIONAL AMPLIFIER
logo
Linear Technology
LT1886 LINER-LT1886 Datasheet
331Kb / 16P
   Dual 700MHz, 200mA Operational Amplifier
LT1886 LINER-LT1886_15 Datasheet
277Kb / 16P
   Dual 700MHz, 200mA Operational Amplifier
logo
Intersil Corporation
HFA1150 INTERSIL-HFA1150_04 Datasheet
341Kb / 11P
   700MHz, SOT-23, Low Distortion Current Feedback Operational Amplifier
logo
Renesas Technology Corp
HFA1150 RENESAS-HFA1150 Datasheet
713Kb / 11P
   700MHz, SOT-23, Low Distortion Current Feedback Operational Amplifier
logo
Intersil Corporation
HFA1150 INTERSIL-HFA1150 Datasheet
203Kb / 13P
   700MHz, SOT-23, Low Distortion Current Feedback Operational Amplifier
March 2000
logo
Texas Instruments
OPA687 TI1-OPA687 Datasheet
301Kb / 17P
[Old version datasheet]   Voltage Feedback OPERATIONAL AMPLIFIER
THS4281 TI1-THS4281 Datasheet
2Mb / 43P
[Old version datasheet]   Voltage-Feedback Operational Amplifier
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com