Electronic Components Datasheet Search |
|
PEC16-4020F-S0012 Datasheet(PDF) 1 Page - Bourns Electronic Solutions |
|
PEC16-4020F-S0012 Datasheet(HTML) 1 Page - Bourns Electronic Solutions |
1 / 3 page *RoHS Directive 2002/95/EC Jan 27 2003 including Annex Specifications are subject to change without notice. Customers should verify actual device performance in their specific applications. PEC16 - 4 0 20 F - S 0012 Model Terminal Configuration 2 = PC Pin Vertical/Down Facing 4 = PC Horizontal/Rear Facing Detent Option 0 = No Detents 1 = 12 Detents* (available with 12 pulses only) 2 = 24 Detents (available with 12 or 24 pulses) Standard Shaft Length 15 = 15 mm 20 = 20.0 mm 25 = 25.0 mm* 30 = 30.0 mm* Shaft Style F = Insulated Flatted Shaft Switch Configuration S = Push Momentary Switch N = No Switch Resolution 0012 = 12 Pulses per 360 ° Rotation 0024 = 24 Pulses per 360 ° Rotation * Not available with switch How to Order PEC16 - 16 mm Incremental Encoder Features ■ Compact design, long life and high reliability ■ Low cost compared to optical type encoders ■ Available in a wide variety of configura- tions to meet many user requirements Applications Level control, tuning and timer settings in: ■ Audio-visual equipment ■ Consumer electric appliances ■ Radios ■ Musical instrumentation ■ Communications equipment Electrical Characteristics Output ................................................................................................................................................................................................................2-bit gray code Closed Circuit Resistance ..............................................................................................................................................................................3 ohms maximum Contact Rating ....................................................................................................................................................................................................1 mA @ 5 VDC Insulation Resistance ............................................................................................................................................................................10 megohms @ 50 VDC Dielectric Withstanding Voltage Sea Level ....................................................................................................................................................................................................50 VAC minimum Electrical Travel ........................................................................................................................................................................................................Continuous Contact Bounce (15 RPM) ..............................................................................................................................................................................5.0 ms. maximum RPM (Operating) ..................................................................................................................................................................................................100 maximum Environmental Characteristics Operating Temperature Range ..........................................................................................................................................-30 °C to +70 °C (-22 °F to +158 °F) Storage Temperature Range ............................................................................................................................................-40 °C to +85 °C (-40 °F to +185 °F) Humidity....................................................................................................................................................................MIL-STD-202, Method 103B, Condition B Vibration ..............................................................................................................................................................................................................................30 G Contact Bounce ..................................................................................................................................................10~55~10 Hz / 1 min. / Amplitude 1.5 mm Shock ................................................................................................................................................................................................................................100 G Rotational Life......................................................................................................................................................................................100,000 cycles minimum Switch Life ............................................................................................................................................................................................20,000 cycles minimum IP Rating ..............................................................................................................................................................................................................................IP 40 Mechanical Characteristics Mechanical Angle ............................................................................................................................................................................................360 ° continuous Torque Running ......................................................................................................................................................................30.6 to 204 g-cm (0.42 to 2.83 oz.-in) Mounting ........................................................................................................................................................................10.2 kgf. cm (8.83 lb.-in.) maximum Shaft Side Load (Static) ..................................................................................................................................................................3.06 kgf (6.7 lbs.) minimum Weight ................................................................................................................................................................................................8 gm (0.28 oz.) maximum Terminals ....................................................................................................................................................................................Printed circuit board terminals Terminals ....................................................................................................................................................................................Printed circuit board terminals Soldering Condition Wave Soldering........................................................................................Sn95.5/Ag2.8/Cu0.7 solder with no-clean flux: 260 °C max. for 3-5 seconds Hand Soldering ....................................................................................................................................................................................Not recommended Hardware ........................................................................................................................One flat washer and one mounting nut supplied with each encoder. Switch Characteristics Switch Type ......................................................................................................................................................................Contact Push ON Momentary SPST Power Rating (Resistive Load) ........................................................................................................................................................................10 mA at 5 V DC Switch Travel....................................................................................................................................................................................................0.5 +0.4/-0.3 mm Switch Actuation Force ..................................................................................................................................................360 +153/-102 gf (5 +2.1/-1.4 oz.-in.) Quadrature Output Table A Signal CW D ON OFF B Signal |
Similar Part No. - PEC16-4020F-S0012 |
|
Similar Description - PEC16-4020F-S0012 |
|
|
Link URL |
Privacy Policy |
ALLDATASHEET.COM |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Datasheet Upload | Contact us | Privacy Policy | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |