Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

NE46100 Datasheet(PDF) 7 Page - California Eastern Labs

Part # NE46100
Description  NECs NPN MEDIUM POWER MICROWAVE TRANSISTOR
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CEL [California Eastern Labs]
Direct Link  http://www.cel.com
Logo CEL - California Eastern Labs

NE46100 Datasheet(HTML) 7 Page - California Eastern Labs

Back Button NE46100 Datasheet HTML 3Page - California Eastern Labs NE46100 Datasheet HTML 4Page - California Eastern Labs NE46100 Datasheet HTML 5Page - California Eastern Labs NE46100 Datasheet HTML 6Page - California Eastern Labs NE46100 Datasheet HTML 7Page - California Eastern Labs NE46100 Datasheet HTML 8Page - California Eastern Labs NE46100 Datasheet HTML 9Page - California Eastern Labs NE46100 Datasheet HTML 10Page - California Eastern Labs NE46100 Datasheet HTML 11Page - California Eastern Labs  
Zoom Inzoom in Zoom Outzoom out
 7 / 11 page
background image
0.05
0.425
-99.7
32.606
124.1
0.026
62.0
0.578
-62.5
0.50
30.9
0.10
0.412
-136.7
18.679
105.2
0.037
62.5
0.358
-86.9
0.74
27.1
0.20
0.393
-166.1
9.787
91.7
0.060
64.4
0.230
-109.0
0.95
22.2
0.40
0.385
171.3
4.993
78.6
0.107
67.5
0.186
-126.9
1.05
15.3
0.60
0.387
156.0
3.382
69.5
0.154
65.9
0.188
-133.0
1.07
11.7
0.80
0.392
143.7
2.587
61.2
0.201
62.7
0.202
-135.1
1.08
9.4
1.00
0.392
133.1
2.123
53.7
0.245
58.8
0.221
-136.0
1.07
7.8
1.20
0.397
122.5
1.822
46.5
0.288
54.5
0.244
-136.4
1.06
6.5
1.40
0.391
113.1
1.620
39.8
0.327
50.1
0.271
-136.9
1.05
5.6
1.60
0.382
103.9
1.449
33.6
0.363
45.6
0.300
-137.3
1.05
4.7
1.80
0.375
95.6
1.325
28.4
0.394
41.8
0.328
-139.0
1.04
4.0
2.00
0.372
85.9
1.239
23.2
0.428
37.6
0.352
-139.7
1.03
3.5
2.20
0.359
76.6
1.161
17.8
0.456
33.3
0.378
-140.3
1.03
3.0
2.40
0.348
67.0
1.100
13.3
0.482
29.2
0.400
-141.1
1.02
2.6
2.50
0.340
61.9
1.075
11.2
0.494
27.3
0.411
-141.4
1.02
2.4
TYPICAL COMMON EMITTER SCATTERING PARAMETERS (TA = 25°C)
Coordinates in Ohms
Frequency in GHz
VCE = 5 V, IC = 50 mA
NE46134
VCE = 5 V, IC = 50 mA
FREQUENCY
S11
S21
S12
S22
K
MAG2
(GHz)
MAG
ANG
MAG
ANG
MAG
ANG
MAG
ANG
(dB)
See notes on previous page.
NE46100, NE46134
0.05
0.388
-112.1
34.051
120.8
0.022
64.0
0.523
-69.6
0.59
31.9
0.10
0.394
-146.4
18.931
103.0
0.035
65.0
0.324
-95.6
0.82
27.3
0.20
0.381
171.4
9.827
90.6
0.060
68.3
0.221
-119.6
0.98
22.1
0.40
0.384
168.4
5.002
78.2
0.111
69.5
0.189
-137.1
1.05
15.2
0.60
0.384
153.8
3.389
69.4
0.161
67.0
0.192
-142.3
1.07
11.6
0.80
0.389
141.8
2.595
61.3
0.209
63.1
0.203
-143.6
1.07
9.3
1.00
0.388
131.1
2.135
54.0
0.256
58.8
0.219
-143.5
1.06
7.7
1.20
0.389
120.2
1.833
46.9
0.300
54.2
0.239
-142.9
1.05
6.4
1.40
0.383
110.8
1.634
40.3
0.341
49.5
0.263
-142.4
1.04
5.5
1.60
0.373
101.1
1.464
33.9
0.377
44.8
0.290
-141.9
1.04
4.6
1.80
0.364
92.8
1.340
28.7
0.409
40.8
0.316
-142.9
1.04
3.9
2.00
0.359
82.9
1.257
23.5
0.443
36.4
0.338
-143.0
1.03
3.4
2.20
0.346
73.2
1.180
18.1
0.471
32.0
0.362
-143.1
1.03
3.0
2.40
0.334
63.2
1.121
13.4
0.497
27.7
0.384
-143.3
1.03
2.6
2.50
0.327
57.8
1.092
11.4
0.508
25.7
0.394
-143.4
1.03
2.3
VCE = 5 V, lC = 100 mA
VCE = 8 V, lC = 50 mA
0.05
0.439
-95.9
33.732
125.2
0.024
61.2
0.594
-58.7
0.48
31.4
0.10
0.397
-133.0
19.510
106.0
0.036
62.2
0.363
-81.0
0.74
27.4
0.20
0.368
-162.9
10.263
92.2
0.058
65.1
0.227
-100.6
0.95
22.5
0.40
0.364
172.4
5.239
79.1
0.103
68.1
0.176
-117.2
1.05
15.7
0.60
0.363
156.6
3.545
70.0
0.150
66.3
0.178
-123.5
1.07
12.1
0.80
0.369
143.8
2.706
61.7
0.195
63.1
0.193
-126.3
1.07
9.8
1.00
0.368
132.9
2.216
54.3
0.238
59.3
0.215
-128.0
1.07
8.1
1.20
0.375
121.7
1.896
46.9
0.279
55.1
0.241
-129.2
1.06
6.8
1.40
0.371
112.8
1.681
40.3
0.319
50.8
0.270
-130.5
1.05
5.9
1.60
0.365
103.2
1.499
34.0
0.353
46.3
0.302
-131.7
1.04
5.0
1.80
0.360
94.9
1.368
28.9
0.384
42.6
0.331
-133.9
1.04
4.3
2.00
0.357
85.1
1.274
23.7
0.417
38.4
0.358
-135.1
1.03
3.8
2.20
0.345
75.4
1.191
18.1
0.445
34.2
0.385
-136.2
1.03
3.3
2.40
0.335
65.8
1.126
13.6
0.470
30.2
0.409
-137.3
1.02
2.9
2.50
0.331
60.7
1.094
11.7
0.482
28.3
0.421
-137.8
1.02
2.7
+120˚
+150˚
±180˚
+90˚
+60˚
+30˚
-120˚
-150˚
-90˚
-60˚
-30˚
S21
.05 GHz
S21
2.5 GHz
S12
.05 GHz
S12
2.5 GHz
j50
j25
j10
0
-j10
-j25
-j50
-j100
j100
S11
.05 GHz
S22
.05 GHz
S11
2.5 GHz
S22
2.5 GHz


Similar Part No. - NE46100

ManufacturerPart #DatasheetDescription
logo
NEC
NE46100 NEC-NE46100 Datasheet
137Kb / 10P
   NECs NPN MEDIUM POWER MICROWAVE TRANSISTOR
More results

Similar Description - NE46100

ManufacturerPart #DatasheetDescription
logo
NEC
NE46100 NEC-NE46100 Datasheet
137Kb / 10P
   NECs NPN MEDIUM POWER MICROWAVE TRANSISTOR
NE56900 NEC-NE56900 Datasheet
166Kb / 5P
   NPN MEDIUM POWER MICROWAVE TRANSISTOR
NE64300 NEC-NE64300 Datasheet
265Kb / 6P
   NPN MEDIUM POWER MICROWAVE TRANSISTOR
logo
California Eastern Labs
2SC4536 CEL-2SC4536 Datasheet
640Kb / 10P
   NPN MEDIUM POWER MICROWAVE TRANSISTOR
logo
List of Unclassifed Man...
B15V140 ETC1-B15V140 Datasheet
53Kb / 7P
   MEDIUM POWER SILICON MICROWAVE TRANSISTOR
BRF480 ETC1-BRF480 Datasheet
46Kb / 6P
   MEDIUM POWER SILICON MICROWAVE TRANSISTOR
logo
M/A-COM Technology Solu...
MRF10031 MA-COM-MRF10031 Datasheet
195Kb / 5P
   Microwave Power Silicon NPN Transistor Microwave Power Silicon NPN Transistor
logo
California Eastern Labs
NE687M03 CEL-NE687M03 Datasheet
308Kb / 4P
   NECs NPN SILICON TRANSISTOR
logo
NXP Semiconductors
LXE16350X PHILIPS-LXE16350X Datasheet
88Kb / 12P
   NPN microwave power transistor
1997 Feb 19
LZ1418E100R PHILIPS-LZ1418E100R Datasheet
66Kb / 12P
   NPN microwave power transistor
1997 Feb 18
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com